Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4404.0105 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 4404.0105
Description  Circuit Breaker for Equipment thermal, THT terminals for PCB mounting horizontal, 1 pole
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4404.0105 Datasheet(HTML) 2 Page - Schurter Inc.

  4404.0105 Datasheet HTML 1Page - Schurter Inc. 4404.0105 Datasheet HTML 2Page - Schurter Inc. 4404.0105 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Thermal (T- and TA-Line)
T9-818
www.schurter.com /PG17_18_19
Circuit Breakers
Assembly Instructions
1)
2)
3)
1) Front panel
2) PCB
3) T9-818
Approval
Rated current
Rated voltage AC
Rated voltage DC
UL 1077
3 - 12 A
14 - 15 A
240 V
240 V
48 V
32 V
CSA 22.2 235
3 - 12 A
14 - 15 A
240 V
240 V
48 V
32 V
IEC 60934
3 - 12 A
14 - 15 A
240 V
240 V
48 V
32 V
GB 17701
3 - 12 A
14 - 15 A
240 V
240 V
48 V
32 V
Typical internal resistance
Rated Current [A]
Internal Resistance [m
Ω]
3
80.0
4
26.3
5
24.1
6
19.0
7
18.0
8
14.8
10
13.0
12
12.7
14
9.7
15
8.0


Similar Part No. - 4404.0105

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4404.0001 SCHURTER-4404.0001 Datasheet
336Kb / 4P
   Circuit Breaker for Equipment thermal, Snap-in type, Fuseholder style, 1 pole
4404.0002 SCHURTER-4404.0002 Datasheet
336Kb / 4P
   Circuit Breaker for Equipment thermal, Snap-in type, Fuseholder style, 1 pole
4404.0003 SCHURTER-4404.0003 Datasheet
336Kb / 4P
   Circuit Breaker for Equipment thermal, Snap-in type, Fuseholder style, 1 pole
4404.0004 SCHURTER-4404.0004 Datasheet
336Kb / 4P
   Circuit Breaker for Equipment thermal, Snap-in type, Fuseholder style, 1 pole
4404.0005 SCHURTER-4404.0005 Datasheet
336Kb / 4P
   Circuit Breaker for Equipment thermal, Snap-in type, Fuseholder style, 1 pole
More results

Similar Description - 4404.0105

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
T9-818 SCHURTER-T9-818_18 Datasheet
388Kb / 4P
   Circuit Breaker for Equipment thermal, THT terminals for PCB mounting horizontal, 1 pole
T9-818 SCHURTER-T9-818_V01 Datasheet
403Kb / 4P
   Circuit Breaker for Equipment thermal, THT terminals for PCB mounting horizontal, 1 pole
T9-818 SCHURTER-T9-818 Datasheet
377Kb / 4P
   Circuit Breaker for Equipment thermal, THT terminals for PCB mounting, 1 pole
T9-817 SCHURTER-T9-817 Datasheet
295Kb / 3P
   Circuit Breaker for Equipment thermal vertical, THT terminals for PCB mounting, 1 pole
T9-817 SCHURTER-T9-817_18 Datasheet
332Kb / 4P
   Circuit Breaker for Equipment thermal vertical, THT terminals for PCB mounting, 1 pole
T9-817 SCHURTER-T9-817_V01 Datasheet
346Kb / 4P
   Circuit Breaker for Equipment thermal vertical, THT terminals for PCB mounting, 1 pole
AS168XDC1 SCHURTER-AS168XDC1 Datasheet
441Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 1 pole
TA35ROCKER1POLE SCHURTER-TA35ROCKER1POLE Datasheet
506Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
4435.0456 SCHURTER-4435.0456 Datasheet
571Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
T9-311 SCHURTER-T9-311 Datasheet
327Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com