Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4404.0034 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 4404.0034
Description  Circuit Breaker for Equipment thermal, Snap-in rear side, 1 pole
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4404.0034 Datasheet(HTML) 3 Page - Schurter Inc.

  4404.0034 Datasheet HTML 1Page - Schurter Inc. 4404.0034 Datasheet HTML 2Page - Schurter Inc. 4404.0034 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Thermal (T- and TA-Line)
T9-711
www.schurter.com /PG17_18_19
Circuit Breakers
Effect of ambient temperature
The units are calibrated for an ambient temperature of +23°C. To determine the rated cur-
rent for a lower or higher ambient temperature, use a correction factor (typical value) from
the table below:
Ambient temperature [°C]
Correction factor
-5
0,85
+10
0,95
+23
1,00
+40
1,08
+60
1,21
Example: Rated current = 10 A; Environmental temperature = 60 °C; --> Correction factor
= 1.21; Resulting current = 12.1 A --> Fount to next higher rated current: 13 A
Accessory
Part Number
Type
Resources / Description
4404.0039
TZZ31
Protection cover for IP 65
4400.0420
TZZ11
Knurled nut nickel-plated
4400.0559
TZZ11-414
Knurled nut black
4400.0425
TZZ12
Additional hexagonal nut nickel-plated
4404.0072
TZZ51
Additional hexagonal nut PA 66
Variants
Mounting
Front printing
Rated current
Order Number
Snap-in mounting from rear side
Rated current not printed on front
3.0 A
4404.0057
Snap-in mounting from rear side
Rated current not printed on front
4.0 A
4404.0029
Snap-in mounting from rear side
Rated current not printed on front
5.0 A
4404.0035
Snap-in mounting from rear side
Rated current not printed on front
6.0
4404.0030
Snap-in mounting from rear side
Rated current not printed on front
7.0 A
4404.0037
Snap-in mounting from rear side
Rated current not printed on front
8.0 A
4404.0031
Snap-in mounting from rear side
Rated current not printed on front
10.0 A
4404.0032
Snap-in mounting from rear side
Rated current not printed on front
12.0 A
4404.0033
Snap-in mounting from rear side
Rated current not printed on front
14.0 A
4404.0036
Snap-in mounting from rear side
Rated current not printed on front
15.0 A
4404.0038
Snap-in mounting from rear side
Rated current not printed on front
16.0 A
4404.0034
Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER
Packaging Unit
100 Pcs
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - 4404.0034

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4404.0039 SCHURTER-4404.0039 Datasheet
222Kb / 4P
   Resettable Thermal Circuit Breaker
More results

Similar Description - 4404.0034

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
T9-711 SCHURTER-T9-711_18 Datasheet
333Kb / 4P
   Circuit Breaker for Equipment thermal, Snap-in rear side, 1 pole
T9-711 SCHURTER-T9-711_V01 Datasheet
344Kb / 4P
   Circuit Breaker for Equipment thermal, Snap-in rear side, 1 pole
T9-611 SCHURTER-T9-611 Datasheet
336Kb / 4P
   Circuit Breaker for Equipment thermal, Snap-in type, Fuseholder style, 1 pole
T9-611 SCHURTER-T9-611_18 Datasheet
345Kb / 4P
   Circuit Breaker for Equipment thermal, Snap-in type, Fuseholder style, 1 pole
AS168XDC1 SCHURTER-AS168XDC1 Datasheet
441Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 1 pole
TA35ROCKER1POLE SCHURTER-TA35ROCKER1POLE Datasheet
506Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
4435.0456 SCHURTER-4435.0456 Datasheet
571Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
T9-311 SCHURTER-T9-311 Datasheet
327Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
T9-211 SCHURTER-T9-211 Datasheet
350Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
T9-211 SCHURTER-T9-211_V01 Datasheet
350Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com