Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4404.0026 Datasheet(PDF) 4 Page - Schurter Inc.

Part # 4404.0026
Description  Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4404.0026 Datasheet(HTML) 4 Page - Schurter Inc.

  4404.0026 Datasheet HTML 1Page - Schurter Inc. 4404.0026 Datasheet HTML 2Page - Schurter Inc. 4404.0026 Datasheet HTML 3Page - Schurter Inc. 4404.0026 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Thermal (T- and TA-Line)
T9-311
www.schurter.com /PG17_18_19
Circuit Breakers
Threaded-neck type
Rated current not printed on front
10.0 A
4404.0022
Threaded-neck type
Rated current not printed on front
12.0 A
4404.0023
Threaded-neck type
Rated current not printed on front
14.0 A
4404.0026
Threaded-neck type
Rated current not printed on front
15.0 A
4404.0028
Threaded-neck type
Rated current not printed on front
16.0 A
4404.0024
Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER
Packaging Unit
100 Pcs
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - 4404.0026

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4404.0029 SCHURTER-4404.0029 Datasheet
297Kb / 3P
   Circuit Breaker for Equipment thermal, Snap-in rear side, 1 pole
More results

Similar Description - 4404.0026

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TS-709 SCHURTER-TS-709 Datasheet
1Mb / 9P
   Circuit Breaker for Equipment, thermal, Threaded-neck type, 1?pole
TS-709 SCHURTER-TS-709_V01 Datasheet
324Kb / 9P
   Circuit Breaker for Equipment, thermal, Threaded-neck type, 1 pole
T9-311 SCHURTER-T9-311_18 Datasheet
336Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
TS-701 SCHURTER-TS-701 Datasheet
1Mb / 9P
   Circuit Breaker for Equipment, thermal, Threaded-neck type, 1?pole
TS-709 SCHURTER-TS-709_V02 Datasheet
324Kb / 9P
   Circuit Breaker for Equipment, thermal, Threaded-neck type, 1 pole
09.12.2021
T9-211 SCHURTER-T9-211 Datasheet
350Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
T9-211 SCHURTER-T9-211_V01 Datasheet
350Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
04.01.2022
T9-211 SCHURTER-T9-211_V02 Datasheet
350Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
08.06.2022
T13-212 SCHURTER-T13-212 Datasheet
383Kb / 6P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Screw terminals
T13-212 SCHURTER-T13-212_V01 Datasheet
432Kb / 7P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Screw terminals
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com