Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4404.0029 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 4404.0029
Description  Circuit Breaker for Equipment thermal, Snap-in rear side, 1 pole
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4404.0029 Datasheet(HTML) 2 Page - Schurter Inc.

  4404.0029 Datasheet HTML 1Page - Schurter Inc. 4404.0029 Datasheet HTML 2Page - Schurter Inc. 4404.0029 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Thermal (T- and TA-Line)
T9-711
www.schurter.com /PG17_18_19
Circuit Breakers
Approval
Rated current
Rated voltage AC
Rated voltage DC
UL 1077
3 - 12 A
14 - 16 A
240 V
240 V
48 V
32 V
CSA 22.2 235
3 - 12 A
14 - 16 A
240 V
240 V
48 V
32 V
IEC 60934
3 - 12 A
14 - 16 A
240 V
240 V
48 V
32 V
GB 17701
3 - 12 A
14 - 16 A
240 V
240 V
48 V
32 V
Typical internal resistance
Rated Current [A]
Internal Resistance [m
Ω]
3
65.0
4
21.6
5
23.6
6
16.3
7
15.3
8
12.9
10
7.3
12
7.0
14
4.8
15
4.3
16
3.9
Time-Current-Curves
23
45
16
78
10
[min]
[sec]
10'000
1'000
100
1
0.1
10
30
20
10
5
3
1
60
T9
5 A -16 A (TC-1)
4 A
(TC-2)
Multiple of Rated Current In
Reference Temperature +23°
23
45
16
78
10
[min]
[sec]
10'000
1'000
100
1
0.1
10
30
20
10
5
3
1
60
T9
3 A
(TC-2)
Multiple of Rated Current In
Reference Temperature +23°


Similar Part No. - 4404.0029

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4404.0020 SCHURTER-4404.0020 Datasheet
327Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
4404.0021 SCHURTER-4404.0021 Datasheet
327Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
4404.0022 SCHURTER-4404.0022 Datasheet
327Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
4404.0023 SCHURTER-4404.0023 Datasheet
327Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
4404.0024 SCHURTER-4404.0024 Datasheet
327Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
More results

Similar Description - 4404.0029

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
T9-711 SCHURTER-T9-711_18 Datasheet
333Kb / 4P
   Circuit Breaker for Equipment thermal, Snap-in rear side, 1 pole
T9-711 SCHURTER-T9-711_V01 Datasheet
344Kb / 4P
   Circuit Breaker for Equipment thermal, Snap-in rear side, 1 pole
T9-611 SCHURTER-T9-611 Datasheet
336Kb / 4P
   Circuit Breaker for Equipment thermal, Snap-in type, Fuseholder style, 1 pole
T9-611 SCHURTER-T9-611_18 Datasheet
345Kb / 4P
   Circuit Breaker for Equipment thermal, Snap-in type, Fuseholder style, 1 pole
AS168XDC1 SCHURTER-AS168XDC1 Datasheet
441Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 1 pole
TA35ROCKER1POLE SCHURTER-TA35ROCKER1POLE Datasheet
506Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
4435.0456 SCHURTER-4435.0456 Datasheet
571Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
T9-311 SCHURTER-T9-311 Datasheet
327Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
T9-211 SCHURTER-T9-211 Datasheet
350Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
T9-211 SCHURTER-T9-211_V01 Datasheet
350Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com