Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5500.2361 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 5500.2361
Description  1-stage filter with 1-phase CEE connector
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5500.2361 Datasheet(HTML) 2 Page - Schurter Inc.

  5500.2361 Datasheet HTML 1Page - Schurter Inc. 5500.2361 Datasheet HTML 2Page - Schurter Inc. 5500.2361 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
1-Phase Line Filters
FMAB CEE
www.schurter.com /PG84
EMC Products
Dimension
Case QU
26
max.100
L1'
4 mm ; 0.5-0.6 Nm
(3x)
N
PE
47
47
max.94
82±0.3
±0.2
2
max.160
1)
2)
3)
4)
1) Line
2) Load
3) Blue
4) Yellow-Green
Case QT
26.5
max.195
max.120
L1'
10 mm ; 1.5-1.8 Nm
(3x)
N
PE
56
61
max.111
100
11.5
±0.3
±0.2
2
1)
2)
3)
4)
1) Line
2) Load
3) Blue
4) Yellow-Green


Similar Part No. - 5500.2361

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
5500.2000 SCHURTER-5500.2000 Datasheet
573Kb / 4P
   AC Filter for PCB Mounting Cots Optimized Standard- or Medical-Filter
5500.2001 SCHURTER-5500.2001 Datasheet
573Kb / 4P
   AC Filter for PCB Mounting Cots Optimized Standard- or Medical-Filter
5500.2002 SCHURTER-5500.2002 Datasheet
573Kb / 4P
   AC Filter for PCB Mounting Cots Optimized Standard- or Medical-Filter
5500.2003 SCHURTER-5500.2003 Datasheet
573Kb / 4P
   AC Filter for PCB Mounting Cots Optimized Standard- or Medical-Filter
5500.2004 SCHURTER-5500.2004 Datasheet
573Kb / 4P
   AC Filter for PCB Mounting Cots Optimized Standard- or Medical-Filter
More results

Similar Description - 5500.2361

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMABCEE SCHURTER-FMABCEE_V01 Datasheet
372Kb / 4P
   1-stage filter with 1-phase CEE connector
FMADCEE SCHURTER-FMADCEE Datasheet
322Kb / 3P
   1-stage filter with 3-phase CEE connector
FMADCEE SCHURTER-FMADCEE_V01 Datasheet
362Kb / 4P
   1-stage filter with 3-phase CEE connector
FMAC SCHURTER-FMAC_V01 Datasheet
848Kb / 8P
   1- stage filter for 3-phase systems
FMADNEO SCHURTER-FMADNEO Datasheet
749Kb / 6P
   1-stage filter for 3-phase systems
FMAD SCHURTER-FMAD Datasheet
714Kb / 5P
   1-stage filter for 3-phase systems with neutral conductor
FMADCP SCHURTER-FMADCP Datasheet
442Kb / 4P
    1-stage filter for 3-phase systems with neutral conductor
FMAD SCHURTER-FMAD_V01 Datasheet
545Kb / 6P
   1-stage filter for 3-phase systems with neutral conductor
logo
COSEL CO., LTD.
EAP-06-472 COSEL-EAP-06-472 Datasheet
381Kb / 2P
   Small, Single phase input type (1-Stage filter)
October 06, 2021
logo
Schurter Inc.
FMW4-65 SCHURTER-FMW4-65 Datasheet
327Kb / 2P
   Compact 1-stage filter for 3-phase systems with neutral conductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com