Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPW55N80C3 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SPW55N80C3
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPW55N80C3 Datasheet(HTML) 5 Page - Infineon Technologies AG

  SPW55N80C3 Datasheet HTML 1Page - Infineon Technologies AG SPW55N80C3 Datasheet HTML 2Page - Infineon Technologies AG SPW55N80C3 Datasheet HTML 3Page - Infineon Technologies AG SPW55N80C3 Datasheet HTML 4Page - Infineon Technologies AG SPW55N80C3 Datasheet HTML 5Page - Infineon Technologies AG SPW55N80C3 Datasheet HTML 6Page - Infineon Technologies AG SPW55N80C3 Datasheet HTML 7Page - Infineon Technologies AG SPW55N80C3 Datasheet HTML 8Page - Infineon Technologies AG SPW55N80C3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
!
0
&
&
&
&
'( )*
!
!
!
"
#
$
%
/ /
9
b
9 %
9 /
WcdJ
#
G-7=
/ /
9
b
9 %
B
WcdQ
D
G-7=
6 6
% 6
*
,
H
/% 6
* % +
%H 6
6/
OXNe
D
G-
D
$
D?
& C %
9 / C%
/


Similar Part No. - SPW55N80C3

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
SPW55N80C3 ISC-SPW55N80C3 Datasheet
374Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com