Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6051.2197 Datasheet(PDF) 4 Page - Schurter Inc.

Part # 6051.2197
Description  IEC Appliance Outlet J, Snap-in Mounting, Front Side, IDC Terminal
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

6051.2197 Datasheet(HTML) 4 Page - Schurter Inc.

  6051.2197 Datasheet HTML 1Page - Schurter Inc. 6051.2197 Datasheet HTML 2Page - Schurter Inc. 6051.2197 Datasheet HTML 3Page - Schurter Inc. 6051.2197 Datasheet HTML 4Page - Schurter Inc. 6051.2197 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Connectors (Inlets/Outlets)
4710
www.schurter.com /PG07
Connectors
Assembly Instructions
Mounting tool version "cross"
2.8
17.9
0.4
6.6
6.6
min. 8.2
(15)
6
min. 4
21.3
±0.1
+0.10
0
4.3
Mounting tool version "along"
0.5
26
15
(15)
3
min. 8.2
min. 4
15
7.5
+0.10
0
4.3
6±0.10
All Variants
Alignment 1)
Conductor cross section
Panel Thickness
s [mm]
Terminal type live contact
Order Number
along
2.5 mm²
1.5
IDC terminal
4710.6014
along
2.5 mm²
1.5
Quick connect terminal 6.3 x 0.8
4710.6254
along
2.5 mm²
1.5
Solder terminal
4710.6154
along
4.0 mm² / 12 AWG
1
IDC terminal
4710.4012
along
4.0 mm² / 12 AWG
1.5
IDC terminal
4710.4014
along
4.0 mm² / 12 AWG
1.5
Quick connect terminal 6.3 x 0.8
4710.4254
along
4.0 mm² / 12 AWG
1.5
Solder terminal
4710.4154
along
6.0 mm² / 10 AWG
1.5
IDC terminal
4710.2014
along
6.0 mm² / 10 AWG
1.5
Quick connect terminal 6.3 x 0.8
4710.2254
along
6.0 mm² / 10 AWG
1.5
Solder terminal
4710.2154
cross
2.5 mm²
1.5
IDC terminal
4710.5014
cross
2.5 mm²
1.5
Quick connect terminal 6.3 x 0.8
4710.5254
cross
2.5 mm²
1.5
Solder terminal
4710.5154
cross
4.0 mm² / 12 AWG
1.5
IDC terminal
4710.3014
cross
4.0 mm² / 12 AWG
2
IDC terminal
4710.3015
cross
4.0 mm² / 12 AWG
1.5
Quick connect terminal 6.3 x 0.8
4710.3254
cross
4.0 mm² / 12 AWG
1.5
Solder terminal
4710.3154
cross
6.0 mm² / 10 AWG
1.5
IDC terminal
4710.1014
cross
6.0 mm² / 10 AWG
1.5
Quick connect terminal 6.3 x 0.8
4710.1254
cross
6.0 mm² / 10 AWG
1.5
solder terminal
4710.1154
Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER
1) The alignment describes whether the wires are along or across to the connector pin axis.
Packaging unit
50 Pcs


Similar Part No. - 6051.2197

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6051.2190 SCHURTER-6051.2190 Datasheet
312Kb / 3P
   AU Power Supply Cord with IEC Connector C13, V-Lock, straight
6051.2191 SCHURTER-6051.2191 Datasheet
307Kb / 3P
   JP Power Supply Cord with IEC Connector C13, V-Lock, straight
More results

Similar Description - 6051.2197

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4710_1809 SCHURTER-4710_1809 Datasheet
441Kb / 5P
   IEC Appliance Outlet J, Snap-in Mounting, Front Side, IDC Terminal
4710 SCHURTER-4710_V01 Datasheet
464Kb / 6P
   IEC Appliance Outlet J, Snap-in Mounting, Front Side, IDC Terminal
05.01.2022
4710 SCHURTER-4710_18 Datasheet
457Kb / 6P
   IEC Appliance Outlet J, Snap-in Mounting, Front Side, IDC Terminal
4710.6014 SCHURTER-4710.6014 Datasheet
374Kb / 4P
   IEC Appliance Outlet J, Snap-in Mounting, Front Side, IDC Terminal
4710 SCHURTER-4710_21 Datasheet
464Kb / 6P
   IEC Appliance Outlet J, Snap-in Mounting, Front Side, IDC Terminal
6610 SCHURTER-6610 Datasheet
456Kb / 6P
   IEC Appliance Outlet F, Snap-in Mounting, Front Side, IDC Terminal
6610 SCHURTER-6610_V01 Datasheet
501Kb / 7P
   IEC Appliance Outlet F, Snap-in Mounting, Front Side, IDC Terminal
6610 SCHURTER-6610_V02 Datasheet
501Kb / 7P
   IEC Appliance Outlet F, Snap-in Mounting, Front Side, IDC Terminal
05.01.2022
6610_1809 SCHURTER-6610_1809 Datasheet
468Kb / 6P
   IEC Appliance Outlet F, Snap-in Mounting, Front Side, IDC Terminal
5213 SCHURTER-5213 Datasheet
316Kb / 2P
   IEC Appliance Outlet J, Snap-in Mounting, Front Side, Quick-connect Terminal
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com