Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4420.0402 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 4420.0402
Description  Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 3 poles
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4420.0402 Datasheet(HTML) 2 Page - Schurter Inc.

  4420.0402 Datasheet HTML 1Page - Schurter Inc. 4420.0402 Datasheet HTML 2Page - Schurter Inc. 4420.0402 Datasheet HTML 3Page - Schurter Inc. 4420.0402 Datasheet HTML 4Page - Schurter Inc. 4420.0402 Datasheet HTML 5Page - Schurter Inc. 4420.0402 Datasheet HTML 6Page - Schurter Inc. 4420.0402 Datasheet HTML 7Page - Schurter Inc. 4420.0402 Datasheet HTML 8Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Thermal-magnetic (TM and AS-line)
AS168XAC3
www.schurter.com /PG20
Circuit Breakers
Dimension
AS168X 3 pole
45
35
90
1.9
A)
52.5
B)
A) 35 mm DIN rail EN 50022
B) Max. torque
Wire crosssection
Max. torque
1.5 ... 10 mm2
2.5 Nm
16 ... 25 mm2
3.1 Nm
AWG #16 ... 8
20 ... 22 lb –in
AWG #6 ... 4
26 ... 28 lb –in
AS168X 3 pole and switched neutral pole
45
35
90
1.9
70
A)
B)
A) 35 mm DIN rail EN 50022
B) Max. torque
Wire crosssection
Max. torque
1.5 ... 10 mm2
2.5 Nm
16 ... 25 mm2
3.1 Nm
AWG #16 ... 8
20 ... 22 lb –in
AWG #6 ... 4
26 ... 28 lb –in


Similar Part No. - 4420.0402

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4420.0414 SCHURTER-4420.0414 Datasheet
397Kb / 5P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic
19.02.2018
4420.0416 SCHURTER-4420.0416 Datasheet
523Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
4420.0459 SCHURTER-4420.0459 Datasheet
453Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 2 poles
4420.0460 SCHURTER-4420.0460 Datasheet
441Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 1 pole
More results

Similar Description - 4420.0402

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
AS168XAC2 SCHURTER-AS168XAC2 Datasheet
523Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
AS168XAC4 SCHURTER-AS168XAC4_V01 Datasheet
537Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 4 poles
AS168XAC2 SCHURTER-AS168XAC2_V01 Datasheet
558Kb / 9P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
AS168XAC4 SCHURTER-AS168XAC4 Datasheet
503Kb / 7P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 4 poles
4420.0163 SCHURTER-4420.0163 Datasheet
397Kb / 5P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic
19.02.2018
AS168XAC1 SCHURTER-AS168XAC1 Datasheet
511Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 1 pole
AS168XDC3 SCHURTER-AS168XDC3 Datasheet
455Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 3 poles
AS168XDC2 SCHURTER-AS168XDC2 Datasheet
453Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 2 poles
4435.0229 SCHURTER-4435.0229 Datasheet
568Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 3 poles
TA35ROCKER3POLE SCHURTER-TA35ROCKER3POLE Datasheet
475Kb / 5P
   Circuit Breaker for Equipment thermal, Rocker actuation, 3 poles
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com