Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4420.0994 Datasheet(PDF) 5 Page - Schurter Inc.

Part # 4420.0994
Description  Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 3 poles
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4420.0994 Datasheet(HTML) 5 Page - Schurter Inc.

  4420.0994 Datasheet HTML 1Page - Schurter Inc. 4420.0994 Datasheet HTML 2Page - Schurter Inc. 4420.0994 Datasheet HTML 3Page - Schurter Inc. 4420.0994 Datasheet HTML 4Page - Schurter Inc. 4420.0994 Datasheet HTML 5Page - Schurter Inc. 4420.0994 Datasheet HTML 6Page - Schurter Inc. 4420.0994 Datasheet HTML 7Page - Schurter Inc. 4420.0994 Datasheet HTML 8Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Thermal-magnetic (TM and AS-line)
AS168XAC3
www.schurter.com /PG20
Circuit Breakers
Horsepower
(FLA & LRC Ratings Apply where no HP Rating is given)
Nominal Circuit Voltage, VAC
AS168X-CB
Motor Nameplate
110-
120
200208
220-
240
265
277
380-
415
440-
480
Rated Current
(See Note #1)
FLA
Rating
Starting/
LRC Rating
2 pole
1 pole
0.5A
0.5A
1A
1A
1.5A
1.5A
2A
2A
3A
3A
4A
4A
5A
5A
6A
6A
7A
7A
8A
8A
9A
9A
10A
10A
12A
12A
13A
13A
15A
15A
16A
16A
18A
18A
20A
20A
23A
23A
25A
25A
27A
27A
30A
30A
AS168X-CB
Nominal Circuit Voltage, VAC
110-120
200208
220-240
380-415
440-480
Rated Current
(See Note #1)
Note #1: For AC motor circuit nameplate FLA loads, AC general-use loades, AC resistance loads
FLA
Starting/
3 pole
0.5A
0.5A
1A
1A
1.5A
1.5A
1/2
2A
2A
3/4
3A
3A
1 1/ 2
4A
4A
2
5A
5A
3
6A
6A
3
7A
7A
3
8A
8A
5
9A
9A
5
10A
10A
5
12A
12A
7 1/ 2
13A
13A
7 1/ 2
15A
15A
10
16A
16A
10
18A
18A
10
20A
20A
10
23A
23A
15
25A
25A
15
27A
27A
20
30A
30A
20
Motor Nameplate
Horsepower
(FLA & LRC Ratings Apply where no HP Rating is given)
Rating
LRC Rating
10A
1/2
12.5A
3/4
20A
1/2
1/2
1/2
1
25A
3/4
3/4
3/4
1 1/2
32A
1/2
1
1
1
2
32A
1/2
1
1
1/2
2
32A
3/4
1/2
1/2
2
3
46A
3/4
2
2
2
3
46A
1
2
2
2
3
46A
1
2
2
3
5
63.5A
1 1/2
3
3
3
5
63.5A
1 1/2
3
3
3
5
81A
2
3
3
3
7 1/2
81A
2
3
3
5
7 1/2
81A
2
5
5
5
10
81A
3
5
5
5
10
116A
3
5
5
7 1/2
10
116A
3
5
7 1/2
7 1/2
10
145A
3
7 1/2
7 1/2
7 1/2
15
145A
3
7 1/2
7 1/2
10
15
1/10
1/10
1/10
1/10
1/6
12A
1/8
1/6
1/6
1/4
18A
1/10
1/6
1/6
1/4
1/4
1/3
1/3
1/2
24A
1/8
1/4
1/3
1/3
1/3
1/3
1/2
1
30A
1/6
1/3
1/3
1/2
1/2
1/2
3/4
1 1/2
36A
1/4
1/2
1/2
1/2
3/4
3/4
1
2
42A
1/4
1/2
1/2
3/4
1
1
1 1/2
2
48A
1/3
3/4
3/4
1
1
1
2
2
54A
1/3
3/4
1
1
1
1 1/2
2
3
60A
1/2
1
1
1 1/2
1 1/2
2
2
3
72A
1/2
1 1/2
1 1/2
2
2
2
3
3
78A
1/2
1 1/2
1 1/2
2
2
2
3
3
90A
3/4
2
2
2
3
3
3
5
96A
1
2
2
2
3
3
3
5
108A
1
2
2
3
3
3
5
5
120A
1 1/2
3
3
3
3
3
5
5
138A
1 1/2
3
3
3
3
3
5
7 1/2
150A
2
3
3
3
5
5
5
7 1/2
162A
2
3
3
3
5
5
7 1/2
10
180A
2
3
3
5
5
5
7 1/2
10


Similar Part No. - 4420.0994

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4420.0940 SCHURTER-4420.0940 Datasheet
455Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 3 poles
4420.0973 SCHURTER-4420.0973 Datasheet
511Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 1 pole
More results

Similar Description - 4420.0994

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
AS168XAC2 SCHURTER-AS168XAC2 Datasheet
523Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
AS168XAC4 SCHURTER-AS168XAC4_V01 Datasheet
537Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 4 poles
AS168XAC2 SCHURTER-AS168XAC2_V01 Datasheet
558Kb / 9P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
AS168XAC4 SCHURTER-AS168XAC4 Datasheet
503Kb / 7P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 4 poles
4420.0163 SCHURTER-4420.0163 Datasheet
397Kb / 5P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic
19.02.2018
AS168XAC1 SCHURTER-AS168XAC1 Datasheet
511Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 1 pole
AS168XDC3 SCHURTER-AS168XDC3 Datasheet
455Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 3 poles
AS168XDC2 SCHURTER-AS168XDC2 Datasheet
453Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 2 poles
4435.0229 SCHURTER-4435.0229 Datasheet
568Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 3 poles
TA35ROCKER3POLE SCHURTER-TA35ROCKER3POLE Datasheet
475Kb / 5P
   Circuit Breaker for Equipment thermal, Rocker actuation, 3 poles
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com