Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4312.0005 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 4312.0005
Description  IEC Connector protection degree IP67 / IP69K, Rewireable, Straight
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4312.0005 Datasheet(HTML) 1 Page - Schurter Inc.

  4312.0005 Datasheet HTML 1Page - Schurter Inc. 4312.0005 Datasheet HTML 2Page - Schurter Inc. 4312.0005 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Cord Connectors (rewireable)
4762
www.schurter.com /PG07b
Connectors
IEC Connector protection degree IP67 / IP69K, Rewireable, Straight
Set consisting of appliance inlet and connector
S15
120° C
Description
- Cord Connectors (rewireable) :
Screw
- Connector , Pin temperature 120 °C , Protection class I
- Push-Pull locking system
- Wire size 0.75-1.0mm², 18AWG-14AWG (0.82-2.08mm²)
- Cable diameter 6.0-10.0mm
- Protection cover as accessory for IP67 / IP69K unplugged
- Complete set consisting of appliance inlet and outlet
- Mating appliance inlet: 4761
Unique Selling Proposition
- Waterproofed Cord Connector IP 67 / IP 69K
- Perfect for use in harsh environments
- Push/Pull technology with interlocking system
- Very simple cable assembly
Approvals
- ENEC File Number: 40044382
- UL File Number: E96454
Weblinks
pdf-datasheet, html-datasheet, General Product Information, RoHS,
CHINA-RoHS, REACH, Distributor-Stock-Check, Accessories, Detailed
request for product
Technical Data
Ratings IEC
10 A / 250 VAC; 50 Hz
Ratings UL/CSA
15 A / 250 VAC; 60 Hz
Dielectric Strength
> 1.5 kVAC between L-N
> 1.5 kVAC between L/N-PE
(1 min/50 Hz)
Allowable Operation Temp.
-25 °C to 120 °C
IP-Protection
from front side IP67, IP69K acc. to IEC
60529
Insulation cover
Suitable for appliances with protection
class I acc. to IEC 61140
Terminal
Cable
Material: Housing
Thermoplastic, black / white, UL 94V-0
appliance inlet/-outlet
S15 acc. to IEC 60320-1,
UL 60320-1, CSA C22.2 no. 60320-1
(For hot conditions) pin-temperature 120
°C, 10 A, Protection Class I


Similar Part No. - 4312.0005

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4312.0005 SCHURTER-4312.0005 Datasheet
329Kb / 3P
   IEC Appliance Inlet with protection degree IP67 / IP69K, Screw-on Mounting front side, Solder or Quickconnect Terminal
4312.0005 SCHURTER-4312.0005 Datasheet
337Kb / 3P
   IEC Appliance Inlet with protection degree IP67 / IP69K, Screw-on Mounting front side, Solder or Quickconnect Terminal
05.01.2022
4312.0005 SCHURTER-4312.0005 Datasheet
338Kb / 3P
   IEC Connector protection degree IP67 / IP69K, Rewireable, Straight
10.12.2021
More results

Similar Description - 4312.0005

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4762 SCHURTER-4762_21 Datasheet
338Kb / 3P
   IEC Connector protection degree IP67 / IP69K, Rewireable, Straight
4762 SCHURTER-4762_18 Datasheet
328Kb / 3P
   IEC Connector protection degree IP67 / IP69K, Rewireable, Straight
4762 SCHURTER-4762_V01 Datasheet
338Kb / 3P
   IEC Connector protection degree IP67 / IP69K, Rewireable, Straight
10.12.2021
4761_1809 SCHURTER-4761_1809 Datasheet
337Kb / 3P
   IEC Appliance Inlet with protection degree IP67 / IP69K
4761 SCHURTER-4761_18 Datasheet
327Kb / 3P
   IEC Appliance Inlet with protection degree IP67
4781 SCHURTER-4781 Datasheet
389Kb / 3P
   IEC Connector C15, Rewireable, Straight
4782 SCHURTER-4782 Datasheet
391Kb / 3P
   IEC Connector C13, Rewireable, Straight
4022 SCHURTER-4022_18 Datasheet
326Kb / 4P
   IEC Connector C13, Rewireable, Straight
4782 SCHURTER-4782_V01 Datasheet
351Kb / 4P
   IEC Connector C13, Rewireable, Straight
10.12.2021
4022 SCHURTER-4022_V01 Datasheet
347Kb / 4P
   IEC Connector C13, Rewireable, Straight
10.12.2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com