Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6160.0157 Datasheet(PDF) 4 Page - Schurter Inc.

Part # 6160.0157
Description  IEC Appliance Inlet C8 polarized, Snap-in Mounting, Front Side, Solder, Quick Connect or PCB Terminal
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

6160.0157 Datasheet(HTML) 4 Page - Schurter Inc.

  6160.0157 Datasheet HTML 1Page - Schurter Inc. 6160.0157 Datasheet HTML 2Page - Schurter Inc. 6160.0157 Datasheet HTML 3Page - Schurter Inc. 6160.0157 Datasheet HTML 4Page - Schurter Inc. 6160.0157 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Connectors (Inlets/Outlets)
2579
www.schurter.com /PG07
Connectors
Terminal N
Configuration
key
short solder terminal (L = 4.8 mm)
2
long solder terminal (L = 8.5 mm)
3
PCB-terminal standard (additional solder terminal)
4
PCB-terminal short (additional solder terminal)
5
PCB-terminal long (additional solder terminal)
6
Blade terminal (2.8 x 0.8 mm)
7
Blade terminal (4.8 x 0.8 mm)
8
Blade terminal (6.3 x 0.8 mm)
9
PCB-terminal (standard)
A
PCB-terminal (short)
B
PCB-terminal (long)
C
Symbols similar as in table A
2579
|-|H|-|A|B|C|0-|D|-|E|G|F| = Terminals
Terminal Ground
Configuration
key
without terminal
0
Symbols similar as in table A
2579
|-|H|-|A|B|C|0-|D|-|E|G|F| = Color
Color
Configuration
key
Black
A
Grey
B
Color
Configuration
key
White
D
2579
|-|H|-|A|B|C|0-|D|-|E|G|F| = Style
Style
Configuration
key
snap-in (s=panel thickness)
4
2579
|-|H|-|A|B|C|0-|D|-|E|G|F| = Mass S
Mass "s"
Configuration
key
10
15
20
25
30
The dimension "S" is dispalyed in (1/10 mm). This information is also valid for the
order code
2579
|-|H|-|A|B|C|0-|D|-|E|G|F| = Orientation of Terminals
Orientation of Terminals
Configuration
key
horizontal
A
vertical
B
All Variants
Config. Code
Description
Order Number
2579-X-2200-A-430B
2579, IEC Appliance Inlet C8p, 70°C, version: protection class II, L: short solder terminal (L = 4.8 mm), N: short solder terminal (L =
4.8 mm), ground: without terminal, color: Black, design: snap-in (s=panel thickness), dimension S: 30
6160.0140
2579-X-AA00-A-430A
2579, IEC Appliance Inlet C8p, 70°C, version: protection class II, L: PCB-terminal (standard), N: PCB-terminal (standard), ground:
without terminal, color: Black, design: snap-in (s=panel thickness), dimension S: 30
6160.0141
2579-X-2200-A-430A
2579, IEC Appliance Inlet C8p, 70°C, version: protection class II, L: short solder terminal (L = 4.8 mm), N: short solder terminal (L =
4.8 mm), ground: without terminal, color: Black, design: snap-in (s=panel thickness), dimension S: 30
6160.0142
2579-X-2200-A-425A
2579, IEC Appliance Inlet C8p, 70°C, version: protection class II, L: short solder terminal (L = 4.8 mm), N: short solder terminal (L =
4.8 mm), ground: without terminal, color: Black, design: snap-in (s=panel thickness), dimension S: 25
6160.0145
2579-X-2200-A-415B
2579, IEC Appliance Inlet C8p, 70°C, version: protection class II, L: short solder terminal (L = 4.8 mm), N: short solder terminal (L =
4.8 mm), ground: without terminal, color: Black, design: snap-in (s=panel thickness), dimension S: 15
6160.0150
2579-X-2200-A-420B
2579, IEC Appliance Inlet C8p, 70°C, version: protection class II, L: short solder terminal (L = 4.8 mm), N: short solder terminal (L =
4.8 mm), ground: without terminal, color: Black, design: snap-in (s=panel thickness), dimension S: 20
6160.0151
2579-X-2200-A-425B
2579, IEC Appliance Inlet C8p, 70°C, version: protection class II, L: short solder terminal (L = 4.8 mm), N: short solder terminal (L =
4.8 mm), ground: without terminal, color: Black, design: snap-in (s=panel thickness), dimension S: 25
6160.0152
2579-X-2200-A-415A
2579, IEC Appliance Inlet C8p, 70°C, version: protection class II, L: short solder terminal (L = 4.8 mm), N: short solder terminal (L =
4.8 mm), ground: without terminal, color: Black, design: snap-in (s=panel thickness), dimension S: 15
6160.0157
2579-X-2200-A-420A
2579, IEC Appliance Inlet C8p, 70°C, version: protection class II, L: short solder terminal (L = 4.8 mm), N: short solder terminal (L =
4.8 mm), ground: without terminal, color: Black, design: snap-in (s=panel thickness), dimension S: 20
6160.0158
2579-X-4400-A-415A
2579, IEC Appliance Inlet C8p, 70°C, version: protection class II, L: PCB-terminal standard (additional solder terminal), N: PCB-
terminal standard (additional solder terminal), ground: without terminal, color: Black, design: snap-in (s=panel thickness), dimen-
sion S: 15
6160.0159
The listet variants should be available from stock Other versions on request www.schurter.com/contact
Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER
Packaging unit
100 Pcs


Similar Part No. - 6160.0157

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6160.0157 SCHURTER-6160.0157 Datasheet
404Kb / 5P
   IEC Appliance Inlet C8 polarized, Snap-in Mounting, Front Side, Solder, Quick Connect or PCB Terminal
More results

Similar Description - 6160.0157

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2579 SCHURTER-2579_V01 Datasheet
389Kb / 5P
   IEC Appliance Inlet C8 polarized, Snap-in Mounting, Front Side, Solder, Quick Connect or PCB Terminal
05.01.2022
2579 SCHURTER-2579_21 Datasheet
389Kb / 5P
   IEC Appliance Inlet C8 polarized, Snap-in Mounting, Front Side, Solder, Quick Connect or PCB Terminal
2579_1810 SCHURTER-2579_1810 Datasheet
404Kb / 5P
   IEC Appliance Inlet C8 polarized, Snap-in Mounting, Front Side, Solder, Quick Connect or PCB Terminal
2579 SCHURTER-2579_18 Datasheet
330Kb / 5P
   IEC Appliance Inlet C8 polarized, Snap-in Mounting, Front Side, Solder, Quick Connect or PCB Terminal
2578 SCHURTER-2578_18 Datasheet
332Kb / 5P
   IEC Appliance Inlet C8, Snap-in Mounting, Front Side, Solder, PCB or Quick-connect Terminal
2578 SCHURTER-2578_V01 Datasheet
370Kb / 6P
   IEC Appliance Inlet C8, Snap-in Mounting, Front Side, Solder, PCB or Quick-connect Terminal
05.01.2022
2578 SCHURTER-2578_21 Datasheet
370Kb / 6P
   IEC Appliance Inlet C8, Snap-in Mounting, Front Side, Solder, PCB or Quick-connect Terminal
2578 SCHURTER-2578 Datasheet
375Kb / 3P
   IEC Appliance Inlet C8, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
2577 SCHURTER-2577_18 Datasheet
328Kb / 5P
   IEC Appliance Inlet C8 polarized, Screw-on Mounting, Front Side, Solder, Quick Connect or PCB Terminal
2577 SCHURTER-2577_16 Datasheet
355Kb / 4P
   IEC Appliance Inlet C8 polarized, Screw-on Mounting, Front Side, Solder, Quick Connect or PCB Terminal
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com