Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQM35N30-97-GE3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SQM35N30-97-GE3
Description  Automotive P-Channel 60 V (D-S) 175 MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQM35N30-97-GE3 Datasheet(HTML) 5 Page - Vishay Siliconix

  SQM35N30-97-GE3 Datasheet HTML 1Page - Vishay Siliconix SQM35N30-97-GE3 Datasheet HTML 2Page - Vishay Siliconix SQM35N30-97-GE3 Datasheet HTML 3Page - Vishay Siliconix SQM35N30-97-GE3 Datasheet HTML 4Page - Vishay Siliconix SQM35N30-97-GE3 Datasheet HTML 5Page - Vishay Siliconix SQM35N30-97-GE3 Datasheet HTML 6Page - Vishay Siliconix SQM35N30-97-GE3 Datasheet HTML 7Page - Vishay Siliconix SQM35N30-97-GE3 Datasheet HTML 8Page - Vishay Siliconix SQM35N30-97-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SQM120P06-07L
www.vishay.com
Vishay Siliconix
S12-1847-Rev. B, 30-Jul-12
5
Document Number: 67026
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
THERMAL RATINGS (TA = 25 °C, unless otherwise noted)
Safe Operating Area
Normalized Thermal Transient Impedance, Junction-to-Ambient
VDS - Drain-to-Source Voltage (V)
TC = 25 °C
Single Pulse
1 ms
100 ms, 1 s, 10 s, DC
100 µs
RDS(on)*
Limited by
10 ms
0.01
0.1
1
10
100
BVDSS Limited
IDM Limited
ID Limited
0.01
0.1
1
10
100
1000
10
-4
10
-3
10
-2
10
-1
1
10
100
1000
1
0.01
0.001
0.1
0.0001
Square Wave Pulse Duration (s)


Similar Part No. - SQM35N30-97-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM35N30-97 VISHAY-SQM35N30-97 Datasheet
220Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 14-Dec-15
SQM35N30-97 VISHAY-SQM35N30-97 Datasheet
215Kb / 9P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 14-Dec-15
SQM35N30-97 VISHAY-SQM35N30-97 Datasheet
223Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 18-Apr-16
SQM35N30-97 VISHAY-SQM35N30-97 Datasheet
235Kb / 10P
   Automotive N-Channel 300 V (D-S) 175 °C MOSFET
01-Jan-2023
SQM35N30-97 VISHAY-SQM35N30-97_15 Datasheet
234Kb / 11P
   Automotive N-Channel 300 V (D-S) 175 °C MOSFET
Rev. B, 10-Aug-15
More results

Similar Description - SQM35N30-97-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD50P06-15L VISHAY-SQD50P06-15L Datasheet
173Kb / 9P
   Automotive P-Channel 60 V (D-S) 175 MOSFET
Rev. E, 20-Aug-12
SQ1421EEH VISHAY-SQ1421EEH_17 Datasheet
194Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 MOSFET
Rev. B, 31-Oct-11
SQD19P06-60L VISHAY-SQD19P06-60L_17 Datasheet
180Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 MOSFET
Rev. C, 24-Oct-11
SQJ461EP VISHAY-SQJ461EP_15 Datasheet
173Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. E, 28-Nov-11
SQ2309ES VISHAY-SQ2309ES Datasheet
256Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ3427AEEV VISHAY-SQ3427AEEV Datasheet
270Kb / 12P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 16-Jul-15
SQ3427EEV VISHAY-SQ3427EEV Datasheet
211Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQM50P06-15L VISHAY-SQM50P06-15L_15 Datasheet
163Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQM90P06-07L VISHAY-SQM90P06-07L_15 Datasheet
151Kb / 9P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 17-Mar-14
SQM110P068M9L VISHAY-SQM110P068M9L_15 Datasheet
175Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 22-Oct-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com