Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6160.0151 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 6160.0151
Description  IEC Appliance Inlet C8 polarized, Snap-in Mounting, Front Side, Solder, Quick Connect or PCB Terminal
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

6160.0151 Datasheet(HTML) 1 Page - Schurter Inc.

  6160.0151 Datasheet HTML 1Page - Schurter Inc. 6160.0151 Datasheet HTML 2Page - Schurter Inc. 6160.0151 Datasheet HTML 3Page - Schurter Inc. 6160.0151 Datasheet HTML 4Page - Schurter Inc. 6160.0151 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Connectors (Inlets/Outlets)
2579
www.schurter.com /PG07
Connectors
IEC Appliance Inlet C8 polarized, Snap-in Mounting, Front Side, Solder, Quick Connect or PCB Terminal
C8 polarized
70° C
Description
- Panel Mount
- Snap-in mounting on PCB from front side
- Appliance Inlet , Pin temperature 70 °C , Protection class II
- Solder, Quick Connect or PCB Terminal
Approvals
- VDE Certificate Number: 40034368
- UL File Number: E96454
Weblinks
pdf-datasheet, html-datasheet, General Product Information, RoHS,
CHINA-RoHS, REACH, Distributor-Stock-Check, Accessories, Detailed
request for product
Technical Data
Ratings IEC
2.5 A / 250 VAC; 50 Hz
Ratings UL/CSA
2.5 A / 250 VAC; 60 Hz
7 A / 125 VAC; 60 Hz
Dielectric Strength
> 3 kVAC between L-N
> 1.5 kVAC between L/N-PE
(1 min/50 Hz)
Allowable Operation Temp.
-25 °C to 70 °C
IP-Protection
from front side IP 20 acc. to IEC 60529
Insulation cover
Suitable for appliances with protection
class II acc. to IEC 61140
Material: Housing
PA6, black / grey / white, UL 94V-0
appliance inlet/-outlet
C8p acc. to IEC 60320-1
UL 498, CSA C22.2 no. 42 (for cold
conditions) pin-temperature 70 °C,
2.5 A, Protection Class II


Similar Part No. - 6160.0151

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6160.0151 SCHURTER-6160.0151 Datasheet
404Kb / 5P
   IEC Appliance Inlet C8 polarized, Snap-in Mounting, Front Side, Solder, Quick Connect or PCB Terminal
More results

Similar Description - 6160.0151

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2579 SCHURTER-2579_V01 Datasheet
389Kb / 5P
   IEC Appliance Inlet C8 polarized, Snap-in Mounting, Front Side, Solder, Quick Connect or PCB Terminal
05.01.2022
2579 SCHURTER-2579_21 Datasheet
389Kb / 5P
   IEC Appliance Inlet C8 polarized, Snap-in Mounting, Front Side, Solder, Quick Connect or PCB Terminal
2579_1810 SCHURTER-2579_1810 Datasheet
404Kb / 5P
   IEC Appliance Inlet C8 polarized, Snap-in Mounting, Front Side, Solder, Quick Connect or PCB Terminal
2579 SCHURTER-2579_18 Datasheet
330Kb / 5P
   IEC Appliance Inlet C8 polarized, Snap-in Mounting, Front Side, Solder, Quick Connect or PCB Terminal
2578 SCHURTER-2578_18 Datasheet
332Kb / 5P
   IEC Appliance Inlet C8, Snap-in Mounting, Front Side, Solder, PCB or Quick-connect Terminal
2578 SCHURTER-2578_V01 Datasheet
370Kb / 6P
   IEC Appliance Inlet C8, Snap-in Mounting, Front Side, Solder, PCB or Quick-connect Terminal
05.01.2022
2578 SCHURTER-2578_21 Datasheet
370Kb / 6P
   IEC Appliance Inlet C8, Snap-in Mounting, Front Side, Solder, PCB or Quick-connect Terminal
2578 SCHURTER-2578 Datasheet
375Kb / 3P
   IEC Appliance Inlet C8, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
2577 SCHURTER-2577_18 Datasheet
328Kb / 5P
   IEC Appliance Inlet C8 polarized, Screw-on Mounting, Front Side, Solder, Quick Connect or PCB Terminal
2577 SCHURTER-2577_16 Datasheet
355Kb / 4P
   IEC Appliance Inlet C8 polarized, Screw-on Mounting, Front Side, Solder, Quick Connect or PCB Terminal
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com