Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9177-32CBR Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # RT9177-32CBR
Description  Ultra-Low-Noise 200mA LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9177-32CBR Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button RT9177-32CBR Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9177-32CBR Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9177-32CBR Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9177-32CBR Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9177-32CBR Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9177-32CBR Datasheet HTML 9Page - List of Unclassifed Manufacturers RT9177-32CBR Datasheet HTML 10Page - List of Unclassifed Manufacturers RT9177-32CBR Datasheet HTML 11Page - List of Unclassifed Manufacturers RT9177-32CBR Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
RT9177
Preliminary
www.richtek-ic.com.tw
DS9177-00 Feb. 2001
10
Package Information
Dimensions In Millimeters
Dimensions In Inches
Symbols
Min
Typ
Max
Min
Typ
Max
A
1.000
1.100
1.300
0.039
0.043
0.051
A1
0.000
--
0.100
--
--
0.004
B
1.400
1.600
1.800
0.055
0.063
0.071
C
2.600
2.800
3.000
0.102
0.110
0.118
D
2.700
2.900
3.100
0.106
0.114
0.122
H
0.100
0.150
0.250
0.004
0.006
0.010
L
0.300
0.450
0.600
0.012
0.018
0.024
b
0.300
0.400
0.500
0.012
0.016
0.020
e
--
0.950
--
--
0.037
--
θ12°
--
8
°
--
--
--
θ25°
--
10
°
--
--
--
θ3
--
--
10
°
--
--
--
5-Lead SOT- 25 Surface Mount Package
b
4
5
B
C
D
3
1
A1
e
θ1
A
θ2
L
H
θ3


Similar Part No. - RT9177-32CBR

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9170 RICHTEK-RT9170 Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
RT9170-12GB RICHTEK-RT9170-12GB Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
RT9170-12GV RICHTEK-RT9170-12GV Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
RT9170-12GX RICHTEK-RT9170-12GX Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
RT9170-12PB RICHTEK-RT9170-12PB Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
More results

Similar Description - RT9177-32CBR

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3993 POWER-LP3993 Datasheet
306Kb / 7P
   200mA,Ultra-low Noise LDO Regulator
LP3995 POWER-LP3995 Datasheet
542Kb / 9P
   200mA,Ultra-low Noise LDO Regulator
logo
Unisonic Technologies
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
   LOW NOISE 200mA LDO REGULATOR
logo
RICOH electronics devic...
RP100X RICOH-RP100X Datasheet
1Mb / 28P
   LOW NOISE 200mA LDO REGULATOR
logo
Unisonic Technologies
LR1122D UTC-LR1122D_16 Datasheet
280Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9178 RICHTEK-RT9178_08 Datasheet
153Kb / 11P
   200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9178 RICHTEK-RT9178 Datasheet
180Kb / 11P
   200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9182 RICHTEK-RT9182_08 Datasheet
112Kb / 9P
   Dual, Low-Noise, 200mA LDO Regulator
RT9182 RICHTEK-RT9182 Datasheet
212Kb / 10P
   DUAL, LOW-NOISE, 200mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com