Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDM872R Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # SDM872R
Description  16 Single Ended/8 Differential Input 12-BIT DATA ACQUISITION SYSTEMS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

SDM872R Datasheet(HTML) 5 Page - Burr-Brown (TI)

  SDM872R Datasheet HTML 1Page - Burr-Brown (TI) SDM872R Datasheet HTML 2Page - Burr-Brown (TI) SDM872R Datasheet HTML 3Page - Burr-Brown (TI) SDM872R Datasheet HTML 4Page - Burr-Brown (TI) SDM872R Datasheet HTML 5Page - Burr-Brown (TI) SDM872R Datasheet HTML 6Page - Burr-Brown (TI) SDM872R Datasheet HTML 7Page - Burr-Brown (TI) SDM872R Datasheet HTML 8Page - Burr-Brown (TI) SDM872R Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
®
SDM862/863/872/873
5
NOTE: (1) 16 single-ended inputs, LCC package, with accuracy of 0.24% FSR. Temp Range of 0
°C to +70°C and throughput of 33kHz = SDM862JL.
LCC, PGA
Accuracy
Temperature
LCC, PGA
Accuracy
Temperature
Product
Input
Package
(% FSR)
Throughput
Range (
°C)
Product
Input
Package
(% FSR)
Throughput
Range (
°C)
SDM862J
16SE
L,H
±0.024
33kHz
0 to +70
SDM863J
8DIF
L, H
±0.024
33kHz
0 to +70
SDM862K
16SE
L,H
±0.012
33kHz
0 to +70
SDM863K
8DIF
L, H
±0.012
33kHz
0 to +70
SDM862A
16SE
L,H
±0.024
33kHz
–25 to +85
SDM863A
8DIF
L, H
±0.024
33kHz
–25 to +85
SDM862B
16SE
L,H
±0.012
33kHz
–25 to +85
SDM863B
8DIF
L, H
±0.012
33kHz
–25 to +85
SDM862R
16SE
L,H
±0.024
33kHz
–55 to +125
SDM863R
8DIF
L, H
±0.024
33kHz
–55 to +125
SDM862S
16SE
L,H
±0.012
33kHz
–55 to +125
SDM863S
8DIF
L, H
±0.012
33kHz
–55 to +125
SDM872J
16SE
L,H
±0.024
50kHz
0 to +70
SDM873J
8DIF
L,H
±0.024
50kHz
0 to +70
SDM872K
16SE
L,H
±0.012
50kHz
0 to +70
SDM873K
8DIF
L,H
±0.012
50kHz
0 to +70
SDM872A
16SE
L,H
±0.024
50kHz
–25 to +85
SDM873A
8DIF
L,H
±0.024
50kHz
–25 to +85
SDM872B
16SE
L,H
±0.012
50kHz
–25 to +85
SDM873B
8DIF
L,H
±0.012
50kHz
–25 to +85
SDM872R
16SE
L,H
±0.024
50kHz
–55 to +125
SDM873R
8DIF
L,H
±0.024
50kHz
–55 to +125
SDM872S
16SE
L,H
±0.012
50kHz
–55 to +125
SDM873S
8DIF
L,H
±0.012
50kHz
–55 to +125
ORDERING INFORMATION(1)
PACKAGE DRAWING
PRODUCT
DESCRIPTION
NUMBER(1)
PC862/863-1
LCC (Socketed) Evaluation PCB(2)
907
PC862/863-2
PGA Evaluation PCB
906
PACKAGE INFORMATION
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book. (2) Socket is MC0068-1.


Similar Part No. - SDM872R

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDM8401 SAMHOP-SDM8401 Datasheet
1Mb / 9P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
SDM8958 SAMHOP-SDM8958 Datasheet
736Kb / 9P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
More results

Similar Description - SDM872R

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1297 LINER-LTC1297_15 Datasheet
322Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292 Datasheet
466Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292_15 Datasheet
322Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292_1 Datasheet
317Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
logo
Analog Devices
AD363 AD-AD363 Datasheet
6Mb / 16P
   COMPLETE 16 CHANNEL 12-BIT DATA ACQUISITION SYSTEMS
logo
Maxim Integrated Produc...
MAX180 MAXIM-MAX180 Datasheet
732Kb / 20P
   Complete, 8-Channel, 12-Bit Data-Acquisition Systems
19-3950; Rev 0; 6/91
logo
Murata Manufacturing Co...
HDAS8-16 MURATA-HDAS8-16 Datasheet
216Kb / 7P
   12-Bit, 50kHz, Complete Data Acquisition Systems
logo
Maxim Integrated Produc...
MAX7651 MAXIM-MAX7651 Datasheet
479Kb / 36P
   Flash Programmable 12-Bit Integrated Data-Acquisition Systems
Rev 0; 8/01
logo
Analog Devices
AD363 AD-AD363_15 Datasheet
6Mb / 16P
   Complete 16-Channel, 2-Bit Data Acquisition Systems
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com