Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9177-31CBR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RT9177-31CBR
Description  Ultra-Low-Noise 200mA LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9177-31CBR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RT9177-31CBR Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9177-31CBR Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9177-31CBR Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9177-31CBR Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9177-31CBR Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9177-31CBR Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9177-31CBR Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9177-31CBR Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9177-31CBR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Preliminary
RT9177
DS9177-00 Feb. 2001
www.richtek-ic.com.tw
1
Ultra-Low-Noise 200mA LDO Regulator
General Description
The RT9177 is a 200mA low dropout and low noise
micro-power regulator suitable for portable RF
applications. The output voltage accuracy within
±2% and range from 2.4V to 3.2V in 100mV
increments could be selected. It is designed for
using very low ESR output capacitor. Its output
remains stable even in using 1
µF ceramic as its
output capacitor.
Using an internal PMOS as the pass device cause
that don’t need extra GND current in heavy load and
dropout conditions. In shutdown mode, nearly zero
operation current cause the IC is suitable for
battery-power devices. Other features including
current limiting, over temperature protection and
adding a capacitor in bypass pin to improve its noise
performance are functional.
Ordering Information
RT9177-
Features
Ultra-Low-Noise(150nV/ Hz ) for RF Application
1
µµµµF Ceramic COUT Stable
Low Dropout Voltage(220mV @ 200mA)
Low Operation Current - 80
µµµµA Typical
Shutdown Function
Low Temperature Coefficient
Current and Thermal Limiting
Custom Voltage Available
SOT-25 Package
Applications
Cellular Telephones
Laptop, Notebook, and Palmtop Computers
Battery-powered Equipment
Hand-held Equipment
Pin Configurations
Part Number
Pin Configurations
RT9177-
CB
(Plastic SOT-25)
1. IN
2. GND
3. SHDN
4. BP
5. OUT
RT9177-
CBR
(Plastic SOT-25)
1. OUT
2. GND
3. IN
4. SHDN
5. BP
Typical Application Circuit
5
4
3
2
1
TOP VIEW
5
4
3
2
1
TOP VIEW
C: Commercial standard
B
Operating temperature range
Package type
: SOT-25 Type I
BR : SOT-25 Type II
Output voltage
24 : 2.4V
25 : 2.5V
:
:
31 : 3.1V
32 : 3.2V
RT9177
ON
OFF
GND
IN
OUT
VOUT
CBP
10nF
COUT
1µF
VIN
CIN
1µF
SHDN


Similar Part No. - RT9177-31CBR

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9170 RICHTEK-RT9170 Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
RT9170-12GB RICHTEK-RT9170-12GB Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
RT9170-12GV RICHTEK-RT9170-12GV Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
RT9170-12GX RICHTEK-RT9170-12GX Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
RT9170-12PB RICHTEK-RT9170-12PB Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
More results

Similar Description - RT9177-31CBR

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3993 POWER-LP3993 Datasheet
306Kb / 7P
   200mA,Ultra-low Noise LDO Regulator
LP3995 POWER-LP3995 Datasheet
542Kb / 9P
   200mA,Ultra-low Noise LDO Regulator
logo
Unisonic Technologies
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
   LOW NOISE 200mA LDO REGULATOR
logo
RICOH electronics devic...
RP100X RICOH-RP100X Datasheet
1Mb / 28P
   LOW NOISE 200mA LDO REGULATOR
logo
Unisonic Technologies
LR1122D UTC-LR1122D_16 Datasheet
280Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9178 RICHTEK-RT9178_08 Datasheet
153Kb / 11P
   200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9178 RICHTEK-RT9178 Datasheet
180Kb / 11P
   200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9182 RICHTEK-RT9182_08 Datasheet
112Kb / 9P
   Dual, Low-Noise, 200mA LDO Regulator
RT9182 RICHTEK-RT9182 Datasheet
212Kb / 10P
   DUAL, LOW-NOISE, 200mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com