Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FERD20H100S Datasheet(PDF) 6 Page - STMicroelectronics

Part # FERD20H100S
Description  100 V field-effect rectifier diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD20H100S Datasheet(HTML) 6 Page - STMicroelectronics

Back Button FERD20H100S Datasheet HTML 2Page - STMicroelectronics FERD20H100S Datasheet HTML 3Page - STMicroelectronics FERD20H100S Datasheet HTML 4Page - STMicroelectronics FERD20H100S Datasheet HTML 5Page - STMicroelectronics FERD20H100S Datasheet HTML 6Page - STMicroelectronics FERD20H100S Datasheet HTML 7Page - STMicroelectronics FERD20H100S Datasheet HTML 8Page - STMicroelectronics FERD20H100S Datasheet HTML 9Page - STMicroelectronics FERD20H100S Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Package information
FERD20H100S
6/15
DocID029022 Rev 2
Table 5: IPAK package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
2.20
2.40
0.087
0.094
A1
0.90
1.10
0.035
0.043
b
0.64
0.90
0.025
0.035
b2
0.95
0.037
b4
5.20
5.43
0.205
0.214
B5
0.30 typ.
0.012 typ.
c
0.45
0.60
0.018
0.024
c2
0.46
0.60
0.018
0.024
D
6.00
6.20
0.236
0.244
E
6.40
6.65
0.252
0.261
e
2.28 typ.
typ.0.090
e1
4.40
4.60
0.173
0.181
H
16.10 typ.
0.634 typ.
L
9.0
9.60
0.354
0.378
L1
0.80
1.20
0.031
0.047
L2
0.80 typ.
1.25
0.031 typ.
0.049
V1
+10°
+10


Similar Part No. - FERD20H100S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FERD20H60C STMICROELECTRONICS-FERD20H60C Datasheet
402Kb / 12P
   60 V field-effect rectifier diode
September 2017 Rev 1
More results

Similar Description - FERD20H100S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FERD40H100S STMICROELECTRONICS-FERD40H100S Datasheet
371Kb / 12P
   100 V field-effect rectifier diode
FERD30H100S STMICROELECTRONICS-FERD30H100S Datasheet
474Kb / 14P
   100 V field-effect rectifier diode
FERD20S100S STMICROELECTRONICS-FERD20S100S Datasheet
492Kb / 12P
   100 V field-effect rectifier diode
November 2017 Rev 2
FERD2045S STMICROELECTRONICS-FERD2045S Datasheet
378Kb / 8P
   45 V field-effect rectifier diode
January 2018 Rev 1
FERD30L60C STMICROELECTRONICS-FERD30L60C Datasheet
403Kb / 12P
   60 V field-effect rectifier diode
September 2017 Rev 1
FERD20L60C STMICROELECTRONICS-FERD20L60C Datasheet
402Kb / 12P
   60 V field-effect rectifier diode
September 2017 Rev 1
FERD30H60C STMICROELECTRONICS-FERD30H60C Datasheet
403Kb / 12P
   60 V field-effect rectifier diode
September 2017 Rev 1
FERD15S50S STMICROELECTRONICS-FERD15S50S Datasheet
355Kb / 8P
   50 V field-effect rectifier diode
February 2017 Rev 1
FERD20H60C STMICROELECTRONICS-FERD20H60C Datasheet
402Kb / 12P
   60 V field-effect rectifier diode
September 2017 Rev 1
FERD40L60C STMICROELECTRONICS-FERD40L60C Datasheet
404Kb / 12P
   60 V field-effect rectifier diode
September 2017 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com