Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9561304HYA Datasheet(PDF) 5 Page - Micross Components

Part # 5962-9561304HYA
Description  Three state outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

5962-9561304HYA Datasheet(HTML) 5 Page - Micross Components

  5962-9561304HYA Datasheet HTML 1Page - Micross Components 5962-9561304HYA Datasheet HTML 2Page - Micross Components 5962-9561304HYA Datasheet HTML 3Page - Micross Components 5962-9561304HYA Datasheet HTML 4Page - Micross Components 5962-9561304HYA Datasheet HTML 5Page - Micross Components 5962-9561304HYA Datasheet HTML 6Page - Micross Components 5962-9561304HYA Datasheet HTML 7Page - Micross Components 5962-9561304HYA Datasheet HTML 8Page - Micross Components 5962-9561304HYA Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SRAM
AS5C4009
AS5C4009
Rev. 5.2 01/10
Micross Components reserves the right to change products or specifications without notice.
5
AC TEST CONDITIONS
Input pulse levels ................................... Vss to 3.0V
Input rise and fall times ....................................... 3ns
Input timing reference levels ............................. 1.5V
Output reference levels ..................................... 1.5V
Output load ......................................... See Figures 1
NOTES
1.
Overshoot: Vcc +3.0V for pulse width < 20ms.
2.
Undershoot: -3V for pulse width < 20ms.
3.
I
CC is dependent on output loading and cycle rates.
4.
This parameter is guaranteed but not tested.
5.
Test conditions as specified with the output loading
as shown in Fig. 1 unless otherwise noted.
6.
At any given temperature and voltage condition,
t
HZCE
is less than
t
LZCE
, and
t
HZWE
is less than
t
LZWE
.
7.
WE\ is HIGH for READ cycle.
8.
Device is continuously selected. Chip enables and
output enables are held in their active state.
9.
Address valid prior to, or coincident with, latest
occurring chip enable.
10. tRC = Read Cycle Time.
11. Chip enable and write enable can initiate and
terminate a WRITE cycle.
12. Output enable (OE\) is inactive (HIGH).
13. Output enable (OE\) is active (LOW).
14. ASI does not warrant functionality nor reliability of
any product in which the junction temperature
exceeds 150°C. Care should be taken to limit power to
acceptable levels.
15. All voltage referenced to Vss (GND).
Fig. 1 Output Load Equivalent
DATA RETENTION ELECTRICAL CHARACTERISTICS
DESCRIPTION
SYMBOL
MIN
MAX
UNITS
NOTES
VCC for Retention Data
VDR
2V
CE\ > (VCC - 0.2V)
VCC = 2V
ICCDR
100
μA
VIN > (VCC - 0.2V)
VCC = 3V
ICCDR
200
μA
Chip Deselect to Data
Retention Time
tCDR
0ns
4
Operation Recovery Time
tR
5ms
4, 10
Data Retention Current
CONDITIONS
167 ohms
1.73V
C=30pF
Q
C = 100pF
50 ohms


Similar Part No. - 5962-9561304HYA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5962-9561304HYA ETC1-5962-9561304HYA Datasheet
117Kb / 12P
   SRAM
More results

Similar Description - 5962-9561304HYA

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
ILX485 IKSEMICON-ILX485 Datasheet
485Kb / 8P
   Three-State Outputs
logo
Integrated Silicon Solu...
IS62WV2568EALL ISSI-IS62WV2568EALL Datasheet
869Kb / 16P
   Three state outputs
IS62WV12816EALL ISSI-IS62WV12816EALL Datasheet
1Mb / 17P
   Three state outputs
IS66WV51216EALL ISSI-IS66WV51216EALL Datasheet
620Kb / 17P
   Three state outputs
logo
Renesas Technology Corp
HD74LS367A RENESAS-HD74LS367A Datasheet
63Kb / 6P
   (non-inverted data outputs with three-state outputs)
logo
Aeroflex Circuit Techno...
UT54ACTS245E AEROFLEX-UT54ACTS245E Datasheet
117Kb / 9P
   Octal Bus Transceiver with Three-State Outputs
logo
Advanced Micro Devices
AM74S350 AMD-AM74S350 Datasheet
106Kb / 2P
   Four-Bit Shifter With Three-State Outputs
AM25LS374A AMD-AM25LS374A Datasheet
313Kb / 5P
   8-Bit Registers with Three-State Outputs
logo
Hitachi Semiconductor
HD74LS242 HITACHI-HD74LS242 Datasheet
58Kb / 6P
   Quadruple Bus Transceivers(with three-state outputs)
HD74LS366A HITACHI-HD74LS366A Datasheet
49Kb / 5P
   Hex Bus Drivers(with three-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com