Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDM862R Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # SDM862R
Description  16 Single Ended/8 Differential Input 12-BIT DATA ACQUISITION SYSTEMS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

SDM862R Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button SDM862R Datasheet HTML 7Page - Burr-Brown (TI) SDM862R Datasheet HTML 8Page - Burr-Brown (TI) SDM862R Datasheet HTML 9Page - Burr-Brown (TI) SDM862R Datasheet HTML 10Page - Burr-Brown (TI) SDM862R Datasheet HTML 11Page - Burr-Brown (TI) SDM862R Datasheet HTML 12Page - Burr-Brown (TI) SDM862R Datasheet HTML 13Page - Burr-Brown (TI) SDM862R Datasheet HTML 14Page - Burr-Brown (TI) SDM862R Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
®
SDM862/863/872/873
11
below the first code transition (000H to 001H at –9.99756V)
and the plus full-scale value of +10V is 7.32mV above the
last code transition (FFEH to FFFH at +9.99268) (see Figure
13).
NO MISSING CODES
(DIFFERENTIAL LINEARITY ERROR)
A specification which guarantees no missing codes requires
that every code combination appear in a monotonically-
increasing sequence as the analog input is increased through-
out the range. Thus, every input code width (quantum) must
have a finite width. If an input quantum has a value of zero
(a differential linearity error of –1LSB), a missing code will
occur.
The SDM is guaranteed to have no missing codes to 12-bit
resolution over it’s respective specification temperature
ranges.
UNIPOLAR OFFSET ERROR
An SDM connected for unipolar operation has an analog
input range of 0V to plus full scale. The first output code
transition should occur at an analog input value 1/2LSB
above 0V. Unipolar offset error is defined as the deviation of
the actual transition value from the ideal value. The unipolar
offset temperature coefficient specifies the change of this
transition value versus a change in ambient temperature.
BIPOLAR OFFSET ERROR
A/D converter specifications have historically defined bipo-
lar offset as the first transition value above the minus full-
scale value. The SDM specification, however, follows the
terminology defined for the 574 converter several years ago.
Thus, bipolar offset is located near the midscale value of 0V
(bipolar zero) at the output code transition 7FFH to 800H.
Bipolar offset error for the SDM is defined as the deviation
of the actual transition value from the ideal transition value
located 1/2LSB below 0V. The bipolar offset temperature
coefficient specifies the maximum change of the code tran-
sition value versus a change in ambient temperature.
FULL SCALE CALIBRATION ERROR
The last output code transition (FFEH to FFFH) occurs for an
analog input value 3/2LSB below the nominal full-scale
value. The full-scale calibration error is the deviation of the
actual analog value at the last transition point from the ideal
value. The full-scale calibration temperature coefficient speci-
fies the maximum change of the code transition value versus
a change in ambient temperature.
OPERATING INSTRUCTIONS
OPERATING MODES
The SDM can operate in one of two modes, namely serial
and overlap, as shown in Figure 10. In serial mode, control
of the device is such that a multiplexer channel X is first
selected, time is then allowed for the instrumentation ampli-
fier to settle, the sample/hold amplifier is set to HOLD mode
and finally a conversion is carried out. This procedure is
then repeated for channel Y. Faster throughput can be
obtained using overlap mode. While a conversion is being
Conversion
Signal Acquisition
SERIAL MODE
Time
Signal Acquisition
Signal Acquisition
Conversion
Time
MUX
Selection
(X)
Instrumentation
Amp
Settling
Sample/
Hold
Acquisition
A/D
Conversion
Data
Valid
MUX
Selection
(Y)
MUX
Selection
(X)
Instrumentation
Amp
Settling
Sample/
Hold
Acquisition
MUX
Selection
(Y)
Instrumentation
Amp
Settling
Sample/
Hold
Acquisition
MUX
Selection
(Z)
A/D
Conversion on
Channel (X)
Data Valid
A/D
Conversion on
Channel (Y)
OVERLAP MODE
FIGURE 10. Serial and Overlap Modes of Operation.


Similar Part No. - SDM862R

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDM8401 SAMHOP-SDM8401 Datasheet
1Mb / 9P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
SDM8958 SAMHOP-SDM8958 Datasheet
736Kb / 9P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
More results

Similar Description - SDM862R

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1297 LINER-LTC1297_15 Datasheet
322Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292 Datasheet
466Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292_15 Datasheet
322Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292_1 Datasheet
317Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
logo
Analog Devices
AD363 AD-AD363 Datasheet
6Mb / 16P
   COMPLETE 16 CHANNEL 12-BIT DATA ACQUISITION SYSTEMS
logo
Maxim Integrated Produc...
MAX180 MAXIM-MAX180 Datasheet
732Kb / 20P
   Complete, 8-Channel, 12-Bit Data-Acquisition Systems
19-3950; Rev 0; 6/91
logo
Murata Manufacturing Co...
HDAS8-16 MURATA-HDAS8-16 Datasheet
216Kb / 7P
   12-Bit, 50kHz, Complete Data Acquisition Systems
logo
Maxim Integrated Produc...
MAX7651 MAXIM-MAX7651 Datasheet
479Kb / 36P
   Flash Programmable 12-Bit Integrated Data-Acquisition Systems
Rev 0; 8/01
logo
Analog Devices
AD363 AD-AD363_15 Datasheet
6Mb / 16P
   Complete 16-Channel, 2-Bit Data Acquisition Systems
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com