Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9164-35CLR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RT9164-35CLR
Description  1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9164-35CLR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RT9164-35CLR Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9164-35CLR Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9164-35CLR Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9164-35CLR Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9164-35CLR Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9164-35CLR Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9164-35CLR Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9164-35CLR Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9164-35CLR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RT9164
DS9164-08 May 2001
www.richtek-ic.com.tw
1
1A Fixed and Adjustable Low Dropout
Positive Voltage Regulators
General Description
The RT9164 series of high performance positive
voltage regulators is designed for applications
requiring low dropout performance at fully rated
current. Additionally, the RT9164 series provides
excellent regulation over variations in line and load.
Outstanding
features
include
low
dropout
performance
at
rated
current,
fast
transient
response, internal current-limiting, and thermal-
shutdown protection of the output device. The
RT9164 series of three terminal regulators offers
fixed and adjustable voltage options available in
space-saving SOT-223, and TO-252 packages.
Ordering Information
RT9164-
Features
Low Dropout Performance, 1.4V Max.
Full Current Rating Over Line and Temperature
Fast Transient Response
±±±±1% Output Voltage Accuracy
2.5V, 2.85V, 3.3V, and 3.5V Fixed/Adjustable
Output Voltage
SOT-223 and TO-252 Packages
Applications
Active SCSI Termination
Low Voltage Microcontrollers
Switching Power Supply Post-Regulator
Pin Configurations
Part Number
Pin Configurations
RT9164-
CG
(Plastic SOT-223)
TOP VIEW
1. ADJ/GND
2. VOUT (TAB)
3. VIN
RT9164-
CL
(Plastic TO-252)
TOP VIEW
1. ADJ/GND
2. VOUT (TAB)
3. VIN
RT9164-
CLR
(Plastic TO-252)
TOP VIEW
1. VIN
2. GND (TAB)
3. VOUT
Operating temperature range
C: Commercial standard
Package type
G : SOT-223
L : TO-252 (DPAK)
LR : TO-252
Output voltage
Default : Adjustable
25 : 2.5V
28 : 2.85V
33 : 3.3V
35 : 3.5V
12
3
12
3
12
3


Similar Part No. - RT9164-35CLR

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
RT9164A-15GG RICHTEK-RT9164A-15GG Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
RT9164A-15GL RICHTEK-RT9164A-15GL Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
RT9164A-15GLR RICHTEK-RT9164A-15GLR Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
RT9164A-15GM RICHTEK-RT9164A-15GM Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
More results

Similar Description - RT9164-35CLR

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
KIA Semiconductor Techn...
1117 KIA-1117 Datasheet
33Kb / 4P
   1A LOW DROPOUT FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
114Kb / 8P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206 Datasheet
187Kb / 9P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
94Kb / 12P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206_16 Datasheet
231Kb / 10P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
   1A Fixed Low Dropout Positive Voltage Regulators
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
   1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com