Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9560001MTA Datasheet(PDF) 3 Page - Micross Components

Part # 5962-9560001MTA
Description  RoHS Compliant Options Available
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

5962-9560001MTA Datasheet(HTML) 3 Page - Micross Components

  5962-9560001MTA Datasheet HTML 1Page - Micross Components 5962-9560001MTA Datasheet HTML 2Page - Micross Components 5962-9560001MTA Datasheet HTML 3Page - Micross Components 5962-9560001MTA Datasheet HTML 4Page - Micross Components 5962-9560001MTA Datasheet HTML 5Page - Micross Components 5962-9560001MTA Datasheet HTML 6Page - Micross Components 5962-9560001MTA Datasheet HTML 7Page - Micross Components 5962-9560001MTA Datasheet HTML 8Page - Micross Components 5962-9560001MTA Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
SRAM
AS5C512K8
AS5C512K8
Rev. 7.5 01/13
Micross Components reserves the right to change products or specifications without notice.
3
ABSOLUTE MAXIMUM RATINGS*
VoltageonVccSupplyRelativetoVss
Vcc....................................................................-.5Vto+7.0V
StorageTemperature(Plastic)......................-65°Cto+150°C
StorageTemperature(Ceramic)...................-55°Cto+125°C
ShortCircuitOutputCurrent(perI/O)…........................20mA
VoltageonanyPinRelativetoVss.................-.5VtoVcc+1V
MaximumJunctionTemperature**..............................+150°C
PowerDissipation................................................................1W
*Stressesgreaterthanthoselistedunder“AbsoluteMaximum
Ratings”maycausepermanentdamagetothedevice.This
isastressratingonlyandfunctionaloperationofthedevice
attheseoranyotherconditionsabovethoseindicatedinthe
operationsectionofthisspecificationisnotimplied.Exposure
toabsolutemaximumratingconditionsforextendedperiods
mayaffectreliability.
**Junctiontemperaturedependsuponpackagetype,cycletime,
loading,ambienttemperatureandairflow,andhumidity.
ELECTRICAL CHARACTERISTICS AND RECOMMENDED DC OPERATING CONDITIONS
(-55oC < T
A < +125
o
C & -40oC < T
A < +85
o
C ; Vcc = 5V +10%)
DESCRIPTION
SYM -12 -15 -17 -20 -25 -35 -45 UNITS NOTES
ICCSP 100 100 100 90 90 80 70
mA
3
"L" Version Only ICCLP 75 75 75 65 65 60 50
mA
ISBTSP 20 20 20 20 20 20 20
mA
"L" Version Only ISBTLP 10 10 10 10 10 10 10
mA
ISBCSP 15 15 15 15 15 15 15
mA
"L" Version Only ISBCLP 5555555
mA
MAX
Power Supply
Current: Standby
CONDITIONS
WE\=CE\<VIL; Vcc = MAX
f = MAX = 1/tRC
Outputs Open
CE\ > VIH, All other inputs < VIL,
Vcc = MAX, f = 0,
Outputs Open
CE\ > Vcc -0.2V; Vcc = MAX
VIN<Vss +0.2V or
VIN>Vcc -0.2V; f = 0
Power Supply
Current: Operating
DESCRIPTION
CONDITIONS
SYM
MIN
MAX
UNITS
NOTES
Input High (Logic 1) Voltage
VIH
2.2
Vcc +0.5
V
1
Input Low (Logic 0) Voltage
VIL
-0.5
0.8
V
1, 2
Input Leakage Current
0V < VIN < Vcc
ILI
-2
2
μ
A
Output Leakage Current
Output(s) Disabled
0V < VOUT < Vcc
ILO
-2
2
μ
A
Output High Voltage
IOH = -4.0 mA
VOH
2.4
---
V
1
Output Low Voltage
IOL = 8 mA
VOL
---
0.4
V
1
Supply Voltage
VCC
4.5
5.5
V
1
CAPACITANCE
PARAMETER
CONDITIONS
SYMBOL
MAX
UNITS
NOTES
Input Capacitance
CI
8
pF
4
Output Capactiance
Co
10
pF
4
TA = 25oC, f = 1MHz
VIN = 0


Similar Part No. - 5962-9560001MTA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9560302QCA TI1-5962-9560302QCA Datasheet
1Mb / 22P
[Old version datasheet]   Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
National Semiconductor ...
5962-95604 NSC-5962-95604 Datasheet
551Kb / 16P
   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
5962-9560401QPA NSC-5962-9560401QPA Datasheet
1Mb / 25P
   LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Texas Instruments
5962-9560401QPA TI1-5962-9560401QPA Datasheet
1Mb / 25P
[Old version datasheet]   LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
5962-9560401QPA TI-5962-9560401QPA Datasheet
1Mb / 25P
[Old version datasheet]   LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
REVISED OCTOBER 2011
More results

Similar Description - 5962-9560001MTA

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS5LC1008 MICROSS-AS5LC1008 Datasheet
817Kb / 11P
   RoHS compliant options available
logo
MMD Components
HC-49U MMD-HC-49U Datasheet
74Kb / 3P
   RoHS Compliant Available
HC-49-US MMD-HC-49-US Datasheet
142Kb / 3P
   RoHS Compliant Available
MBH5 MMD-MBH5 Datasheet
87Kb / 2P
   RoHS Compliant Available
logo
Microsemi Corporation
UM7006D MICROSEMI-UM7006D Datasheet
322Kb / 7P
   RoHS Compliant Versions Available
logo
Panasonic Semiconductor
EET-HC2C102HA PANASONIC-EET-HC2C102HA Datasheet
90Kb / 8P
   Long life with high capeacitance 2 and 3 pin versions available RoHS compliant PVC and RoHS compliant PETsleeve options
logo
TT Electronics.
PWAXIAL TTELEC-PWAXIAL Datasheet
346Kb / 2P
   Lead free, RoHS compliant construction available
logo
CTS Corporation
RT1250B6 CTS-RT1250B6 Datasheet
58Kb / 2P
   LVPECL Terminators RoHS Compliant Parts Available
RT1300B6 CTS-RT1300B6 Datasheet
56Kb / 2P
   LVD SCSI Terminator RoHS Compliant Parts Available
RT1400B6 CTS-RT1400B6 Datasheet
108Kb / 3P
   DDR SDRAM Terminator RoHS Compliant Parts Available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com