Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST25VF040B-50-4C-S2AF Datasheet(PDF) 6 Page - Microchip Technology

Part # SST25VF040B-50-4C-S2AF
Description  4 Mbit SPI Serial Flash
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF040B-50-4C-S2AF Datasheet(HTML) 6 Page - Microchip Technology

Back Button SST25VF040B-50-4C-S2AF Datasheet HTML 2Page - Microchip Technology SST25VF040B-50-4C-S2AF Datasheet HTML 3Page - Microchip Technology SST25VF040B-50-4C-S2AF Datasheet HTML 4Page - Microchip Technology SST25VF040B-50-4C-S2AF Datasheet HTML 5Page - Microchip Technology SST25VF040B-50-4C-S2AF Datasheet HTML 6Page - Microchip Technology SST25VF040B-50-4C-S2AF Datasheet HTML 7Page - Microchip Technology SST25VF040B-50-4C-S2AF Datasheet HTML 8Page - Microchip Technology SST25VF040B-50-4C-S2AF Datasheet HTML 9Page - Microchip Technology SST25VF040B-50-4C-S2AF Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
SST25VF040B
DS20005051C-page 6
 2015 Microchip Technology Inc.
4.2
Write Protection
SST25VF040B provides software Write protection. The
Write Protect pin (WP#) enables or disables the lock-
down function of the status register. The Block-Protec-
tion bits (BP3, BP2, BP1, BP0, and BPL) in the status
register provide Write protection to the memory array
and the status register. See Table 4-3 for the Block-Pro-
tection description.
4.2.1
WRITE PROTECT PIN (WP#)
The Write Protect (WP#) pin enables the lock-down
function of the BPL bit (bit 7) in the status register.
When WP# is driven low, the execution of the Write-
Status-Register (WRSR) instruction is determined by
the value of the BPL bit (see Table 4-1). When WP# is
high, the lock-down function of the BPL bit is disabled.
4.3
Status Register
The software status register provides status on
whether the flash memory array is available for any
Read or Write operation, whether the device is Write
enabled, and the state of the Memory Write protection.
During an internal Erase or Program operation, the sta-
tus register may be read only to determine the comple-
tion of an operation in progress. Table 4-2 describes
the function of each bit in the software status register.
4.3.1
BUSY
The Busy bit determines whether there is an internal
Erase or Program operation in progress. A “1” for the
Busy bit indicates the device is busy with an operation
in progress. A “0” indicates the device is ready for the
next valid operation.
4.3.2
WRITE ENABLE LATCH (WEL)
The Write-Enable-Latch bit indicates the status of the
internal memory Write Enable Latch. If the Write-
Enable-Latch bit is set to “1”, it indicates the device is
Write enabled. If the bit is set to “0” (reset), it indicates
the device is not Write enabled and does not accept
any memory Write (Program/Erase) commands. The
Write-Enable-Latch bit is automatically reset under the
following conditions:
•Power-up
• Write-Disable (WRDI) instruction completion
• Byte-Program instruction completion
• Auto Address Increment (AAI) programming is
completed or reached its highest unprotected
memory address
• Sector-Erase instruction completion
• Block-Erase instruction completion
• Chip-Erase instruction completion
• Write-Status-Register instructions
TABLE 4-1:
CONDITIONS TO EXECUTE WRITE-STATUS-REGISTER (WRSR) INSTRUCTION
WP#
BPL
Execute WRSR Instruction
L1
Not Allowed
L0
Allowed
HX
Allowed
TABLE 4-2:
SOFTWARE STATUS REGISTER
Bit
Name
Function
Default at
Power-up
Read/Write
0
BUSY
1 = Internal Write operation is in progress
0 = No internal Write operation is in progress
0R
1
WEL
1 = Device is memory Write enabled
0 = Device is not memory Write enabled
0R
2
BP0
Indicate current level of block write protection (See Table 4-3)
1R/W
3
BP1
Indicate current level of block write protection (See Table 4-3)
1R/W
4
BP2
Indicate current level of block write protection (See Table 4-3)
1R/W
5
BP3
Indicate current level of block write protection (See Table 4-3)
0R/W
6
AAI
Auto Address Increment Programming status
1 = AAI programming mode
0 = Byte-Program mode
0R
7
BPL
1 = BP3, BP2, BP1, BP0 are read-only bits
0 = BP3, BP2, BP1, BP0 are read/writable
0R/W


Similar Part No. - SST25VF040B-50-4C-S2AF

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF040B-50-4C-S2AF SST-SST25VF040B-50-4C-S2AF Datasheet
350Kb / 28P
   4 Mbit SPI Serial Flash
SST25VF040B-50-4C-S2AF SST-SST25VF040B-50-4C-S2AF Datasheet
511Kb / 30P
   4 Mbit SPI Serial Flash
SST25VF040B-50-4C-S2AF SST-SST25VF040B-50-4C-S2AF Datasheet
555Kb / 33P
   4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF040B-50-4C-S2AF MICROCHIP-SST25VF040B-50-4C-S2AF Datasheet
1Mb / 31P
   4-Mbit SPI Serial Flash
Revision F June 2020
SST25VF040B-50-4C-S2AF-T MICROCHIP-SST25VF040B-50-4C-S2AF-T Datasheet
1Mb / 31P
   4-Mbit SPI Serial Flash
Revision F June 2020
More results

Similar Description - SST25VF040B-50-4C-S2AF

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF040B SST-SST25VF040B_07 Datasheet
511Kb / 30P
   4 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B Datasheet
350Kb / 28P
   4 Mbit SPI Serial Flash
SST25VF040 SST-SST25VF040_10 Datasheet
472Kb / 23P
   4 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B_10 Datasheet
555Kb / 33P
   4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF040B MICROCHIP-SST25VF040B_V01 Datasheet
1Mb / 31P
   4-Mbit SPI Serial Flash
Revision F June 2020
SST25VF040B MICROCHIP-SST25VF040B_11 Datasheet
3Mb / 33P
   4 Mbit SPI Serial Flash
2011
logo
Silicon Storage Technol...
SST25VF040 SST-SST25VF040 Datasheet
379Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020_06 Datasheet
397Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020 Datasheet
658Kb / 24P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25LF020A SST-SST25LF020A Datasheet
300Kb / 26P
   2 Mbit / 4 Mbit SPI Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com