Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL610-01-XXXGC Datasheet(PDF) 10 Page - Microchip Technology

Part # PL610-01-XXXGC
Description  1.8V to 3.3V, 1 MHz to 130 MHz XO IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL610-01-XXXGC Datasheet(HTML) 10 Page - Microchip Technology

Back Button PL610-01-XXXGC Datasheet HTML 6Page - Microchip Technology PL610-01-XXXGC Datasheet HTML 7Page - Microchip Technology PL610-01-XXXGC Datasheet HTML 8Page - Microchip Technology PL610-01-XXXGC Datasheet HTML 9Page - Microchip Technology PL610-01-XXXGC Datasheet HTML 10Page - Microchip Technology PL610-01-XXXGC Datasheet HTML 11Page - Microchip Technology PL610-01-XXXGC Datasheet HTML 12Page - Microchip Technology PL610-01-XXXGC Datasheet HTML 13Page - Microchip Technology PL610-01-XXXGC Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
PL610-01
DS20005615A-page 10
 2016 Microchip Technology Inc.
6.0
WAVEFORM SWITCHING
CHARACTERISTICS
FIGURE 6-1:
Rise and Fall Times.
FIGURE 6-2:
VOH, VOL.
FIGURE 6-3:
Duty Cycle.
tr
tf
10%VDD
90%VDD
GND
VDD
VOH
VOL
50%VDD
Tw
T
Duty Cycle = 100% ×
Tw
T


Similar Part No. - PL610-01-XXXGC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL610-01-XXXGC PLL-PL610-01-XXXGC Datasheet
271Kb / 11P
   1.8V to 3.3V, 1MHz to 130MHz XO IC
PL610-01-XXXGC-R PLL-PL610-01-XXXGC-R Datasheet
271Kb / 11P
   1.8V to 3.3V, 1MHz to 130MHz XO IC
More results

Similar Description - PL610-01-XXXGC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PL610-02 MICROCHIP-PL610-02 Datasheet
205Kb / 16P
   1.8V to 3.3V Single IC XO with Frequency Tuning (10 MHz to 130 MHz)
06/23/16
logo
PhaseLink Corporation
PL610-01 PLL-PL610-01 Datasheet
271Kb / 11P
   1.8V to 3.3V, 1MHz to 130MHz XO IC
PL611S-17 PLL-PL611S-17 Datasheet
222Kb / 9P
   1.8V-3.3V PicoPLLTM KHz to MHz Programmable Clock
logo
Microchip Technology
PL613-01 MICROCHIP-PL613-01 Datasheet
403Kb / 20P
   1.8V to 3.3V, PicoPLL, 3-PLL, 200 MHz, 8 Output Clock IC
06/23/16
logo
List of Unclassifed Man...
591BD-DDG ETC2-591BD-DDG Datasheet
121Kb / 12P
   1 ps MAX JITTER CRYSTAL OSCILLATOR (XO) (10 MHZ TO 810 MHZ)
logo
Skyworks Solutions Inc.
SI590 SKYWORKS-SI590 Datasheet
521Kb / 16P
   1 ps MAX JITTER CRYSTAL OSCILLATOR (XO) (10 MHZ TO 810 MHZ)
Rev. 1.2
logo
Abracon Corporation
ABX0027B ABRACON-ABX0027B Datasheet
177Kb / 5P
   Ultra Low Current XO 10 MHz to 52 MHz
06/23/06
logo
PhaseLink Corporation
PLL600-27B PLL-PLL600-27B Datasheet
203Kb / 5P
   Ultra Low Current XO 10 MHz to 52 MHz
PLL600-27-37 PLL-PLL600-27-37 Datasheet
185Kb / 5P
   Ultra Low Current XO 10 MHz to 52 MHz
logo
Micro Analog systems
MAS9281 MAS-MAS9281 Datasheet
76Kb / 6P
   IC FOR 10.00 - 60.00 MHz XO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com