Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9177-27CB Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RT9177-27CB
Description  Ultra-Low-Noise 200mA LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9177-27CB Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RT9177-27CB Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9177-27CB Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9177-27CB Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9177-27CB Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9177-27CB Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9177-27CB Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9177-27CB Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9177-27CB Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9177-27CB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Preliminary
RT9177
DS9177-00 Feb. 2001
www.richtek-ic.com.tw
5
PSRR
-100
-90
-80
-70
-60
-50
-40
-30
-20
Frequency (Hz)
10
100
1K
10K
100K
1M
100mA
10mA
VOUT = 3V
TA = 25°C
CBP = 470pF
PSRR
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Frequency (Hz)
10
100
1K
10K
100K
1M
10mA
100mA
VOUT = 3V
TA = 25°C
CBP = 10nF
Noise Signal & Spectrum Distribution
0
10
20
30
40
50
0
25
50
75
100
125
Frequency (KHz)
-
-
-
-
5
1
024
68
10
Time (mS)
CIN = 1uF TAN
COUT = 4.7uF TAN
CBP = 10nF
Load = 10mA
Sampling Rate = 250KHz
150
50
-50
Noise Signal & Spectrum Distribution
0
10
20
30
40
50
0
25
50
75
100
125
Frequency (KHz)
-35
-25
-15
-50
50
150
02
46
8
10
Time (mS)
CIN = 1uF TAN
COUT = 4.7uF TAN
CBP = 10nF
Load = 100mA
Sampling Rate = 250KHz
150
50
-50
Noise Signal & Spectrum Distribution
0
20
40
60
80
100
0
25
50
75
100
125
Frequency (KHz)
-100
-750
-500
-250
0
250
02
46
8
10
Time (mS)
CIN = 1uF TAN
COUT = 4.7uF TAN
CBP = 470nF
Load = 10mA
Sampling Rate = 250KHz
250
0
-250
Noise Signal & Spectrum Distribution
0
20
40
60
80
100
025
50
75
100
125
Frequency (KHz)
-10
-75
-50
-25
0
25
02
46
8
10
Time (mS)
CIN = 1uF TAN
COUT = 4.7uF TAN
CBP = 470nF
Load = 100mA
Sampling Rate = 250KHz
250
0
-250


Similar Part No. - RT9177-27CB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9170 RICHTEK-RT9170 Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
RT9170-12GB RICHTEK-RT9170-12GB Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
RT9170-12GV RICHTEK-RT9170-12GV Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
RT9170-12GX RICHTEK-RT9170-12GX Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
RT9170-12PB RICHTEK-RT9170-12PB Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
More results

Similar Description - RT9177-27CB

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3993 POWER-LP3993 Datasheet
306Kb / 7P
   200mA,Ultra-low Noise LDO Regulator
LP3995 POWER-LP3995 Datasheet
542Kb / 9P
   200mA,Ultra-low Noise LDO Regulator
logo
Unisonic Technologies
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
   LOW NOISE 200mA LDO REGULATOR
logo
RICOH electronics devic...
RP100X RICOH-RP100X Datasheet
1Mb / 28P
   LOW NOISE 200mA LDO REGULATOR
logo
Unisonic Technologies
LR1122D UTC-LR1122D_16 Datasheet
280Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9178 RICHTEK-RT9178_08 Datasheet
153Kb / 11P
   200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9178 RICHTEK-RT9178 Datasheet
180Kb / 11P
   200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9182 RICHTEK-RT9182_08 Datasheet
112Kb / 9P
   Dual, Low-Noise, 200mA LDO Regulator
RT9182 RICHTEK-RT9182 Datasheet
212Kb / 10P
   DUAL, LOW-NOISE, 200mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com