Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDM862 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # SDM862
Description  16 Single Ended/8 Differential Input 12-BIT DATA ACQUISITION SYSTEMS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

SDM862 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button SDM862 Datasheet HTML 6Page - Burr-Brown (TI) SDM862 Datasheet HTML 7Page - Burr-Brown (TI) SDM862 Datasheet HTML 8Page - Burr-Brown (TI) SDM862 Datasheet HTML 9Page - Burr-Brown (TI) SDM862 Datasheet HTML 10Page - Burr-Brown (TI) SDM862 Datasheet HTML 11Page - Burr-Brown (TI) SDM862 Datasheet HTML 12Page - Burr-Brown (TI) SDM862 Datasheet HTML 13Page - Burr-Brown (TI) SDM862 Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
®
SDM862/863/872/873
10
acquisition time and droop rate, as the hold capacitor is
increased in value it takes longer to charge, and hence there
is a corresponding increase in acquisition time and reduction
in droop rate. The droop rate is determined by the amount of
leakage present in the SDM, board leakage and the dielectric
absorption of the hold capacitance. The hold capacitor is
also a compensation element for the S/H and should not be
reduced below 2nf for good stability. The offset error in
sample mode is not affected by the hold capacitor. However,
during the transition to hold mode there is approximately
5pC of charge injected into the hold capacitor, causing an
offset error that has been nulled for use with a 5nf hold
capacitor. Any other value for the hold capacitor will cause
a minor but fixed hold mode offset to be introduced, and is
proportional to the change in value from 5nf. Therefore, the
SDM should be offset nulled with the S/H in hold mode.
ANALOG-TO-DIGITAL CONVERTER
This circuit element converts the analog voltage presented
by the sample/hold amplifier to a digital number in binary
format under control of the digital signals detailed in Figure
9. The converter can convert unipolar and bipolar signals in
the range 10V and 20V. It can be calibrated to remove gain
and offset errors from the entire system. The converter
contains its own clock, voltage reference, and microproces-
sor interface with 3-state outputs. The converter will nor-
mally be used to digitize signals to 12-bit resolution, but it
can be short-cycled to provide 8-bit resolution at higher
speed. The digital output is compatible with 8- or 16-bit data
buses, the data format being selected by control signals as
detailed in Figure 9.
SAMPLE/HOLD AMPLIFIER
The Sample/Hold amplifier (S/H) is used to track the incom-
ing signal and “hold” the required instantaneous value so
that it does not change while the ADC is carrying out its
conversion. Timing for the S/H may be derived from the
STATUS output of the ADC, with care being taken to
comply with the SDM timing considerations.
Capacitors with high insulation resistance and low dielectric
absorption such as Teflon™, polystyrene or polypropylene
should be used as storage elements. (Polystyrene should not
be used above +80
°C.) Teflon™ is recommended for high
temperature operation. Care should be taken in the printed
circuit layout to minimize stray capacitance and leakage
currents from the capacitor to minimize charge offset and
droop errors. The use of a guard ring driven by the S/H
output around the pin connecting to the hold capacitor is
recommended. (Refer to the application board layout for an
example of this.)
The value of the external hold capacitor determines the
droop rate, charge offset and acquisition time of the S/H,
Figure 8. Droop rate for the SDM is specified with a hold
capacitor value of 4700pf. There is a trade-off between
FIGURE 7. Setting Programmable Gains.
Some applications may require programmable gains. This
may be realized with Figure 7.
1
2
3
15
66
6
7
8
67
SDM8X3
MUX
INA
Gain Sel
TTL/CMOS
1-10-100
PGA
102
FIGURE 8. Acquisition Time vs Hold Capacitance for a 10V
Step Settling to
±10mV of Final Value.
DATA
BYTE
CE
CS
R/C
MODE
SELECT
OPERATION
0
X
X
X
X
None
X
1
X
X
X
None
0
0
X
0
Initiate 12-bit conversion
0
0
X
1
Initiate 8-bit conversion
1
0
X
0
Initiate 12-bit conversion
1
0
X
1
Initiate 8-bit conversion
10
X
0
Initiate 12-bit conversion
10
X
1
Initiate 8-bit conversion
1
0
1
1
X
Enable 12-bit output
1
0
1
0
0
Enable 8 MSBs only
1
0
1
0
1
Enable 4 LSBs plus 4
trailing zeros
FIGURE 9. Control Input Truth Table.
LINEARITY ERROR
Linearity error is defined as the deviation of actual code
transition values from the ideal transition values. Ideal
transition values lie on a line drawn through zero (or minus
full scale for bipolar operation) and plus full scale. The zero
value is located at an analog input value 1/2LSB before the
first code transition (000H to 001H). The full-scale value is
located at an analog value 3/2LSB beyond the last code
transition (FFEH to FFFH) (see Figure). Thus, with the SDM
connected for bipolar operation and with a full-scale range
(or span) of 20V (
±10V), the zero value of –10V is 2.44mV
6
10
9
8
7
6
5
4
3
8
410
12
14
16
Hold Capacitance (nF)
ACQUISITION TIME vs HOLD CAPACITANCE
For a 10V Step to ±10mV of Final Value


Similar Part No. - SDM862

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDM8401 SAMHOP-SDM8401 Datasheet
1Mb / 9P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
SDM8958 SAMHOP-SDM8958 Datasheet
736Kb / 9P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
More results

Similar Description - SDM862

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1297 LINER-LTC1297_15 Datasheet
322Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292 Datasheet
466Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292_15 Datasheet
322Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292_1 Datasheet
317Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
logo
Analog Devices
AD363 AD-AD363 Datasheet
6Mb / 16P
   COMPLETE 16 CHANNEL 12-BIT DATA ACQUISITION SYSTEMS
logo
Maxim Integrated Produc...
MAX180 MAXIM-MAX180 Datasheet
732Kb / 20P
   Complete, 8-Channel, 12-Bit Data-Acquisition Systems
19-3950; Rev 0; 6/91
logo
Murata Manufacturing Co...
HDAS8-16 MURATA-HDAS8-16 Datasheet
216Kb / 7P
   12-Bit, 50kHz, Complete Data Acquisition Systems
logo
Maxim Integrated Produc...
MAX7651 MAXIM-MAX7651 Datasheet
479Kb / 36P
   Flash Programmable 12-Bit Integrated Data-Acquisition Systems
Rev 0; 8/01
logo
Analog Devices
AD363 AD-AD363_15 Datasheet
6Mb / 16P
   Complete 16-Channel, 2-Bit Data Acquisition Systems
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com