Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST25WF040-40-5I-QAE Datasheet(PDF) 1 Page - Microchip Technology

Part # SST25WF040-40-5I-QAE
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF040-40-5I-QAE Datasheet(HTML) 1 Page - Microchip Technology

  SST25WF040-40-5I-QAE Datasheet HTML 1Page - Microchip Technology SST25WF040-40-5I-QAE Datasheet HTML 2Page - Microchip Technology SST25WF040-40-5I-QAE Datasheet HTML 3Page - Microchip Technology SST25WF040-40-5I-QAE Datasheet HTML 4Page - Microchip Technology SST25WF040-40-5I-QAE Datasheet HTML 5Page - Microchip Technology SST25WF040-40-5I-QAE Datasheet HTML 6Page - Microchip Technology SST25WF040-40-5I-QAE Datasheet HTML 7Page - Microchip Technology SST25WF040-40-5I-QAE Datasheet HTML 8Page - Microchip Technology SST25WF040-40-5I-QAE Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
SST25WF512 / SST25WF010 / SST25WF020 / SST25WF040
©2014 Silicon Storage Technology, Inc.
DS20005016C
11/14
EOL Data Sheet
www.microchip.com
Features
• Single Voltage Read and Write Operations
– 1.65-1.95V
• Serial Interface Architecture
– SPI Compatible: Mode 0 and Mode 3
• High Speed Clock Frequency
– 40MHz
• Superior Reliability
– Endurance: 100,000 Cycles
– Greater than 100 years Data Retention
• Ultra-Low Power Consumption:
– Active Read Current: 2 mA (typical @ 20MHz)
– Standby Current: 2 µA (typical)
• Flexible Erase Capability
– Uniform 4 KByte sectors
– Uniform 32 KByte overlay blocks
– Uniform 64 KByte overlay blocks
(2 Mbit and 4 Mbit only)
• Fast Erase and Byte-Program:
– Chip-Erase Time: 125 ms (typical)
– Sector-/Block-Erase Time: 62ms (typical)
– Byte-Program Time: 50 µS (typical)
• Auto Address Increment (AAI) Programming
– Decrease total chip programming time over Byte-Pro-
gram operations
• End-of-Write Detection
– Software polling the BUSY bit in Status Register
– Busy Status readout on SO pin
• Reset Pin (RST#) or Programmable Hold Pin
(HOLD#) option
– Hardware Reset pin as default
– Hold pin option to suspend a serial sequence without
deselecting the device
• Write Protection (WP#)
– Enables/Disables the Lock-Down function of the status
register
• Software Write Protection
– Write protection through Block-Protection bits in status
register
• Temperature Range
– Industrial: -40°C to +85°C
• Packages Available
– 8-lead SOIC (150 mils)
– 8-contact WSON (5mm x 6mm)
• All devices are RoHS compliant
SST25WF512 / SST25WF010 / SST25WF020 / SST25WF040 are members of
the Serial Flash 25 Series family and feature a four-wire, SPI-compatible interface
that allows for a low pin-count package which occupies less board space and ulti-
mately lowers total system costs. SPI serial flash memory is manufactured with
SST proprietary, high performance CMOS SuperFlash technology. The split-gate
cell design and thick-oxide tunneling injector attain better reliability and manufac-
turability compared with alternate approaches.
Obsolete Device
Please contact Microchip Sales for replacement information.


Similar Part No. - SST25WF040-40-5I-QAE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25WF040-40-5I-QAE SST-SST25WF040-40-5I-QAE Datasheet
887Kb / 32P
   512 Kbit / 1 Mbit / 2 Mbit / 4Mbit 1.8V SPI Serial Flash
More results

Similar Description - SST25WF040-40-5I-QAE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25WF512 SST-SST25WF512 Datasheet
826Kb / 29P
   512 Kbit / 1 Mbit / 2 Mbit 1.8V SPI Serial Flash
SST25WF512 SST-SST25WF512_10 Datasheet
887Kb / 32P
   512 Kbit / 1 Mbit / 2 Mbit / 4Mbit 1.8V SPI Serial Flash
SST45VF512 SST-SST45VF512 Datasheet
170Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit Serial Flash
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST29SF512 SST-SST29SF512 Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST39LF512 SST-SST39LF512 Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST25VF040 SST-SST25VF040 Datasheet
379Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020_06 Datasheet
397Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25WF020A MICROCHIP-SST25WF020A_14 Datasheet
387Kb / 39P
   2 Mbit 1.8V SPI Serial Flash
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com