Electronic Components Datasheet Search |
|
5962-9560005MNA Datasheet(PDF) 3 Page - Micross Components |
|
5962-9560005MNA Datasheet(HTML) 3 Page - Micross Components |
3 / 19 page SRAM AS5C512K8 AS5C512K8 Rev. 7.5 01/13 Micross Components reserves the right to change products or specifications without notice. 3 ABSOLUTE MAXIMUM RATINGS* VoltageonVccSupplyRelativetoVss Vcc....................................................................-.5Vto+7.0V StorageTemperature(Plastic)......................-65°Cto+150°C StorageTemperature(Ceramic)...................-55°Cto+125°C ShortCircuitOutputCurrent(perI/O)…........................20mA VoltageonanyPinRelativetoVss.................-.5VtoVcc+1V MaximumJunctionTemperature**..............................+150°C PowerDissipation................................................................1W *Stressesgreaterthanthoselistedunder“AbsoluteMaximum Ratings”maycausepermanentdamagetothedevice.This isastressratingonlyandfunctionaloperationofthedevice attheseoranyotherconditionsabovethoseindicatedinthe operationsectionofthisspecificationisnotimplied.Exposure toabsolutemaximumratingconditionsforextendedperiods mayaffectreliability. **Junctiontemperaturedependsuponpackagetype,cycletime, loading,ambienttemperatureandairflow,andhumidity. ELECTRICAL CHARACTERISTICS AND RECOMMENDED DC OPERATING CONDITIONS (-55oC < T A < +125 o C & -40oC < T A < +85 o C ; Vcc = 5V +10%) DESCRIPTION SYM -12 -15 -17 -20 -25 -35 -45 UNITS NOTES ICCSP 100 100 100 90 90 80 70 mA 3 "L" Version Only ICCLP 75 75 75 65 65 60 50 mA ISBTSP 20 20 20 20 20 20 20 mA "L" Version Only ISBTLP 10 10 10 10 10 10 10 mA ISBCSP 15 15 15 15 15 15 15 mA "L" Version Only ISBCLP 5555555 mA MAX Power Supply Current: Standby CONDITIONS WE\=CE\<VIL; Vcc = MAX f = MAX = 1/tRC Outputs Open CE\ > VIH, All other inputs < VIL, Vcc = MAX, f = 0, Outputs Open CE\ > Vcc -0.2V; Vcc = MAX VIN<Vss +0.2V or VIN>Vcc -0.2V; f = 0 Power Supply Current: Operating DESCRIPTION CONDITIONS SYM MIN MAX UNITS NOTES Input High (Logic 1) Voltage VIH 2.2 Vcc +0.5 V 1 Input Low (Logic 0) Voltage VIL -0.5 0.8 V 1, 2 Input Leakage Current 0V < VIN < Vcc ILI -2 2 μ A Output Leakage Current Output(s) Disabled 0V < VOUT < Vcc ILO -2 2 μ A Output High Voltage IOH = -4.0 mA VOH 2.4 --- V 1 Output Low Voltage IOL = 8 mA VOL --- 0.4 V 1 Supply Voltage VCC 4.5 5.5 V 1 CAPACITANCE PARAMETER CONDITIONS SYMBOL MAX UNITS NOTES Input Capacitance CI 8 pF 4 Output Capactiance Co 10 pF 4 TA = 25oC, f = 1MHz VIN = 0 |
Similar Part No. - 5962-9560005MNA |
|
Similar Description - 5962-9560005MNA |