Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST39VF3201C Datasheet(PDF) 1 Page - Microchip Technology

Part # SST39VF3201C
Description  32 Mbit (x16) Multi-Purpose Flash Plus
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39VF3201C Datasheet(HTML) 1 Page - Microchip Technology

  SST39VF3201C Datasheet HTML 1Page - Microchip Technology SST39VF3201C Datasheet HTML 2Page - Microchip Technology SST39VF3201C Datasheet HTML 3Page - Microchip Technology SST39VF3201C Datasheet HTML 4Page - Microchip Technology SST39VF3201C Datasheet HTML 5Page - Microchip Technology SST39VF3201C Datasheet HTML 6Page - Microchip Technology SST39VF3201C Datasheet HTML 7Page - Microchip Technology SST39VF3201C Datasheet HTML 8Page - Microchip Technology SST39VF3201C Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005020B
07/14
Data Sheet
www.microchip.com
32 Mbit (x16) Multi-Purpose Flash Plus
SST39VF3201C / SST39VF3202C
Features
• Organized as 2M x16
• Single Voltage Read and Write Operations
– 2.7-3.6V
• Superior Reliability
– Endurance: 100,000 Cycles (Typical)
– Greater than 100 years Data Retention
• Low Power Consumption (typical values at 5 MHz)
– Active Current: 6 mA (typical)
– Standby Current: 4 µA (typical)
– Auto Low Power Mode: 4 µA (typical)
• Hardware Block-Protection/WP# Input Pin
– Top Block-Protection (top two 4-KWord blocks)
for SST39VF3202C
– Bottom Block-Protection (bottom two 4-KWord blocks)
for SST39VF3201C
• Sector-Erase Capability
– Uniform 2 KWord sectors
• Block-Erase Capability
– Flexible block architecture
– Eight 4-KWord blocks, 63 32-KWord blocks
• Chip-Erase Capability
• Erase-Suspend/Erase-Resume Capabilities
• Hardware Reset Pin (RST#)
• Security-ID Feature
– Microchip: 128 bits; User: 128 words
• Fast Read Access Time:
–70 ns
• Latched Address and Data
• Fast Erase and Word-Program:
– Sector-Erase Time: 18 ms (typical)
– Block-Erase Time: 18 ms (typical)
– Chip-Erase Time: 35 ms (typical)
– Word-Program Time: 7 µs (typical)
• Automatic Write Timing
– Internal VPP Generation
• End-of-Write Detection
– Toggle Bits
– Data# Polling
– RY/BY# Pin
• CMOS I/O Compatibility
• JEDEC Standard
– Flash EEPROM Pin Assignments
• Packages Available
– 48-lead TSOP (12mm x 20mm)
– 48-ball TFBGA (6mm x 8mm)
• All devices are RoHS compliant
The SST39VF3201C and SST39VF3202C devices are 2M x16, CMOS Multi-Pur-
pose Flash Plus (MPF+) manufactured with proprietary, high performance CMOS
SuperFlash technology. The split-gate cell design and thick-oxide tunneling injec-
tor attain better reliability and manufacturability compared with alternate
approaches. The SST39VF3201C and SST39VF3202C write (Program or Erase)
with a 2.7-3.6V power supply. This device conforms to JEDEC standard pinouts
for x16 memories.


Similar Part No. - SST39VF3201C

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF3201C SST-SST39VF3201C Datasheet
363Kb / 37P
   32 Mbit (x16) Multi-Purpose Flash Plus Active Current: 6 mA
logo
Microchip Technology
SST39VF3201C MICROCHIP-SST39VF3201C Datasheet
1Mb / 36P
   32-Mbit (x16) Multi-Purpose Flash Plus
REVISION C April 2020
SST39VF3201C-70-4C-B3KE MICROCHIP-SST39VF3201C-70-4C-B3KE Datasheet
1Mb / 36P
   32-Mbit (x16) Multi-Purpose Flash Plus
REVISION C April 2020
SST39VF3201C-70-4C-EKE MICROCHIP-SST39VF3201C-70-4C-EKE Datasheet
1Mb / 36P
   32-Mbit (x16) Multi-Purpose Flash Plus
REVISION C April 2020
SST39VF3201C-70-4I-B3KE MICROCHIP-SST39VF3201C-70-4I-B3KE Datasheet
1Mb / 36P
   32-Mbit (x16) Multi-Purpose Flash Plus
REVISION C April 2020
More results

Similar Description - SST39VF3201C

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST39VF3201B-70-4I-EKE MICROCHIP-SST39VF3201B-70-4I-EKE Datasheet
904Kb / 29P
   32 Mbit (x16) Multi-Purpose Flash Plus
1/09
SST39VF3201C MICROCHIP-SST39VF3201C_V01 Datasheet
1Mb / 36P
   32-Mbit (x16) Multi-Purpose Flash Plus
REVISION C April 2020
logo
Silicon Storage Technol...
SST39VF3201B SST-SST39VF3201B_13 Datasheet
904Kb / 29P
   32 Mbit x16 Multi-Purpose Flash Plus
SST39VF1601 SST-SST39VF1601 Datasheet
496Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601 SST-SST39VF1601_05 Datasheet
509Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF320 SST-SST39VF320 Datasheet
384Kb / 24P
   32 Mbit (x16) Multi-Purpose Flash
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
   64 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF801C-70-4C-B3KE SST-SST39VF801C-70-4C-B3KE Datasheet
378Kb / 38P
   8 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF6401B MICROCHIP-SST39VF6401B_V01 Datasheet
4Mb / 38P
   64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com