Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE5731A Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MJE5731A
Description  isc Silicon PNP Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJE5731A Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MJE5731A Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJE5731A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon PNP Power Transistor
MJE5731A
DESCRIPTION
·
Collector-Emitter Sustaining Voltage-
: VCEO(SUS)= -400V(Min)
·
DC current gain -
: hFE = 30~150@ IC= -0.3A
·
With TO-220 Package
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Designed for line operated audio output amplifier,switchmode
power supply drivers and other switching applications
ABSOLUTE MAXIMUM RATINGS (Ta=25)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-400
V
VCEO
Collector-Emitter Voltage
-400
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-1
A
ICM
Collector Current-Peak
-3
A
IB
Base Current
-1
A
PC
Collector Power Dissipation
@Ta=25℃
2
W
Collector Power Dissipation
@TC=25℃
40
Tj
Junction Temperature
150
Tstg
Storage Temperature
-65~150
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
3.125
/W
Rth j-a
Thermal Resistance,Junction to Ambient
62.5
/W


Similar Part No. - MJE5731A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE5731A MOTOROLA-MJE5731A Datasheet
190Kb / 6P
   1.0 AMPERE POWER TRANSISTORS PNP SILICON 300-350-400 VOLTS 40 WATTS
logo
ON Semiconductor
MJE5731A ONSEMI-MJE5731A Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
MJE5731A ONSEMI-MJE5731A Datasheet
82Kb / 5P
   High Voltage PNP Silicon Plastic Power Transistors
February, 2006 ??Rev. 5
MJE5731A ONSEMI-MJE5731A Datasheet
82Kb / 6P
   High Voltage PNP Silicon Plastic Power Transistors
January, 2015 ??Rev. 8
MJE5731AG ONSEMI-MJE5731AG Datasheet
82Kb / 5P
   High Voltage PNP Silicon Plastic Power Transistors
February, 2006 ??Rev. 5
More results

Similar Description - MJE5731A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STD888 ISC-STD888 Datasheet
227Kb / 2P
   isc Silicon PNP Power Transistor
2SB1157-3PFA ISC-2SB1157-3PFA Datasheet
152Kb / 2P
   isc Silicon PNP Power Transistor
KTB1366 ISC-KTB1366 Datasheet
150Kb / 2P
   isc Silicon PNP Power Transistor
KSH210 ISC-KSH210 Datasheet
336Kb / 3P
   isc Silicon PNP Power Transistor
BUX78 ISC-BUX78 Datasheet
213Kb / 2P
   isc Silicon PNP Power Transistor
BDS18 ISC-BDS18 Datasheet
193Kb / 2P
   isc Silicon PNP Power Transistor
2N3197 ISC-2N3197 Datasheet
260Kb / 2P
   isc Silicon PNP Power Transistor
2SA1649 ISC-2SA1649 Datasheet
283Kb / 2P
   isc Silicon PNP Power Transistor
2SB538 ISC-2SB538 Datasheet
249Kb / 2P
   isc Silicon PNP Power Transistor
2SB724 ISC-2SB724 Datasheet
257Kb / 2P
   isc Silicon PNP Power Transistor
BD844 ISC-BD844_17 Datasheet
276Kb / 2P
   isc Silicon PNP Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com