Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9164-28CG Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RT9164-28CG
Description  1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9164-28CG Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button RT9164-28CG Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9164-28CG Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9164-28CG Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9164-28CG Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9164-28CG Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9164-28CG Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9164-28CG Datasheet HTML 9Page - List of Unclassifed Manufacturers RT9164-28CG Datasheet HTML 10Page - List of Unclassifed Manufacturers RT9164-28CG Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
RT9164
DS9164-08 May 2001
www.richtek-ic.com.tw
7
T
T
T
1 >
1 >
1 >
1 >
2 >
2 >
2 >
2 >
0
10 20 30
40 50
60 70
80
90
100
Time (
µS)
≈≈≈≈
Line Transient Response
COUT = 10
µF Tantalum
IOUT = 0.1A
20
0
-20
-40
4.5
3.5
2.5
1.5
VOUT + 0.5≈≈≈≈
T
T
T
1 >
1 >
1 >
1 >
2 >
2 >
2 >
2 >
0
10 20 30
40 50
60 70
80
90
100
Time (
µS)
≈≈≈≈
RT9164-3.3 Load Transient Response
CIN = 10
µF Tantalum
COUT = 10
µF Tantalum
VIN = 4.8V
Preload = 0.1A
0.3
0.2
0.1
0
-0.1
-0.2≈≈≈≈
0.5
0
-0.5
Load Transient Response
VOUT = 3.3V
T
T
T
1 >
1 >
1 >
1 >
2 >
2 >
2 >
2 >
0
10 20 30
40 50
60 70 80
90
100
Time (
µS)
≈≈≈≈
RT9164-3.3 Load Transient Response
CIN = 10
µF Tantalum
COUT = 10
µF Tantalum
VIN = 4.8V
Preload = 0.1A
1.0
0
-1.0
0.3
0.2
0.1
0
-0.1
-0.2≈≈≈≈
Load Transient Response
VOUT = 3.3V


Similar Part No. - RT9164-28CG

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
RT9164A-15GG RICHTEK-RT9164A-15GG Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
RT9164A-15GL RICHTEK-RT9164A-15GL Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
RT9164A-15GLR RICHTEK-RT9164A-15GLR Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
RT9164A-15GM RICHTEK-RT9164A-15GM Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
More results

Similar Description - RT9164-28CG

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
KIA Semiconductor Techn...
1117 KIA-1117 Datasheet
33Kb / 4P
   1A LOW DROPOUT FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
114Kb / 8P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206 Datasheet
187Kb / 9P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
94Kb / 12P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206_16 Datasheet
231Kb / 10P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
   1A Fixed Low Dropout Positive Voltage Regulators
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
   1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com