Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4DDR232M72APBG-3 Datasheet(PDF) 10 Page - Micross Components

Part # AS4DDR232M72APBG-3
Description  4-bit prefetch architecture
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS4DDR232M72APBG-3 Datasheet(HTML) 10 Page - Micross Components

Back Button AS4DDR232M72APBG-3 Datasheet HTML 6Page - Micross Components AS4DDR232M72APBG-3 Datasheet HTML 7Page - Micross Components AS4DDR232M72APBG-3 Datasheet HTML 8Page - Micross Components AS4DDR232M72APBG-3 Datasheet HTML 9Page - Micross Components AS4DDR232M72APBG-3 Datasheet HTML 10Page - Micross Components AS4DDR232M72APBG-3 Datasheet HTML 11Page - Micross Components AS4DDR232M72APBG-3 Datasheet HTML 12Page - Micross Components AS4DDR232M72APBG-3 Datasheet HTML 13Page - Micross Components AS4DDR232M72APBG-3 Datasheet HTML 14Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
iPEM
2.4 Gb SDRAM-DDR2
AS4DDR232M72APBG
AS4DDR232M72APBG
Rev. 1.1 12/12
10
Micross Components reserves the right to change products or specifications without notice.
CAS LATENCY (CL)
TheCASlatency(CL)isdefinedbybitsM4-M6,asshown
in Figure 5. CL is the delay, in clock cycles, between the
registrationofaREADcommandandtheavailabilityofthefirst
bit of output data. The CL can be set to 3, 4, 5, or 6 clocks,
depending on the speed grade option being used.
DDR2 SDRAM does not support any half-clock latencies.
Reserved states should not be used as unknown operation
or incompatibility with future versions may result.
DDR2 SDRAM also supports a feature called posted CAS
additive latency (AL). This feature allows the READ command
to be issued prior to tRCD (MIN) by delaying the
internal command to the DDR2 SDRAM by AL clocks.
Examples of CL = 3 and CL = 4 are shown in Figure 6; both
assume AL = 0. If a READ command is registered at clock
edge n, and the CL is m clocks, the data will be available
nominally coincident with clock edge n+m (this assumes
AL = 0).
FIGURE 6 - CAS LATENCY (CL)
CAS LATENCY (CL)
The CAS latency (CL) is defined by bits M4–M6, as shown
in Figure 5. CL is the delay, in clock cycles, between the
registration of a READ command and the availability of
the first bit of output data. The CL can be set to 3, 4, 5,
or 6 clocks, depending on the speed grade option being
used.
DDR2 SDRAM does not support any half-clock latencies.
Reserved states should not be used as unknown operation
or incompatibility with future versions may result.
DDR2 SDRAM also supports a feature called posted
CAS additive latency (AL). This feature allows the READ
command to be issued prior to tRCD (MIN) by delaying the
internal command to the DDR2 SDRAM by AL clocks.
Examples of CL = 3 and CL = 4 are shown in Figure 6;
both assume AL = 0. If a READ command is registered
at clock edge n, and the CL is m clocks, the data will be
available nominally coincident with clock edge n+m (this
assumes AL = 0).
FIGURE 6 – CAS LATENCY (CL)
T0
T1
T2
T3
T4
T5
T6
CK#
CK
COMMAND
DQS, DQS#
DQ
CK#
CK
COMMAND
DQS, DQS#
DQ
Burst length = 4
Posted CAS# additive latency (AL) = 0
Shown with nominal tAC, tDQSCK, and tDQSQ
DOUT
n + 3
DOUT
n + 2
DOUT
n + 1
CL = 3 (AL = 0)
READ
NOP
NOP
NOP
DOUT
n
NOP
NOP
NOP
DOUT
n + 3
DOUT
n + 2
DOUT
n + 1
CL = 4 (AL = 0)
READ
T0
T1
T2
NOP
NOP
NOP
DOUT
n
T3
T4
T5
NOP
NOP
T6
NOP
TRANSITIONING DATA
DON’T CARE
AS4DDR232M72PBG
10
AustinSemiconductor, Inc. • (512) 339-1188 • www.austinsemiconductor.com
Rev. 0.0
07/06
iPEM
2.4 Gb SDRAM-DDR2
AS4DDR232M72PBG


Similar Part No. - AS4DDR232M72APBG-3

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS4DDR232M72PBG AUSTIN-AS4DDR232M72PBG Datasheet
247Kb / 28P
   32Mx72 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR232M72PBG-3/ET AUSTIN-AS4DDR232M72PBG-3/ET Datasheet
247Kb / 28P
   32Mx72 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR232M72PBG-3/IT AUSTIN-AS4DDR232M72PBG-3/IT Datasheet
247Kb / 28P
   32Mx72 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR232M72PBG-3/XT AUSTIN-AS4DDR232M72PBG-3/XT Datasheet
247Kb / 28P
   32Mx72 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR232M72PBG-38/ET AUSTIN-AS4DDR232M72PBG-38/ET Datasheet
247Kb / 28P
   32Mx72 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
More results

Similar Description - AS4DDR232M72APBG-3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43DR32160C ISSI-IS43DR32160C Datasheet
1Mb / 44P
   4-bit prefetch architecture
logo
Micross Components
MYX4DDR364M16JT MICROSS-MYX4DDR364M16JT Datasheet
7Mb / 128P
   8n-bit prefetch architecture
logo
Micron Technology
MT41K512M4 MICRON-MT41K512M4 Datasheet
2Mb / 207P
   8n-bit prefetch architecture
logo
Alliance Semiconductor ...
4GB-AUTO-AS4C256M16D3 ALSC-4GB-AUTO-AS4C256M16D3 Datasheet
2Mb / 83P
   8n-bit prefetch architecture
logo
Micross Components
MYX4DDR3L128M16JT MICROSS-MYX4DDR3L128M16JT Datasheet
4Mb / 129P
   8n-bit prefetch architecture
logo
Alliance Semiconductor ...
AS4C256M16D3A-12BCN ALSC-AS4C256M16D3A-12BCN Datasheet
1Mb / 83P
   8n-bit prefetch architecture
logo
Winbond
W97AH6KB WINBOND-W97AH6KB Datasheet
2Mb / 127P
   Four-bit prefetch DDR architecture
logo
Microchip Technology
39504 MICROCHIP-39504 Datasheet
232Kb / 16P
   Section 4. Architecture
2000
logo
ATMEL Corporation
AT91SAM7L128PRE ATMEL-AT91SAM7L128PRE Datasheet
8Mb / 564P
    numberHigh-performance 32-bit RISC Architecture
AT91M42800A ATMEL-AT91M42800A_14 Datasheet
423Kb / 27P
   High-performance 32-bit RISC Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com