Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9516PW Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA9516PW
Description  5-channel I2C hub
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9516PW Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9516PW Datasheet HTML 2Page - NXP Semiconductors PCA9516PW Datasheet HTML 3Page - NXP Semiconductors PCA9516PW Datasheet HTML 4Page - NXP Semiconductors PCA9516PW Datasheet HTML 5Page - NXP Semiconductors PCA9516PW Datasheet HTML 6Page - NXP Semiconductors PCA9516PW Datasheet HTML 7Page - NXP Semiconductors PCA9516PW Datasheet HTML 8Page - NXP Semiconductors PCA9516PW Datasheet HTML 9Page - NXP Semiconductors PCA9516PW Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product data
PCA9516
5-channel I2C hub
2002 May 13
6
ABSOLUTE MAXIMUM RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134).
Voltages with respect to pin GND.
LIMITS
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VCC to GND
Supply voltage range VCC
–0.5
+7
V
Vbus
Voltage range I2C-bus, SCL or SDA
–0.5
+7
V
I
DC current (any pin)
50
mA
Ptot
Power dissipation
300
mW
Tstg
Storage temperature range
–55
+125
°C
Tamb
Operating ambient temperature range
–40
+85
°C
DC ELECTRICAL CHARACTERISTICS
VDD = 3.0 to 3.6 V; GND = 0 V; Tamb = –40 to +85 °C; unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VCC
DC supply voltage
3.0
3.3
3.6
V
ICCH
Quiescent supply current,
both channels HIGH
VCC = 3.6 V;
SDAn = SCLn = VCC
7
10
mA
ICCL
Quiescent supply current,
both channels LOW
VCC = 3.6 V;
one SDA and one SCL = GND,
other SDA and SCL open
6.8
10
mA
ICCLc
Quiescent supply current in contention
VCC = 3.6 V;
SDAn = SCLn = GND
7
10
mA
Input SCL; input/output SDA
VIH
High-level input voltage
0.7 VCC
5.5
V
VIL
Low-level input voltage (Note 1)
–0.5
0.3 VCC
V
VILc
Low-level input voltage contention
(Note 1)
–0.5
0.4
V
VIK
Input clamp voltage
II = –18 mA
–1.2
V
II
Input leakage current
VI = 3.6 V
±1
µA
IIL
Input current LOW, SDA, SCL
VI = 0.2 V, SDA, SCL
5
µA
VOL
Low level output
IOL = 0 or 6 mA
0.47
.52
0.6
V
VOL–VILc
Low level input voltage below
output low level voltage
Guaranteed by design
70
mV
IOH
Output high level leakage current
VO = 3.6 V
10
µA
CI
Input capacitance
VI = 3 V or 0 V
6
10
pF
Enable 1–4
VIL
LOW level input voltage
–0.5
0.8
V
VIH
HIGH level input voltage
2.0
5.5
V
IIL
Input current LOW, EN1–EN4
VI = 0.2 V, EN1–EN4
10
30
µA
ILI
Input leakage current
–1
1
µA
CI
Input capacitance
VI = 3.0 V or 0 V
6
7
pF
NOTE:
1. VIL specification is for enable input and the first low level seen by the SDAx/SCLx lines. VILc is for the second and subsequent low levels
seen by the SDAx/SCLx lines.


Similar Part No. - PCA9516PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9516A PHILIPS-PCA9516A Datasheet
122Kb / 13P
   5-channel I2C hub
2004 Sep 29
PCA9516A NXP-PCA9516A Datasheet
115Kb / 19P
   5-channel I2C-bus hub
Rev. 03-23 April 2009
PCA9516A NXP-PCA9516A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9516AD PHILIPS-PCA9516AD Datasheet
122Kb / 13P
   5-channel I2C hub
2004 Sep 29
PCA9516AD NXP-PCA9516AD Datasheet
115Kb / 19P
   5-channel I2C-bus hub
Rev. 03-23 April 2009
More results

Similar Description - PCA9516PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9516A PHILIPS-PCA9516A Datasheet
122Kb / 13P
   5-channel I2C hub
2004 Sep 29
PCA9518 PHILIPS-PCA9518 Datasheet
109Kb / 12P
   Expandable 5-channel I2C hub
2004 Sep 29
PCA9516A NXP-PCA9516A Datasheet
115Kb / 19P
   5-channel I2C-bus hub
Rev. 03-23 April 2009
PCA9518 NXP-PCA9518 Datasheet
121Kb / 21P
   Expandable 5-channel I2C-bus hub
Rev. 05-2 December 2008
PCA9518A NXP-PCA9518A Datasheet
126Kb / 23P
   Expandable 5-channel I2C-bus hub
Rev. 03-3 December 2008
logo
Texas Instruments
PCA9518 TI-PCA9518 Datasheet
489Kb / 20P
[Old version datasheet]   EXPANDABLE FIVE-CHANNEL I2C HUB
logo
SMSC Corporation
TMC2005-JT SMSC-TMC2005-JT Datasheet
395Kb / 32P
   ARCNET 5 Port HUB Controller
logo
Advantech Co., Ltd.
USB-4622 ADVANTECH-USB-4622 Datasheet
188Kb / 1P
   5-port USB 2.0 Hub
logo
SparkFun Electronics
ROB-12449 SPARKFUN-ROB-12449 Datasheet
95Kb / 1P
   Clamping Hub - 5/16 Bore
2/4/2016
logo
SMSC Corporation
TMC2005 SMSC-TMC2005 Datasheet
153Kb / 32P
   5 Port HUB Controller Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com