Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9213CW-02B3W1 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # 9213CW-02B3W1
Description  Compatible with conventional W16W lamp base
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

9213CW-02B3W1 Datasheet(HTML) 1 Page - OSRAM GmbH

  9213CW-02B3W1 Datasheet HTML 1Page - OSRAM GmbH 9213CW-02B3W1 Datasheet HTML 2Page - OSRAM GmbH 9213CW-02B3W1 Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product benefits
_ 5 year guarantee
_ Modern and intense light with up to 6,000 K
_ Three different light colors for various applications
_ Non selective illumination thanks to homogenous light distribution
_ Easy plug and play replacement, regardless of base polarity
_ Maintenance-free thanks to long lifetime and short-circuit protection
_ Up to 80 % less energy consumption (compared to standard lamps)
Product features
_ Compatible with conventional W16W lamp base
_ LED retrofit lamps for various vehicle exterior applications
_ Available with light color: Cool White, Amber, Red (for usage behind red glass)
_ Shockproof and vibration-proof
Product datasheet
W16W P Cool White
LEDriving PREMIUM | – Suitable replacement for W16W
Areas of application
_ Exterior LED car lighting
__
December 12, 2016, 09:55:32
© 2016, OSRAM GmbH. All rights reserved.
W16W P Cool White
Page 1 of 3


Similar Part No. - 9213CW-02B3W1

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
9213 ALPHAWIRE-9213 Datasheet
43Kb / 3P
   Customer Specification
logo
Leach International Cor...
9213 LEACH-9213 Datasheet
362Kb / 5P
   POWER CONTACTOR 3 PST-DM, 50/100 AMP
logo
Meder Electronic
9213100054 MEDER-9213100054 Datasheet
127Kb / 2P
   Reed sensor
9213661054 MEDER-9213661054 Datasheet
127Kb / 2P
   Reed sensor
9213669054 MEDER-9213669054 Datasheet
127Kb / 2P
   Reed sensor
More results

Similar Description - 9213CW-02B3W1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
7456CW-02B2,5W OSRAM-7456CW-02B2,5W Datasheet
187Kb / 3P
   Compatible with conventional P21W lamp base
7556CW-02B2W1 OSRAM-7556CW-02B2W1 Datasheet
189Kb / 3P
   Compatible with conventional P21W lamp base
7905CW-02B3W1 OSRAM-7905CW-02B3W1 Datasheet
182Kb / 3P
   Compatible with conventional W21W lamp base
7457YE-02B1W1 OSRAM-7457YE-02B1W1 Datasheet
193Kb / 3P
   Compatible with conventional PY21W lamp base
7705CW-02B2,5W OSRAM-7705CW-02B2,5W Datasheet
189Kb / 3P
   Compatible with conventional W21W lamp base
7557YE-02B2W1 OSRAM-7557YE-02B2W1 Datasheet
190Kb / 3P
   Compatible with conventional PY21W lamp base
1557CW-02B2W1 OSRAM-1557CW-02B2W1 Datasheet
191Kb / 3P
   Compatible with conventional P21/5W lamp base
7915CW-02B3W1 OSRAM-7915CW-02B3W1 Datasheet
183Kb / 3P
   Compatible with conventional W21/5W lamp base
7715CW-02B2,5W OSRAM-7715CW-02B2,5W Datasheet
181Kb / 3P
   Compatible with conventional W21/5W lamp base
3557CW-02B2W1 OSRAM-3557CW-02B2W1 Datasheet
195Kb / 3P
   Compatible with conventional P27/7W lamp base
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com