Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM9553SP Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # OM9553SP
Description  5V Input, 3A Output Current 3.3V, 2.5V 1.8V, 1.5V Output Switching Regulator Three Terminal Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM9553SP Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  OM9553SP Datasheet HTML 1Page - List of Unclassifed Manufacturers OM9553SP Datasheet HTML 2Page - List of Unclassifed Manufacturers OM9553SP Datasheet HTML 3Page - List of Unclassifed Manufacturers OM9553SP Datasheet HTML 4Page - List of Unclassifed Manufacturers OM9553SP Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
OM9551SP, OM9552SP, OM9553SP, OM9554SP
Rev A
08/01/2000
205 Crawford Street
• Leominster MA 01453 • Phone: 978 534 5776 • Fax: 978 537 4246 • www.omnirel.com
5
APPLICATION CIRCUIT
Internal to the package is a 22uF input capacitor and a 330uF output capacitor.
The Omnirel process allows sufficient space allocation to include all components
necessary to complete the basic regulation design. The additional by-pass
capacitors are suggested if an improvement in switching noise becomes necessary.
COM
OM9551SP
1
2
3
COM
Vin(+4.5- 5.5)
Vout(+)
(optional)
(optional)
0.1uF
0.1uF
(3.3V)


Similar Part No. - OM9553SP

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
OM900UD PULSE-OM900UD Datasheet
691Kb / 5P
   700/800/900/1850 mhz coils/whips
logo
International Rectifier
OM9369 IRF-OM9369 Datasheet
149Kb / 14P
   FULL-FEATURED POWER MODULE FOR HIGH VOLTAGE DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTOR
logo
List of Unclassifed Man...
OM9369CM ETC-OM9369CM Datasheet
121Kb / 10P
   FULL-FEATURED POWER MODULE FOR HIGH-VOLTAGE DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTORS
logo
International Rectifier
OM9369SF IRF-OM9369SF Datasheet
149Kb / 14P
   FULL-FEATURED POWER MODULE FOR HIGH VOLTAGE DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTOR
OM9369SP IRF-OM9369SP Datasheet
149Kb / 14P
   FULL-FEATURED POWER MODULE FOR HIGH VOLTAGE DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTOR
More results

Similar Description - OM9553SP

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AV45C ASTEC-AV45C Datasheet
287Kb / 25P
   1.5V, 1.8V, 3.3V, 5V Single Output 48V Input, 100W DC-DC Converter
logo
Richtek Technology Corp...
RT8008-12GB RICHTEK-RT8008-12GB Datasheet
388Kb / 14P
   1.0V, 1.2V, 1.5V, 1.8V, 2.5V and 3.3V Fixed/Adjustable Output Voltage
logo
Texas Instruments
PT6920 TI-PT6920 Datasheet
195Kb / 5P
[Old version datasheet]   5V TO 3.3V/2.5V 25 WATT DUAL OUTPUT INTEGRATED SWITCHING REGULATOR
PT6930 TI-PT6930 Datasheet
170Kb / 5P
[Old version datasheet]   5V TO 3.3V/2.5V 25 WATT DUAL OUTPUT INTEGRATED SWITCHING REGULATOR
logo
Maxim Integrated Produc...
MAX17673AEVKIT MAXIM-MAX17673AEVKIT Datasheet
959Kb / 13P
   MAX17673A 5V, 3.3V, 1.8V Output Applications
Rev 0; 1/20
logo
Galaxy Power, Inc.
GPDW5V015R GALAXY-GPDW5V015R Datasheet
755Kb / 6P
   DORADO 24V or 48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 20A Output or 5.0V DC, 15A Output
logo
Texas Instruments
PT6936 TI-PT6936 Datasheet
242Kb / 12P
[Old version datasheet]   11-A 5V/3.3V-Input Dual Output Integrated Switching Regulator
logo
Maxim Integrated Produc...
MAX17673EVKIT MAXIM-MAX17673EVKIT Datasheet
680Kb / 12P
   MAX17673 5V, 3.3V, 1.8V Output Applications
Rev 0; 11/18
logo
ON Semiconductor
NB100LVEP91 ONSEMI-NB100LVEP91 Datasheet
76Kb / 8P
   2.5V / 3.3V Any Level Positive Input to -2.5V -3.3V / -5V NECL Output Translator
January, 2003 - Rev. 2
logo
Allegro MicroSystems
SI-3005KWM ALLEGRO-SI-3005KWM Datasheet
357Kb / 9P
   1A, Low-Dropout, Dual Output, 1.5V & 1.8V Regulator
May 16, 2005
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com