Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X-66256-X Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # X-66256-X
Description  APPLICATION RANGE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

X-66256-X Datasheet(HTML) 1 Page - TE Connectivity Ltd

  X-66256-X Datasheet HTML 1Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Z
Z
Z
Z
Z
Z
Z
Z
FINISH
OTHERWISE SPECIFIED:
TOLERANCES UNLESS
mm
2 PLC
`
4 PLC
3 PLC
`
`
1 PLC
0 PLC
`
`
DIMENSIONS:
SCALE
NAME
APVD
SIZE
CHK
DWN
64625 Bensheim (Germany)
Tyco Electronics AMP GmbH
DRAWING NO
MATERIAL
SHEET
OF
REV
Gewicht / Weight in Kg
S. Samstag
0
00
06
66
6....0
00
05
55
5....2
22
20
00
00
00
09
99
9
S. Samstag
0
00
06
66
6....0
00
05
55
5....2
22
20
00
00
00
09
99
9
S. Samstag
0
00
06
66
6....0
00
05
55
5....2
22
20
00
00
00
09
99
9
UNLOCKING TOOL
7-1579008-6
E
EE
En
nn
nttttrrrriiiie
ee
eg
gg
ge
ee
ellllu
uu
un
nn
ng
gg
gs
ss
sw
w
w
we
ee
errrrk
kk
kz
zz
ze
ee
eu
uu
ug
gg
g
1:1
A3
1
1
ANGLES
`
C
CC
CU
U
U
US
S
S
ST
T
T
TO
O
O
OM
M
M
ME
EE
ER
R
R
R D
D
D
DR
R
R
RA
A
A
AW
W
W
WIIIIN
N
N
NG
G
G
G
A
A
A
A
C
CC
CA
A
A
AG
G
G
GE
EE
E C
CC
CO
O
O
OD
D
D
DE
EE
E
0
00
00
00
07
77
77
77
79
99
9
P
P
P
PR
R
R
RO
O
O
OD
D
D
DU
U
U
UC
CC
CT
T
T
T S
S
S
SP
P
P
PE
EE
EC
CC
C
A
A
A
AP
P
P
PP
P
P
PL
LL
LIIIIC
CC
CA
A
A
AT
T
T
TIIIIO
O
O
ON
N
N
N S
S
S
SP
P
P
PE
EE
E C
CC
C
T
T
T
TH
H
H
HIIIIS
S
S
S D
D
D
DR
R
R
RA
A
A
AW
W
W
WIIIIN
N
N
NG
G
G
G IIIIS
S
S
S A
A
A
A C
CC
CO
O
O
ON
N
N
NT
T
T
TR
R
R
RO
O
O
OL
LL
LL
LL
LE
EE
ED
D
D
D D
D
D
DO
O
O
OC
CC
CU
U
U
UM
M
M
ME
EE
EN
N
N
NT
T
T
T....
R
R
R
RE
EE
ES
S
S
ST
T
T
TR
R
R
RIIIIC
CC
CT
T
T
TE
EE
ED
D
D
D T
T
T
TO
O
O
O
TE 3306-7 REV 28APR2009
8
7
6
5
2
4
3
1
A
B
C
D
LOC
DIST
AI
00
R
R
R
RE
EE
EV
V
V
VIIIIS
S
S
SIIIIO
O
O
ON
N
N
NS
S
S
S
P
P
P
P
L
L
L
LT
T
T
T R
R
R
R
D
D
D
DE
EE
ES
S
S
SC
CC
CR
R
R
RIIIIP
P
P
PT
T
T
TIIIIO
O
O
ON
N
N
N
D
D
D
DA
A
A
AT
T
T
TE
EE
E
D
D
D
DW
W
W
WN
N
N
N
A
A
A
AP
P
P
PV
V
V
VD
D
D
D
T
T
T
TH
H
H
HIIIIS
S
S
S D
D
D
DR
R
R
RA
A
A
AW
W
W
WIIIIN
N
N
NG
G
G
G IIIIS
S
S
S U
U
U
UN
N
N
NP
P
P
PU
U
U
UB
B
B
BL
L
L
LIIIIS
S
S
SH
H
H
HE
E
E
ED
D
D
D....
R
R
R
RE
E
E
EL
L
L
LE
E
E
EA
A
A
AS
S
S
SE
E
E
ED
D
D
D F
F
F
FO
O
O
OR
R
R
R P
P
P
PU
U
U
UB
B
B
BL
L
L
LIIIIC
C
C
CA
A
A
AT
T
T
TIIIIO
O
O
ON
N
N
N
C
CC
CO
O
O
OP
P
P
PY
Y
Y
YR
R
R
RIIIIG
G
G
GH
H
H
HT
T
T
T
-
--
-
B
B
B
BY
Y
Y
Y T
T
T
TY
Y
Y
YC
CC
C O
O
O
O E
EE
EL
LL
LE
EE
EC
CC
CT
T
T
TR
R
R
RO
O
O
ON
N
N
NIIIIC
CC
CS
S
S
S C
CC
CO
O
O
OR
R
R
RP
P
P
PO
O
O
OR
R
R
RA
A
A
AT
T
T
TIIIIO
O
O
ON
N
N
N....
C
C
C
C
A
A
A
AL
LL
LL
LL
L IIIIN
N
N
NT
T
T
TE
EE
ER
R
R
RN
N
N
NA
A
A
AT
T
T
TIIIIO
O
O
ON
N
N
NA
A
A
AL
LL
L R
R
R
RIIIIG
G
G
GH
H
H
HT
T
T
TS
S
S
S R
R
R
RE
EE
ES
S
S
SE
EE
ER
R
R
RV
V
V
VE
EE
ED
D
D
D....
11112
2
2
29
9
9
9....4
4
4
4
8
8
8
84
4
4
4....6
6
6
6
A
A
A
AP
P
P
PP
P
P
PL
LL
LIIIIC
CC
CA
A
A
AT
T
T
TIIIIO
O
O
ON
N
N
N R
R
R
RA
A
A
AN
N
N
NG
G
G
GE
EE
E /
//
/ A
A
A
An
nn
nw
w
w
we
ee
en
nn
nd
dd
du
uu
un
nn
ng
gg
gs
ss
sb
bb
be
ee
errrre
ee
eiiiicccch
hh
h::::
F
FF
FO
O
O
OR
R
R
R T
T
T
TY
Y
Y
YP
P
P
PE
EE
E X
X
X
XIIIIIIII :::: X
X
X
X-
--
-6
66
66
66
67
77
74
4
4
40
00
0-
--
-X
X
X
X,,,, X
X
X
X-
--
-6
66
66
66
67
77
74
4
4
41111-
--
-X
X
X
X,,,, X
X
X
X-
--
-6
66
66
66
62
22
26
66
61111-
--
-X
X
X
X,,,,
X
X
X
X-
--
-6
66
66
66
62
22
25
55
55
55
5-
--
-X
X
X
X,,,, X
X
X
X-
--
-6
66
66
66
62
22
26
66
62
22
2-
--
-X
X
X
X,,,, X
X
X
X-
--
-6
66
66
66
62
22
25
55
56
66
6-
--
-X
X
X
X
X
X
X
X-
--
-6
66
66
66
62
22
25
55
59
99
9-
--
-X
X
X
X,,,, X
X
X
X-
--
-6
66
66
66
62
22
25
55
53
33
3-
--
-X
X
X
X,,,, X
X
X
X-
--
-6
66
66
66
62
22
26
66
60
00
0-
--
-X
X
X
X
X
X
X
X-
--
-6
66
66
66
62
22
25
55
54
4
4
4-
--
-X
X
X
X
F
FF
FO
O
O
OR
R
R
R H
H
H
HO
O
O
OU
U
U
US
S
S
SIIIIN
N
N
NG
G
G
G :::: X
X
X
X-
--
-2
22
20
00
06
66
64
4
4
42
22
25
55
5-
--
-X
X
X
X
A
A
A
A
IIIIN
N
N
NIIIIT
T
T
TIIIIA
A
A
AL
LL
L R
R
R
RE
EE
EV
V
V
VIIIIS
S
S
SIIIIO
O
O
ON
N
N
N
0
00
06
66
6M
M
M
MA
A
A
AY
Y
Y
Y0
00
09
99
9
S
S
S
Sa
aa
a
S
S
S
Sa
aa
a


Similar Part No. - X-66256-X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X-647676-Y ETC2-X-647676-Y Datasheet
426Kb / 4P
   Quick Reference Guide Economy Power Connector System
X-6588572-X ETC2-X-6588572-X Datasheet
3Mb / 100P
   Fiber Optic Products
X-6588573-X ETC2-X-6588573-X Datasheet
3Mb / 100P
   Fiber Optic Products
logo
Tyco Electronics
X-673254-3-# MACOM-X-673254-3-# Datasheet
2Mb / 48P
   Thermal Transfer
X-673349-3-# MACOM-X-673349-3-# Datasheet
2Mb / 48P
   Thermal Transfer
More results

Similar Description - X-66256-X

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-6-1579018-3 TEC-C-6-1579018-3 Datasheet
175Kb / 1P
   APPLICATION RANGE
C-8-1579007-4 TEC-C-8-1579007-4 Datasheet
322Kb / 1P
   APPLICATION RANGE
logo
Fortune Semiconductor C...
FS9168-017 FORTUNE-FS9168-017 Datasheet
1Mb / 18P
   For wide range thermal measurement application
logo
AUREL S.p.A.
650201409G AUREL-650201409G Datasheet
124Kb / 1P
   433 MHz ASK transmitter for high range voltage supply application
15.10.2016 - Rev A
logo
Omron Electronics LLC
WLF2CA2-2 OMRON-WLF2CA2-2 Datasheet
3Mb / 43P
   Wide Range of Two-circuit Switches; Select One for the Operating Environment/Application
WL-1A118 OMRON-WL-1A118 Datasheet
3Mb / 43P
   Wide Range of Two-circuit Switches; Select One for the Operating Environment/Application
logo
KEC(Korea Electronics)
KTC3875S KEC-KTC3875S Datasheet
95Kb / 3P
   GENERAL PURPOSE APPLICATION SWITCHING APPLICATION.
logo
KODENSHI_AUK CORP.
BC856F KODENSHI-BC856F Datasheet
284Kb / 4P
   General purpose application Switching application
logo
First Silicon Co., Ltd
FTA1504 FS-FTA1504 Datasheet
281Kb / 3P
   GENERAL PURPOSE APPLICATION. SWITCHING APPLICATION.
logo
Toshiba Semiconductor
2SD1166 TOSHIBA-2SD1166 Datasheet
117Kb / 3P
   HIGH POWER SWITCHING APPLICATION. AC & MOTOR CONTROL APPLICATION. INVERTER APPLICATION.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com