Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-8-1579007-4 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # C-8-1579007-4
Description  APPLICATION RANGE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

C-8-1579007-4 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  C-8-1579007-4 Datasheet HTML 1Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(((( 2
2
2
2:::: 1111 ))))
TE 3307-7 REV 28APR2009
8
7
6
5
4
3
2
1
A
B
C
D
LOC
DIST
AI
00
T
T
T
TH
H
H
HIIIIS
S
S
S D
D
D
DR
R
R
RA
A
A
AW
W
W
WIIIIN
N
N
NG
G
G
G IIIIS
S
S
S U
U
U
UN
N
N
NP
P
P
PU
U
U
UB
B
B
BL
L
L
LIIIIS
S
S
SH
H
H
HE
E
E
ED
D
D
D
R
R
R
RE
E
E
EL
L
L
L E
E
E
EA
A
A
AS
S
S
SE
E
E
ED
D
D
D F
F
F
FO
O
O
OR
R
R
R P
P
P
PU
U
U
UB
B
B
BL
L
L
LIIIIC
C
C
C A
A
A
AT
T
T
TIIIIO
O
O
ON
N
N
N
C
C
CC
CO
OO
O P
PP
P Y
Y
Y
YR
RR
R IIIIG
GG
G H
HH
H T
TT
T -
--
- B
BB
B Y
Y
Y
Y T
TT
T Y
Y
Y
YC
CC
CO
OO
O E
EE
EL
LL
LE
EE
EC
CC
C T
TT
TR
RR
R O
OO
O N
NN
N IIIIC
CC
CS
SS
S C
CC
CO
OO
O R
RR
RP
PP
P O
OO
O R
RR
R A
A
A
AT
TT
T IIIIO
OO
O N
NN
N ....
A
A
A
A L
LL
LL
LL
L IIIIN
NN
N T
TT
T E
EE
ER
RR
R N
NN
N A
A
A
A T
TT
TIIIIO
OO
ON
NN
N A
A
A
AL
LL
L R
RR
R IIIIG
GG
G H
HH
H T
TT
T S
SS
S R
RR
R E
EE
E S
SS
SE
EE
E R
RR
RV
V
V
V E
EE
ED
DD
D
R
R
R
RE
EE
EV
V
V
VIIIIS
S
S
SIIIIO
O
O
ON
N
N
NS
S
S
S
P
PP
P
L
LL
LT
TT
T R
RR
R
D
DD
D E
EE
ES
SS
S C
CC
CR
RR
R IIIIP
PP
P T
TT
T IIIIO
OO
O N
NN
N
D
DD
D A
A
A
AT
TT
T E
EE
E
D
DD
DW
W
W
W N
NN
N
A
A
A
A P
PP
PV
V
V
V D
DD
D
FINISH
OTHERWISE SPECIFIED:
TOLERANCES UNLESS
mm
2 PLC
`
4 PLC
3 PLC
`
`
1 PLC
0 PLC
`
`
DIMENSIONS:
SCALE
NAME
APVD
SIZE
CHK
DWN
T
T
T
TE
E
E
E C
C
C
Co
o
o
o n
n
n
nn
n
n
ne
e
e
ec
c
c
ct
t
t
ti
i
i
iv
v
v
vi
i
i
it
t
t
t y
y
y
y
DRAWING NO
MATERIAL
SHEET
OF
REV
Gewicht / Weight in Kg
S. Samstag
11113
33
3M
M
M
MA
A
A
AY
Y
Y
Y0
00
08
88
8
S. Samstag
11113
33
3M
M
M
MA
A
A
AY
Y
Y
Y0
00
08
88
8
S. Samstag
11113
33
3M
M
M
MA
A
A
AY
Y
Y
Y0
00
08
88
8
EXTRACTION TOOL
8-1579007-4
E
EE
En
nn
nttttrrrriiiie
ee
eg
gg
ge
ee
ellllu
uu
un
nn
ng
gg
gs
ss
sw
w
w
we
ee
errrrk
kk
kz
zz
ze
ee
eu
uu
ug
gg
g
1:1
0
00
0,,,,11116
66
6
A2
1
1
ANGLES
`
C
CC
CU
U
U
US
S
S
ST
T
T
TO
O
O
OM
M
M
ME
EE
ER
R
R
R D
D
D
DR
R
R
RA
A
A
AW
W
W
WIIIIN
N
N
NG
G
G
G
C
CC
C
C
CC
CA
A
A
A G
GG
GE
EE
E C
CC
CO
OO
O D
DD
D E
EE
E
0
00
00
00
07
77
77
77
79
99
9
P
PP
P R
RR
R O
OO
O D
DD
DU
UU
U C
CC
CT
TT
T S
SS
SP
PP
P E
EE
EC
CC
C
A
A
A
AP
PP
P P
PP
P L
LL
LIIIIC
CC
CA
A
A
AT
TT
T IIIIO
OO
O N
NN
N S
SS
S P
PP
P E
EE
EC
CC
C
T
T
T
TH
H
H
HIIIIS
S
S
S D
D
D
DR
R
R
RA
A
A
AW
W
W
WIIIIN
N
N
NG
G
G
G IIIIS
S
S
S A
A
A
A C
CC
CO
O
O
ON
N
N
NT
T
T
TR
R
R
RO
O
O
OL
LL
LL
LL
LE
EE
ED
D
D
D D
D
D
DO
O
O
OC
CC
CU
U
U
UM
M
M
ME
EE
EN
N
N
NT
T
T
T....
R
RR
R E
EE
ES
SS
S T
TT
T R
RR
R IIIIC
CC
CT
TT
T E
EE
ED
DD
D T
TT
T O
OO
O
3
33
34
4
4
4
6
66
60
00
0....2
22
2
11114
4
4
46
66
6....7
77
7
A
A
A
AP
P
P
PP
P
P
PL
LL
LIIIIC
CC
CA
A
A
AT
T
T
TIIIIO
O
O
ON
N
N
N R
R
R
RA
A
A
AN
N
N
NG
G
G
GE
EE
E /
//
/ A
A
A
An
nn
nw
w
w
we
ee
en
nn
nd
dd
du
uu
un
nn
ng
gg
gs
ss
sb
bb
be
ee
errrre
ee
eiiiicccch
hh
h::::
F
FF
FO
O
O
OR
R
R
R M
M
M
MQ
Q
Q
QS
S
S
S H
H
H
HO
O
O
OU
U
U
US
S
S
SIIIIN
N
N
NG
G
G
G 6
66
6 P
P
P
Po
oo
os
ss
s.... :::: 9
99
96
66
67
77
73
33
36
66
61111 A
A
A
AN
N
N
ND
D
D
D 9
99
96
66
67
77
75
55
58
88
87
77
7
C
CC
C
E
EE
EC
CC
CR
R
R
R-
--
-11112
22
2-
--
-0
00
011119
99
911118
88
83
33
3
0
00
07
77
7N
N
N
NO
O
O
OV
V
V
V11112
22
2 L
LL
LS
S
S
S G
G
G
GS
S
S
S


Similar Part No. - C-8-1579007-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-8-1579008-4 TEC-C-8-1579008-4 Datasheet
114Kb / 1P
   EXTRACTION TOOL
More results

Similar Description - C-8-1579007-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-6-1579018-3 TEC-C-6-1579018-3 Datasheet
175Kb / 1P
   APPLICATION RANGE
C-7-1579008-6 TEC-C-7-1579008-6 Datasheet
342Kb / 1P
   APPLICATION RANGE
logo
Fortune Semiconductor C...
FS9168-017 FORTUNE-FS9168-017 Datasheet
1Mb / 18P
   For wide range thermal measurement application
logo
AUREL S.p.A.
650201409G AUREL-650201409G Datasheet
124Kb / 1P
   433 MHz ASK transmitter for high range voltage supply application
15.10.2016 - Rev A
logo
Omron Electronics LLC
WLF2CA2-2 OMRON-WLF2CA2-2 Datasheet
3Mb / 43P
   Wide Range of Two-circuit Switches; Select One for the Operating Environment/Application
WL-1A118 OMRON-WL-1A118 Datasheet
3Mb / 43P
   Wide Range of Two-circuit Switches; Select One for the Operating Environment/Application
logo
KEC(Korea Electronics)
KTC3875S KEC-KTC3875S Datasheet
95Kb / 3P
   GENERAL PURPOSE APPLICATION SWITCHING APPLICATION.
logo
KODENSHI_AUK CORP.
BC856F KODENSHI-BC856F Datasheet
284Kb / 4P
   General purpose application Switching application
logo
First Silicon Co., Ltd
FTA1504 FS-FTA1504 Datasheet
281Kb / 3P
   GENERAL PURPOSE APPLICATION. SWITCHING APPLICATION.
logo
Toshiba Semiconductor
2SD1166 TOSHIBA-2SD1166 Datasheet
117Kb / 3P
   HIGH POWER SWITCHING APPLICATION. AC & MOTOR CONTROL APPLICATION. INVERTER APPLICATION.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com