Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR35203 Datasheet(PDF) 10 Page - International Rectifier

Part # IR35203
Description  61 Dual Output Digital Multi-Phase Controller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR35203 Datasheet(HTML) 10 Page - International Rectifier

Back Button IR35203 Datasheet HTML 6Page - International Rectifier IR35203 Datasheet HTML 7Page - International Rectifier IR35203 Datasheet HTML 8Page - International Rectifier IR35203 Datasheet HTML 9Page - International Rectifier IR35203 Datasheet HTML 10Page - International Rectifier IR35203 Datasheet HTML 11Page - International Rectifier IR35203 Datasheet HTML 12Page - International Rectifier IR35203 Datasheet HTML 13Page - International Rectifier IR35203 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
6+1 Dual Output Digital Multi-Phase Controller
IR35203
www.irf.com | © 2016 International Rectifier
February 8, 2016 | V1.5
10
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Output Low Voltage
4mA
-
-
0.3
V
Output Leakage
Vpad = 0 to 3.6V
-
-
±5
µA
Open-Drain Outputs – 20mA Drive
VR_HOT_ICRIT#, SV_DIO, SV_ALERT#, PIN_ALERT#
Output Low Voltage
1
I = 20mA
-
-
0.26
V
On Resistance
1
I = 20mA
7
9
13
Tri-State Leakage
Ileak
Vpad = 0 to 3.6V
-
-
±5
µA
PWM I/O
PWMx
Output Low Voltage (Tri-state mode)
I = -4mA
-
-
0.4
V
Output High Voltage (Tri-State mode)
I =+4mA
2.9
-
-
V
Tri-State Leakage
loop_x_pwm_en_ats = 0,
Vpad = 0 to Vcc
-
-
±1
µA
PWM Auto-Detect Inputs (when 3.3V Vcc is applied) – if enabled
Input Voltage High
0.7
-
-
V
Input Voltage Low
-
-
0.35
V
I2C/PMBus & Reporting
Bus Speed
1
Normal
-
100
-
kHz
Fast
-
400
-
kHz
Maximum
-
1000
-
kHz
Iout , Vout , Iin, Vin, Pin and Temperature
Filter Rate
1
Selectable
(Selected Frequency applies
to all parameters)
-
0.69, 1.39,
2.78, 5.55,
11.1, 22.2,
44.6, 89.5
-
Hz
Iout Update Rate
1
-
250
-
kHz
Vout Update Rate
1
-
35.7
-
kHz
Vin & Temperature Update Rate
1
-
35.7
-
kHz
Vin Range Reporting
1
With 14:1 divider
-
0 to 13.2
-
V
Vin Accuracy Reporting
With 1% resistors
-2
-
+2
%
Vin Resolution Reporting -PMBUS
1
-
31.25
-
mV
Vin Resolution Reporting –I2C
1
-
125
-
mV
Vout Range Reporting
1
-
-
4
V
Vout Accuracy Reporting
1
No load-line
±0.5
%
Vout Resolution Reporting-PMBUS
1
Vout < 2V
-
1.95
-
mV
Vout Resolution Reporting-I2C
1
Vout < 4V
-
15.6
-
mV
Iout Per Phase Range Reporting
1
0
-
62
A
Iout Accuracy Reporting
1
Maximum load, all phase
active (based on DCR,
NTC and # active phases)
-
±2
-
%
Loop1 Iout Resolution Reporting-PMBUS
1
*0.5A if >255.75A
-
0.25*
-
A
Loop2 Iout Resolution Reporting-PMBUS
1
-
0.25
-
A
Loop1 Iout Resolution Reporting-I2C
1
-
1
-
A
Loop2 Iout Resolution Reporting-I2C
1
-
0.5
-
A
Loop1 Iin Resolution Reporting-PMBUS
1
-
31.25
-
mA
Loop2 Iin Resolution Reporting-PMBUS
1
-
31.25
-
mA


Similar Part No. - IR35203

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR35201 IRF-IR35201 Datasheet
1Mb / 60P
   80/71/62 Dual Output Digital Multi-Phase Controller
IR35201MTRPBF IRF-IR35201MTRPBF Datasheet
1Mb / 60P
   80/71/62 Dual Output Digital Multi-Phase Controller
IR35201MTYPBF IRF-IR35201MTYPBF Datasheet
1Mb / 60P
   80/71/62 Dual Output Digital Multi-Phase Controller
IR35201MxxyyTRP1 IRF-IR35201MxxyyTRP1 Datasheet
1Mb / 60P
   80/71/62 Dual Output Digital Multi-Phase Controller
IR35204 IRF-IR35204 Datasheet
1Mb / 61P
   31 Dual Output Digital Multi-Phase Controller
More results

Similar Description - IR35203

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR35204 IRF-IR35204 Datasheet
1Mb / 61P
   31 Dual Output Digital Multi-Phase Controller
IR3567A IRF-IR3567A_15 Datasheet
399Kb / 4P
   Dual Output Digital Multi-Phase Controller
IR3566A IRF-IR3566A Datasheet
379Kb / 4P
   Dual Output Digital Multi-Phase Controller
IR3565A IRF-IR3565A Datasheet
358Kb / 4P
   Dual Output Digital Multi-Phase Controller
IR3567A IRF-IR3567A Datasheet
363Kb / 4P
   Dual Output Digital Multi-Phase Controller
logo
List of Unclassifed Man...
IR3567B ETC-IR3567B Datasheet
530Kb / 2P
   Dual Output Digital Multi-Phase Controller
August 1, 2013 - V1.04
logo
International Rectifier
IR3564A IRF-IR3564A_15 Datasheet
419Kb / 4P
   Dual Output Digital Multi-Phase Controller
IR3581 IRF-IR3581_15 Datasheet
246Kb / 5P
   Dual Output Digital Multi-Phase Controller
IR3564A IRF-IR3564A Datasheet
392Kb / 4P
   Dual Output Digital Multi-Phase Controller
IR3566A IRF-IR3566A_15 Datasheet
413Kb / 4P
   Dual Output Digital Multi-Phase Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com