Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR35204 Datasheet(PDF) 11 Page - International Rectifier

Part # IR35204
Description  31 Dual Output Digital Multi-Phase Controller
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR35204 Datasheet(HTML) 11 Page - International Rectifier

Back Button IR35204 Datasheet HTML 7Page - International Rectifier IR35204 Datasheet HTML 8Page - International Rectifier IR35204 Datasheet HTML 9Page - International Rectifier IR35204 Datasheet HTML 10Page - International Rectifier IR35204 Datasheet HTML 11Page - International Rectifier IR35204 Datasheet HTML 12Page - International Rectifier IR35204 Datasheet HTML 13Page - International Rectifier IR35204 Datasheet HTML 14Page - International Rectifier IR35204 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
IR35204
www.irf.com | © 2016 International Rectifier
February 8, 2016 | V1.6
11
3+1 Dual Output Digital Multi-Phase Controller
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Vin Accuracy Reporting
With 1% resistors
-2
-
+2
%
Vin Resolution Reporting -PMBUS1
-
31.25
-
mV
Vin Resolution Reporting –I2C1
-
125
-
mV
Vout Range Reporting1
-
-
4
V
Vout Accuracy Reporting1
No load-line
±0.5
%
Vout Resolution Reporting-PMBUS1
Vout < 2V
-
1.95
-
mV
Vout Resolution Reporting-I2C1
Vout < 4V
-
15.6
-
mV
Iout Per Phase Range Reporting1
0
-
62
A
Iout Accuracy Reporting1
Maximum load, all phase
active (based on DCR,
NTC and # active phases)
-
±2
-
%
Loop1 Iout Resolution Reporting-
PMBUS 1
*0.5A if >255.75A
-
0.25*
-
A
Loop2 Iout Resolution Reporting-
PMBUS 1
-
0.25
-
A
Loop1 Iout Resolution Reporting-I2C 1
-
1
-
A
Loop2 Iout Resolution Reporting-I2C 1
-
0.5
-
A
Loop1 Iin Resolution Reporting-PMBUS
1
-
31.25
-
mA
Loop2 Iin Resolution Reporting-PMBUS
1
-
31.25
-
mA
Loop1 Iin Resolution Reporting-I2C1
-
0.125
-
A
Loop2 Iin Resolution Reporting-I2C1
-
0.0625
-
A
P_in Resolution Reporting-PMBUS1
-
0.5
-
W
P_out Resolution Reporting-PMBUS1
-
0.5
-
W
Temperature Range Reporting1
IR3555 mode
0
-
158
°C
Temperature Accuracy Reporting1
IR3555 mode
3.5
-
3.5
%
Temperature Range Reporting1
0
-
134
°C
Temperature Accuracy Reporting1
At 100°C, with ideal NTC
-4
-
4
%
Temperature Resolution Reporting1
-
1
-
°C
Fault Protection
OVP Threshold During Start-up
(until output reaches 1V)
Selectable
-
1.2,
1.275,
1.35,
2.5
-
V
OVP Operating Threshold1
(programmable)
Relative to VID
-
50 to
400
-
mV
OVP Filter Delay1
-
160
-
ns
Output UVP Threshold1
(programmable)
Relative to VID
-
50 to
400
-
mV


Similar Part No. - IR35204

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR35201 IRF-IR35201 Datasheet
1Mb / 60P
   80/71/62 Dual Output Digital Multi-Phase Controller
IR35201MTRPBF IRF-IR35201MTRPBF Datasheet
1Mb / 60P
   80/71/62 Dual Output Digital Multi-Phase Controller
IR35201MTYPBF IRF-IR35201MTYPBF Datasheet
1Mb / 60P
   80/71/62 Dual Output Digital Multi-Phase Controller
IR35201MxxyyTRP1 IRF-IR35201MxxyyTRP1 Datasheet
1Mb / 60P
   80/71/62 Dual Output Digital Multi-Phase Controller
IR35203 IRF-IR35203 Datasheet
1Mb / 56P
   61 Dual Output Digital Multi-Phase Controller
More results

Similar Description - IR35204

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR35203 IRF-IR35203 Datasheet
1Mb / 56P
   61 Dual Output Digital Multi-Phase Controller
IR3567A IRF-IR3567A_15 Datasheet
399Kb / 4P
   Dual Output Digital Multi-Phase Controller
IR3566A IRF-IR3566A Datasheet
379Kb / 4P
   Dual Output Digital Multi-Phase Controller
IR3565A IRF-IR3565A Datasheet
358Kb / 4P
   Dual Output Digital Multi-Phase Controller
IR3567A IRF-IR3567A Datasheet
363Kb / 4P
   Dual Output Digital Multi-Phase Controller
logo
List of Unclassifed Man...
IR3567B ETC-IR3567B Datasheet
530Kb / 2P
   Dual Output Digital Multi-Phase Controller
August 1, 2013 - V1.04
logo
International Rectifier
IR3564A IRF-IR3564A_15 Datasheet
419Kb / 4P
   Dual Output Digital Multi-Phase Controller
IR3581 IRF-IR3581_15 Datasheet
246Kb / 5P
   Dual Output Digital Multi-Phase Controller
IR3564A IRF-IR3564A Datasheet
392Kb / 4P
   Dual Output Digital Multi-Phase Controller
IR3566A IRF-IR3566A_15 Datasheet
413Kb / 4P
   Dual Output Digital Multi-Phase Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com