Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7341GTRPbF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7341GTRPbF
Description  HEXFET짰 Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7341GTRPbF Datasheet(HTML) 2 Page - International Rectifier

  IRF7341GTRPbF Datasheet HTML 1Page - International Rectifier IRF7341GTRPbF Datasheet HTML 2Page - International Rectifier IRF7341GTRPbF Datasheet HTML 3Page - International Rectifier IRF7341GTRPbF Datasheet HTML 4Page - International Rectifier IRF7341GTRPbF Datasheet HTML 5Page - International Rectifier IRF7341GTRPbF Datasheet HTML 6Page - International Rectifier IRF7341GTRPbF Datasheet HTML 7Page - International Rectifier IRF7341GTRPbF Datasheet HTML 8Page - International Rectifier IRF7341GTRPbF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
February 20, 2014
IRF7341GPbF
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.2
V
TJ = 25°C, IS = 2.6A, VGS = 0V
‚
trr
Reverse Recovery Time
–––
51
77
ns
TJ = 25°C, IF = 2.6A
Qrr
Reverse Recovery Charge
–––
76
114
nC
di/dt = 100A/μs
‚
Source-Drain Ratings and Characteristics
––– –––
––– –––
42
2.4
A
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
–––
–––
V
VGS = 0V, ID = 250μA
ΔV(BR)DSS/ΔTJ Breakdown Voltage Temp. Coefficient
––– 0.052 –––
V/°C Reference to 25°C, ID = 1mA
––– 0.043 0.050
VGS = 10V, ID = 5.1A
‚
––– 0.056 0.065
VGS = 4.5V, ID = 4.42A
‚
VGS(th)
Gate Threshold Voltage
1.0
–––
–––
V
VDS = VGS, ID = 250μA
gfs
Forward Transconductance
10.4 –––
–––
S
VDS = 10V, ID = 5.2A
––– –––
2.0
VDS = 44V, VGS = 0V
––– –––
25
VDS = 44V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
––– –––
100
VGS = 20V
Gate-to-Source Reverse Leakage
––– ––– -100
VGS = -20V
Qg
Total Gate Charge
–––
29
44
ID = 5.2A
Qgs
Gate-to-Source Charge
–––
2.9
4.4
nC
VDS = 44V
Qgd
Gate-to-Drain ("Miller") Charge
–––
7.3
11
VGS = 10V
td(on)
Turn-On Delay Time
–––
9.2
–––
VDD = 28V
tr
Rise Time
–––
7.7
–––
ID = 1.0A
td(off)
Turn-Off Delay Time
–––
31
–––
RG = 6.0
Ω
tf
Fall Time
––– 12.5 –––
VGS = 10V
‚
Ciss
Input Capacitance
––– 780
–––
VGS = 0V
Coss
Output Capacitance
––– 190
–––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
66
–––
ƒ = 1.0MHz
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
µA
Ω
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
nA
ns
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ Pulse width ≤ 300μs; duty cycle ≤ 2%.
ƒ Surface mounted on FR-4 board, t ≤ 10sec.
S
D
G


Similar Part No. - IRF7341GTRPbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7341 IRF-IRF7341 Datasheet
134Kb / 7P
   HEXFET Power MOSFET
logo
Guangdong Youtai Semico...
IRF7341 UMW-IRF7341 Datasheet
379Kb / 7P
   Generation V Technology
logo
International Rectifier
IRF7341IPBF IRF-IRF7341IPBF Datasheet
138Kb / 7P
   HEXFET Power MOSFET
IRF7341PBF IRF-IRF7341PBF Datasheet
158Kb / 7P
   HEXFET Power MOSFET
IRF7341PBF IRF-IRF7341PBF Datasheet
163Kb / 7P
   Generation V Technology
More results

Similar Description - IRF7341GTRPbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com