Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1284-MAX1285 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX1284-MAX1285
Description  400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1284-MAX1285 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1284-MAX1285 Datasheet HTML 1Page - Maxim Integrated Products MAX1284-MAX1285 Datasheet HTML 2Page - Maxim Integrated Products MAX1284-MAX1285 Datasheet HTML 3Page - Maxim Integrated Products MAX1284-MAX1285 Datasheet HTML 4Page - Maxim Integrated Products MAX1284-MAX1285 Datasheet HTML 5Page - Maxim Integrated Products MAX1284-MAX1285 Datasheet HTML 6Page - Maxim Integrated Products MAX1284-MAX1285 Datasheet HTML 7Page - Maxim Integrated Products MAX1284-MAX1285 Datasheet HTML 8Page - Maxim Integrated Products MAX1284-MAX1285 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
400ksps/300ksps, Single-Supply, Low-Power,
Serial 12-Bit ADCs with Internal Reference
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—MAX1285 (continued)
(VDD = +2.7V to +3.0V; fSCLK = 4.8MHz, 50% duty cycle, 16 clocks/conversion cycle (300ksps), 4.7µF capacitor at REF, TA = TMIN to
TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DYNAMIC SPECIFICATIONS (75kHz sine wave, 2.5Vp-p, fSAMPLE = 300ksps, fSCLK = 4.8MHz)
Signal-to-Noise Plus Distortion
Ratio
SINAD
70
dB
Total Harmonic Distortion
THD
Up to the 5th harmonic
-80
dB
Spurious-Free Dynamic Range
SFDR
80
dB
Intermodulation Distortion
IMD
fIN1 = 73kHz, fIN2 = 77kHz
76
dB
Full-Power Bandwidth
-3dB point
3
MHz
Full-Linear Bandwidth
SINAD > 68dB
250
kHz
CONVERSION RATE
Conversion Time (Note 4)
tCONV
3.3
µs
Track/Hold Acquisition Time
tACQ
625
ns
Aperture Delay
10
ns
Aperture Jitter
<50
ps
Serial Clock Frequency
tSCLK
0.5
4.8
MHz
Duty Cycle
40
60
%
ANALOG INPUT (AIN)
Input Voltage Range
VAIN
0
2.5
V
Input Capacitance
18
pF
INTERNAL REFERENCE
REF Output Voltage
VREF
2.48
2.50
2.52
V
REF Short-Circuit Current
TA = +25°C15
mA
REF Output Tempco
TC VREF
±15
ppm/°C
Load Regulation (Note 5)
0 to 0.75mA output load
0.1
2.0
mV/mA
Capacitive Bypass at REF
4.7
10
µF
DIGITAL INPUTS (SCLK, CS, SHDN)
Input High Voltage
VINH
2.0
V
Input Low Voltage
VINL
0.8
V
Input Hysteresis
VHYST
0.2
V
Input Leakage
IIN
VIN = 0 or VDD
±1
µA
Input Capacitance
CIN
15
pF
DIGITAL OUTPUT (DOUT)
Output Voltage Low
VOL
ISINK = 5mA
0.4
V
Output Voltage High
VOH
ISOURCE = 0.5mA
4
V
Three-State Leakage Current
IL
CS = +3V
±10
µA
Three-State Output Capacitance
COUT
CS = +3V
15
pF
POWER SUPPLY
Positive Supply Voltage (Note 6)
VDD
2.7
3.6
V
Positive Supply Current (Note 7)
IDD
VDD = +3.6V
2.5
3.5
mA
Shutdown Supply Current
ISHDN
SCLK = VDD, SHDN = GND
2
10
µA
Power-Supply Rejection
PSR
VDD = +2.7V to 3.6V, midscale input
±0.5
±2.0
mV


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn