Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M581 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # M581
Description  DING-DONG DOOR BELL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M581 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  M581 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DING-DONG
電源控制
DOOR BELL
單音門鈴 IC
1/1
2001-09-07
SOUND EFFECT
M581/M582
TAIPEI : TEL : 886-2- 22783733
FAX : 886-2- 22783633
H.K.
: TEL : 852-
27569109
FAX : 852-
27566961
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
FEATURES 功能敘述
功能敘述
功能敘述
功能敘述
• MODE : VDD CONTROL.
• Separate LED and BUZZER driver.
APPLICATION 產品應用
產品應用
產品應用
產品應用
• Door Bell, Toys.
ELECTRICAL CHARACTERISTICS 電氣規格
電氣規格
電氣規格
電氣規格
( @VDD=3V unless otherwise specified )
Characteristics
Sym.
Min.
Typ.
Max.
Unit
REMARKS
工作電壓 Operating Voltage
VDD
3
4.5
V
工作電流 Operating Current
IOP
0.1
0.5
mA
No load
靜態電流 Quiescent Current
ISB
1
5
μA
推動電流 BZ Driving Current
IO
1
mA
@ VDS=1V
推動電流 LO Driving Current
IOL
6
mA
@ VDS=1.2V
振盪頻率 Oscillator Frequency
FOSC
100
KHz
±30% TOL.
工作溫度 Operating Temperature
Temp.
0
25
60
APPLICATION DIAGRAM 參考電路圖
參考電路圖
參考電路圖
參考電路圖
*All specs and applications shown above subject to change without prior notice.
( 以㆖電路及規格僅供參考,本公司得逕行修正 )
M581
1 TIME
M582
2 TIMES
VSS
BB
LO
VDD
OSH
BZ
LH
M581/M582
底=VDD
1.6 x 1.6mm
2
VDD
M581P
TO
OSH
VSS
VDD
TE
BZ
BB
Y
TO92-3L ( Suffix -A )
VDD
OUT
VSS
VDD
OUT
VSS
TO92-4L
OSH
TO92-3L (Suffix-T)
VDD
OUT
VSS
VDD
OSH
BZ
1 CYCLE
1 CYCLE
1
8
4
5


Similar Part No. - M581

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
M5817 WEITRON-M5817 Datasheet
78Kb / 3P
   Surface Mount Schottky Diodes
logo
Belden Inc.
M58175 BELDEN-M58175 Datasheet
238Kb / 3P
   Mohawk Category 6 Cable, 4 Pair, F/UTP, CMP
2022 Belden, Inc
M58176 BELDEN-M58176 Datasheet
238Kb / 3P
   Mohawk Category 6 Cable, 4 Pair, F/UTP, CMP
2022 Belden, Inc
M58177 BELDEN-M58177 Datasheet
238Kb / 3P
   Mohawk Category 6 Cable, 4 Pair, F/UTP, CMP
2022 Belden, Inc
M58178 BELDEN-M58178 Datasheet
238Kb / 3P
   Mohawk Category 6 Cable, 4 Pair, F/UTP, CMP
2022 Belden, Inc
More results

Similar Description - M581

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT2811 HOLTEK-HT2811 Datasheet
351Kb / 4P
   DING DONG FOR DOOR BELL
logo
BOWIN ELECTRONIC CO.
M8031-2S BOWIN-M8031-2S Datasheet
30Kb / 2P
   DING-DONG SOUND EFFECT GENERATOR IC
logo
List of Unclassifed Man...
HK537 ETC-HK537 Datasheet
72Kb / 2P
   DING-DONG SOIND WITH DUAL TONE
8021-2 ETC2-8021-2 Datasheet
15Kb / 2P
   DING-DONG SOUND EFFECT GENERATOR IC
logo
Mallory Sonalert Produc...
MSE28MDD7 MSPI-MSE28MDD7 Datasheet
43Kb / 1P
   Ding Dong 4.3 - 3.4 kHz Double Shot
logo
MOSDESIGN SEMICONDUCTOR...
PSG59 MOSDESIGN-PSG59 Datasheet
110Kb / 1P
   DOOR BELL DUAL TONE
2001-09-07
logo
List of Unclassifed Man...
M602 ETC1-M602 Datasheet
102Kb / 1P
   DOOR BELL DUAL TONE
logo
MOSDESIGN SEMICONDUCTOR...
M60 MOSDESIGN-M60 Datasheet
101Kb / 2P
   DOOR BELL DUAL TONE
2011-05-27
logo
List of Unclassifed Man...
M2630 ETC1-M2630 Datasheet
134Kb / 1P
   SECURITY CODE WIRELESS DOOR BELL
M1D-95 ETC-M1D-95 Datasheet
190Kb / 3P
   DUAL TONE WIRELESS DOOR BELL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com