Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B32529C0682 Datasheet(PDF) 13 Page - TDK Electronics

Part No. B32529C0682
Description  Metallized Polyester Film Capacitors (MKT)
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32529C0682 Datasheet(HTML) 13 Page - TDK Electronics

Back Button B32529C0682 Datasheet HTML 9Page - TDK Electronics B32529C0682 Datasheet HTML 10Page - TDK Electronics B32529C0682 Datasheet HTML 11Page - TDK Electronics B32529C0682 Datasheet HTML 12Page - TDK Electronics B32529C0682 Datasheet HTML 13Page - TDK Electronics B32529C0682 Datasheet HTML 14Page - TDK Electronics B32529C0682 Datasheet HTML 15Page - TDK Electronics B32529C0682 Datasheet HTML 16Page - TDK Electronics B32529C0682 Datasheet HTML 17Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
Ordering codes and packing units (lead spacing 15 mm)
VR
V DC
VRMS
f
≤60 Hz
V AC
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./
MOQ
Untaped
pcs./
MOQ
∇ Wound capacitor technology
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
J =
±5%
289 = Ammo pack
189 = Reel
000 = Untaped (standard lead length 6
1 mm)
250
160
0.68
7.0
× 12.5 × 18.0 B32522C3684+*** 3320
3600
4000
1.0
8.5
× 14.5 × 18.0 B32522C3105+*** 2720
2800
2000
1.0
∇ 8.5 × 14.5 × 18.0 B32522N3105+*** 2720
2800
2000
1.5
9.0
× 17.5 × 18.0 B32522C3155+*** 2560
2800
2000
1.5
∇ 9.0 × 17.5 × 18.0 B32522N3155+*** 2560
2800
2000
2.2
11.0
× 18.5 × 18.0 B32522C3225+***
1200
400
200
0.047
5.0
× 10.5 × 18.0 B32522E6473+*** 4680
5200
4000
0.068
5.0
× 10.5 × 18.0 B32522E6683+*** 4680
5200
4000
0.10
5.0
× 10.5 × 18.0 B32522E6104+*** 4680
5200
4000
0.15
5.0
× 10.5 × 18.0 B32522E6154+*** 4680
5200
4000
0.22
6.0
× 11.0 × 18.0 B32522E6224+*** 3840
4400
4000
0.33
7.0
× 12.5 × 18.0 B32522E6334+*** 3320
3600
4000
0.39
9.0
× 17.5 × 18.0 B32522E6394+*** 2560
2800
2000
0.47
9.0
× 17.5 × 18.0 B32522E6474+*** 2560
2800
2000
0.56
9.0
× 17.5 × 18.0 B32522E6564+*** 2560
2800
2000
0.68
9.0
× 17.5 × 18.0 B32522E6684+*** 2560
2800
2000
1.0
11.0
× 18.5 × 18.0 B32522E6105+***
1200
450
200
0.10
∇ 5.0 × 10.5 × 18.0 B32522N6104+*** 4680
5200
4000
0.15
∇ 5.0 × 10.5 × 18.0 B32522N6154+*** 4680
5200
4000
0.22
∇ 6.0 × 11.0 × 18.0 B32522N6224+*** 3840
4400
4000
0.33
∇ 7.0 × 12.5 × 18.0 B32522N6334+*** 3320
3600
4000
0.47
∇ 8.5 × 14.5 × 18.0 B32522N6474+*** 2720
2800
2000
0.68
∇ 9.0 × 17.5 × 18.0 B32522N6684+*** 2560
2800
2000
1.0
∇ 11.0 × 18.5 × 18.0 B32522N6105+***
2200
1200
630
200
0.047
5.0
× 10.5 × 18.0 B32522D8473+***
5200
4000
0.068
6.0
× 11.0 × 18.0 B32522D8683+***
4400
4000
0.10
7.0
× 12.5 × 18.0 B32522D8104+***
3600
4000
0.15
8.5
× 14.5 × 18.0 B32522D8154+***
2800
2000
0.22
9.0
× 17.5 × 18.0 B32522D8224+***
2800
2000
B32522
General purpose (stacked/wound)
Page 13 of 43
Please read Cautions and warnings and
Important notes at the end of this document.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn