Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32529C0682 Datasheet(PDF) 12 Page - TDK Electronics

Part # B32529C0682
Description  Metallized Polyester Film Capacitors (MKT)
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32529C0682 Datasheet(HTML) 12 Page - TDK Electronics

Back Button B32529C0682 Datasheet HTML 8Page - TDK Electronics B32529C0682 Datasheet HTML 9Page - TDK Electronics B32529C0682 Datasheet HTML 10Page - TDK Electronics B32529C0682 Datasheet HTML 11Page - TDK Electronics B32529C0682 Datasheet HTML 12Page - TDK Electronics B32529C0682 Datasheet HTML 13Page - TDK Electronics B32529C0682 Datasheet HTML 14Page - TDK Electronics B32529C0682 Datasheet HTML 15Page - TDK Electronics B32529C0682 Datasheet HTML 16Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
Ordering codes and packing units (lead spacing 15 mm)
VR
V DC
VRMS
f
≤60 Hz
V AC
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./
MOQ
Untaped
pcs./
MOQ
∇ Wound capacitor technology
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
J =
±5%
289 = Ammo pack
189 = Reel
000 = Untaped (standard lead length 6
1 mm)
63
40
0.68
5.0
× 10.5 × 18.0 B32522C0684+*** 4680
5200
4000
1.0
5.0
× 10.5 × 18.0 B32522C0105+*** 4680
5200
4000
1.5
5.0
× 10.5 × 18.0 B32522C0155+*** 4680
5200
4000
2.2
5.0
× 10.5 × 18.0 B32522C0225+*** 4680
5200
4000
3.3
6.0
× 11.0 × 18.0 B32522C0335+*** 3840
4400
4000
4.7
7.0
× 12.5 × 18.0 B32522C0475+*** 3320
3600
4000
6.8
8.5
× 14.5 × 18.0 B32522C0685+*** 2720
2800
2000
10
9.0
× 17.5 × 18.0 B32522C0106+*** 2560
2800
2000
100
63
0.33
5.0
× 10.5 × 18.0 B32522C1334+*** 4680
5200
4000
0.47
5.0
× 10.5 × 18.0 B32522C1474+*** 4680
5200
4000
0.68
5.0
× 10.5 × 18.0 B32522C1684+*** 4680
5200
4000
1.0
5.0
× 10.5 × 18.0 B32522C1105+*** 4680
5200
4000
1.0
∇ 6.0 × 11.0 × 18.0 B32522Q1105+*** 3840
4400
4000
1.5
6.0
× 11.0 × 18.0 B32522C1155+*** 3840
4400
4000
1.5
∇ 7.0 × 12.5 × 18.0 B32522Q1155+*** 3320
3600
4000
2.2
7.0
× 12.5 × 18.0 B32522C1225+*** 3320
3600
4000
2.2
∇ 8.5 × 14.5 × 18.0 B32522Q1225+*** 2720
2800
2000
3.3
8.5
× 14.5 × 18.0 B32522C1335+*** 2720
2800
2000
3.3
∇ 9.0 × 17.5 × 18.0 B32522Q1335+*** 2560
2800
2000
4.7
9.0
× 17.5 × 18.0 B32522C1475+*** 2560
2800
2000
4.7
∇ 11.0 × 18.5 × 18.0 B32522Q1475+***
2200
1200
6.8
11.0
× 18.5 × 18.0 B32522C1685+***
1200
250
160
0.10
5.0
× 10.5 × 18.0 B32522C3104+*** 4680
5200
4000
0.15
5.0
× 10.5 × 18.0 B32522C3154+*** 4680
5200
4000
0.22
5.0
× 10.5 × 18.0 B32522C3224+*** 4680
5200
4000
0.33
5.0
× 10.5 × 18.0 B32522C3334+*** 4680
5200
4000
0.39
5.0
× 10.5 × 18.0 B32522C3394+*** 4680
5200
4000
0.47
6.0
× 11.0 × 18.0 B32522C3474+*** 3840
4400
4000
0.56
7.0
× 12.5 × 18.0 B32522C3564+*** 3320
3600
4000
B32522
General purpose (stacked/wound)
Page 12 of 43
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32529C0682

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C0682 EPCOS-B32529C0682 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32529C0682 EPCOS-B32529C0682 Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C0682 EPCOS-B32529C0682 Datasheet
887Kb / 45P
   Film Capacitors
B32529C0682 EPCOS-B32529C0682 Datasheet
891Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C0682J000 EPCOS-B32529C0682J000 Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32529C0682

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C1684J289 EPCOS-B32529C1684J289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1473K289 EPCOS-B32529C1473K289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C223J EPCOS-B32529C223J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1152J EPCOS-B32529C1152J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32522N3105K EPCOS-B32522N3105K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32562H6155K EPCOS-B32562H6155K Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C224K EPCOS-B32529C224K Datasheet
1Mb / 31P
   Metallized Polyester Film Capacitors (MKT)
B32562J1225J289 EPCOS-B32562J1225J289 Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C334K EPCOS-B32529C334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C1222J EPCOS-B32529C1222J Datasheet
787Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32522C3334K EPCOS-B32522C3334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com