Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B32529C0682 Datasheet(PDF) 20 Page - TDK Electronics

Part No. B32529C0682
Description  Metallized Polyester Film Capacitors (MKT)
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32529C0682 Datasheet(HTML) 20 Page - TDK Electronics

Back Button B32529C0682 Datasheet HTML 16Page - TDK Electronics B32529C0682 Datasheet HTML 17Page - TDK Electronics B32529C0682 Datasheet HTML 18Page - TDK Electronics B32529C0682 Datasheet HTML 19Page - TDK Electronics B32529C0682 Datasheet HTML 20Page - TDK Electronics B32529C0682 Datasheet HTML 21Page - TDK Electronics B32529C0682 Datasheet HTML 22Page - TDK Electronics B32529C0682 Datasheet HTML 23Page - TDK Electronics B32529C0682 Datasheet HTML 24Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
Pulse handling capability
"dV/dt" represents the maximum permissible voltage change per unit of time for non-sinusoidal
voltages, expressed in V/
µs.
"k0" represents the maximum permissible pulse characteristic of the waveform applied to the
capacitor, expressed in V2/
µs.
Note:
The values of dV/dt and k0 provided below must not be exceeded in order to avoid damaging the
capacitor.
dV/dt values
S = Stacked, W = Wound
Lead spacing 5 mm
7.5 mm
10 mm
15 mm
22.5 mm 27.5 mm 37.5 mm
Technology
S
S
S
W
S
W
W
W
W
VR
VRMS
V DC
V AC dV/dt in V/
µs
50
32
200
63
40
250
120
50
30
3
1
0.8
100
63
300
150
75
50
5
4
3
1
250
160
400
200
150
100
10
8
5
4
400
200
600
275
175
125
10
8.5
6
450
200
20
630
400
800
320
150
15
12
k0 values
S = Stacked, W = Wound
Lead spacing 5 mm
7.5 mm
10 mm
15 mm
22.5 mm 27.5 mm 37.5 mm
Technology
S
S
S
W
S
W
W
W
W
VR
VRMS
V DC
V AC k0 in V2/
µs
50
32
20000
63
40
30000
15000
6300
3800
375
130
100
100
63
60000
30000
15000
10000
850
800
600
200
250
160
200000
100000
75000
50000
5000
4000
2500
2000
400
200
500000
220000 140000
100000
10000
8500
6000
450
200
15000
630
400
1000000
400000
190000
18000
15000
B32520 ... B32529
General purpose (stacked/wound)
Page 20 of 43
Please read Cautions and warnings and
Important notes at the end of this document.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn