Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B32529C0682 Datasheet(PDF) 18 Page - TDK Electronics

Part No. B32529C0682
Description  Metallized Polyester Film Capacitors (MKT)
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32529C0682 Datasheet(HTML) 18 Page - TDK Electronics

Back Button B32529C0682 Datasheet HTML 14Page - TDK Electronics B32529C0682 Datasheet HTML 15Page - TDK Electronics B32529C0682 Datasheet HTML 16Page - TDK Electronics B32529C0682 Datasheet HTML 17Page - TDK Electronics B32529C0682 Datasheet HTML 18Page - TDK Electronics B32529C0682 Datasheet HTML 19Page - TDK Electronics B32529C0682 Datasheet HTML 20Page - TDK Electronics B32529C0682 Datasheet HTML 21Page - TDK Electronics B32529C0682 Datasheet HTML 22Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
Ordering codes and packing units (lead spacing 37.5 mm)
VR
V DC
VRMS
f
≤60 Hz
V AC
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./MOQ
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
J =
±5%
A =
15 ... +5% (220
µF type only)
000 = Untaped (standard lead length 6
1 mm)
400
200
3.3 12.0
× 22.0 × 41.5 B32526R6335+***
1620
4.7 12.0
× 22.0 × 41.5 B32526R6475+***
1620
5.6 24.0
× 15.0 × 41.5 B32526T6565+***
1040
6.8 14.0
× 25.0 × 41.5 B32526R6685+***
1380
8.2 24.0
× 19.0 × 41.5 B32526T6825+***
780
10
18.0
× 32.5 × 41.5 B32526R6106+***
720
15
20.0
× 39.5 × 41.5 B32526R6156+***
640
22
28.0
× 42.5 × 41.5 B32526R6226+***
440
B32526
General purpose (wound)
Page 18 of 43
Please read Cautions and warnings and
Important notes at the end of this document.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn