Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXDN414CI Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXDN414CI
Description  14 Ampere Low-Side Ultrafast MOSFET Drivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN414CI Datasheet(HTML) 1 Page - IXYS Corporation

  IXDN414CI Datasheet HTML 1Page - IXYS Corporation IXDN414CI Datasheet HTML 2Page - IXYS Corporation IXDN414CI Datasheet HTML 3Page - IXYS Corporation IXDN414CI Datasheet HTML 4Page - IXYS Corporation IXDN414CI Datasheet HTML 5Page - IXYS Corporation IXDN414CI Datasheet HTML 6Page - IXYS Corporation IXDN414CI Datasheet HTML 7Page - IXYS Corporation IXDN414CI Datasheet HTML 8Page - IXYS Corporation IXDN414CI Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
• Built using the advantages and compatibility
of CMOS and IXYS HDMOSTM processes
• Latch-Up Protected Over Entire
Operating Range
• High Peak Output Current: 14A Peak
• Wide Operating Range: 4.5V to 25V
• High Capacitive Load
Drive Capability: 15nF in <30ns
• Matched Rise And Fall Times
• Low Propagation Delay Time
• Low Output Impedance
• Low Supply Current
Applications
• Driving MOSFETs and IGBTs
• Motor Controls
• Line Drivers
• Pulse Generators
• Local Power ON/OFF Switch
• Switch Mode Power Supplies (SMPS)
• DC to DC Converters
• Pulse Transformer Driver
• Class D Switching Amplifiers
IXDN414PI / N414CI / N414CM / N414YI / N414YM
IXDI414PI / I414CI / I414CM / I414YI / I414YM
First Release
Copyright © IXYS CORPORATION 2001
General Description
The IXDI414/IXDN414 is a high speed high current gate driver
specifically designed to drive the largest MOSFETs and IGBTs
to their minimum switching time and maximum practical
frequency limits. The IXDI/N414 can source and sink 14A of
peak current while producing voltage rise and fall times of less
than 30ns to drive the latest IXYS MOSFETs & IGBTs. The
input of the driver is compatible with TTL or CMOS and is fully
immune to latch up over the entire operating range. Designed
with small internal delays, a patent-pending circuit virtually
eliminates transistor cross conduction and current shoot-
through. Improved speed and drive capabilities are further
enhanced by very low, matched rise and fall times.
The IXDN414 is configured as a non-inverting gate driver and
the IXDI414 is an inverting gate driver.
The IXDN414/IXDI414 family are available in standard 8 pin
P-DIP (PI), 5-pin TO-220 (CI, CM) and TO-263 (YI, YM)
surface-mount packages.
Figure 1 - IXDN414 14A Non-Inverting Gate Driver Functional Block Diagram
14 Ampere Low-Side Ultrafast MOSFET Drivers
* Patent Pending
N
P
OUT
Vcc
IN
ANTI-CROSS
CONDUCTION
CIRCUIT *
GND
GND
Vcc


Similar Part No. - IXDN414CI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDN402 IXYS-IXDN402 Datasheet
308Kb / 10P
   2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN402PI IXYS-IXDN402PI Datasheet
308Kb / 10P
   2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN402PI IXYS-IXDN402PI Datasheet
221Kb / 10P
   2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN402SI IXYS-IXDN402SI Datasheet
308Kb / 10P
   2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN402SI IXYS-IXDN402SI Datasheet
221Kb / 10P
   2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
More results

Similar Description - IXDN414CI

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
IXD_614 CLARE-IXD_614 Datasheet
1Mb / 14P
   14-Ampere Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDN514SIA IXYS-IXDN514SIA Datasheet
385Kb / 12P
   14 Ampere Low-Side Ultrafast MOSFET Drivers
logo
Clare, Inc.
IXD_630 CLARE-IXD_630 Datasheet
1Mb / 12P
   30-Ampere Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDI509 IXYS-IXDI509 Datasheet
354Kb / 12P
   9 Ampere Low-Side Ultrafast MOSFET Drivers
logo
Clare, Inc.
IXD_609 CLARE-IXD_609 Datasheet
1Mb / 14P
   9-Ampere Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDN402PI IXYS-IXDN402PI Datasheet
221Kb / 10P
   2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN404 IXYS-IXDN404_04 Datasheet
760Kb / 11P
   4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
Clare, Inc.
IXD_602 CLARE-IXD_602 Datasheet
1Mb / 13P
   2-Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDF502 IXYS-IXDF502 Datasheet
409Kb / 12P
   2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDR502 IXYS-IXDR502 Datasheet
216Kb / 11P
   2 Ampere Single Low-Side Ultrafast MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com