Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2931AS-5.0 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2931AS-5.0
Description  Series Low Dropout Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2931AS-5.0 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM2931AS-5.0 Datasheet HTML 5Page - National Semiconductor (TI) LM2931AS-5.0 Datasheet HTML 6Page - National Semiconductor (TI) LM2931AS-5.0 Datasheet HTML 7Page - National Semiconductor (TI) LM2931AS-5.0 Datasheet HTML 8Page - National Semiconductor (TI) LM2931AS-5.0 Datasheet HTML 9Page - National Semiconductor (TI) LM2931AS-5.0 Datasheet HTML 10Page - National Semiconductor (TI) LM2931AS-5.0 Datasheet HTML 11Page - National Semiconductor (TI) LM2931AS-5.0 Datasheet HTML 12Page - National Semiconductor (TI) LM2931AS-5.0 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Typical Performance Characteristics (Continued)
Peak Output Current
Quiescent Current
00525422
00525423
Quiescent Current
Quiescent Current
00525424
00525425
Ripple Rejection
Ripple Rejection
00525426
00525427
www.national.com
9


Similar Part No. - LM2931AS-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2931AS-5.0 NSC-LM2931AS-5.0 Datasheet
411Kb / 18P
   Series Low Dropout Regulators
logo
Texas Instruments
LM2931AS-5.0 TI1-LM2931AS-5.0 Datasheet
447Kb / 19P
[Old version datasheet]   Series Low Dropout Regulators
LM2931AS-5.0 TI1-LM2931AS-5.0 Datasheet
4Mb / 29P
[Old version datasheet]   LM2931-N Series Low Dropout Regulators
LM2931AS-5.0/NOPB TI1-LM2931AS-5.0/NOPB Datasheet
4Mb / 29P
[Old version datasheet]   LM2931-N Series Low Dropout Regulators
More results

Similar Description - LM2931AS-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2931-N TI1-LM2931-N Datasheet
447Kb / 19P
[Old version datasheet]   Series Low Dropout Regulators
logo
National Semiconductor ...
LM2931 NSC-LM2931_05 Datasheet
411Kb / 18P
   Series Low Dropout Regulators
logo
Shenzhen Huazhimei Semi...
HM2915X HMSEMI-HM2915X Datasheet
954Kb / 6P
   Low-Dropout Regulators
logo
Dongguan Pingjingsemi T...
PJ75AL28SQ PJSEMI-PJ75AL28SQ Datasheet
2Mb / 8P
   Low Dropout Regulators
logo
DONGGUAN YOU FENG WEI E...
HT75XX YFWDIODE-HT75XX Datasheet
2Mb / 8P
   Low Dropout Regulators
YFW7321 YFWDIODE-YFW7321 Datasheet
1Mb / 9P
   Low Dropout Regulators
logo
Dongguan Pingjingsemi T...
PJ75AL28SA PJSEMI-PJ75AL28SA Datasheet
5Mb / 8P
   Low Dropout Regulators
PJ75AL28SC PJSEMI-PJ75AL28SC Datasheet
7Mb / 8P
   Low Dropout Regulators
logo
Shenzhen Huazhimei Semi...
HM29150 HMSEMI-HM29150 Datasheet
954Kb / 6P
   Low-Dropout Regulators
logo
Unisonic Technologies
L1119 UTC-L1119 Datasheet
165Kb / 7P
   1.5A LOW DROPOUT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com