Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDH35P150RJE Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # TDH35P150RJE
Description  SMD - DPAK package configu-ration
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TDH35P150RJE Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  TDH35P150RJE Datasheet HTML 1Page - Ohmite Mfg. Co. TDH35P150RJE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
38
characteristics
tDh series
35 Watt DPAK Package
Thick Film Power Surface Mount
Terminal Copper
Terminal Plating Lead Free Solder (97% Tin, 3% Silver)
Resistance Range 0.05Ω to 10KΩ other values on request
Tolerance ±1% to ±10% (0.5% on request)
Max. Operating Voltage 350V
Insulation Resistance 10GΩ min.
Power Rating Depends upon case temperature. See der-
ating curve.
DPAK style power package for surface
mounting applications; 35W power rating
at 25°C case temperature.
Working Temperature
Range
-55°C to +175°C
Solder Process The TDH35P cannot exceed 215°C (260°C
for the TDH35H) for more than 10 seconds
during soldering process.
Derating 100% @ 25°C to 0% @ 150°C curve refer-
enced to case temperature
Dielectric Strength 1,800VAC
Operating Temperature
Range
-55°C to +150°C
Temperature Coefficient 10Ω and above, ±50ppm/°C, referenced to
25°C, ∆R taken at +105°C. Between 1 and
10Ω, ±(100ppm+0.002Ω)/°C, referenced to
25°C, ∆R taken at +105°C. For under 10Ω:
0R6 - 9R9: 100PPM
0R4 - 0R59: 150PPM
0R2 - 0R39: 250PPM
0R1 - 0R19: 500PPM
0R05 - 0R09: 1000PPM
Inductance less than 20 nanohenries
Flatness less than 0.1mm tolerance
Test Condition
Result
Load Life MIL–R–39009, 2,000 hours
∆R ±(1.0%
+0.01Ω)
Moisture
Resistance
MIL–Std–202, Method 106
∆R =(0.5%
+0.01Ω) max.
Short Time
Overload
2 times rated power with
applied voltage not to exceed
1.5 times maximum continu-
ous operating voltage for 5
seconds
∆R ±(0.3%
+0.01Ω) max.
Thermal Shock MIL–Std–202, Method 107,
Cond. F
∆R =(0.3%
+0.01Ω) max.
Terminal
Strength
MIL–Std–202, Method 211,
Cond. A (Pull Test) 2.4N
∆R =(0.2%
+0.01Ω) max.
Vibration, High
Frequency
MIL-Std-202, Method 204,
Cond. D
ΔR =(0.2%
+0.01Ω) max.
Ohmite’s TDH resistor is an economi-
cal solution to intermediate power
application design requirements.
TDH’s reliable thick film on alumina
substrate construction can be easily
heat sinked for higher power perfor-
mance. TDH resistors are ideal for
pulse-loading, pre-charge, bleeder,
and snubber applications.
Fea tures
•35Wattpowerratingat25°C
•SMD-DPAKpackageconfigu-
ration
•Heatresistancetocooling
plate:Rth<4.28°C/W
•Amoldedcaseforenviron-
mental protection.
•Resistorelementiselectrically
insulated from the metal sink
tab.
Soldering note: During surface mount soldering the soldering
temperature profile must not cause the metal tab of this device to
exceed 220°C (260°C for the TDH35H)!
Derating
100
Bottom of base plate Temperature,
°C
60
20
0
0
50
100
25
75
125
80
40
150
175
35
21
7
0
28
14
Derating(thermalresistance):0.23W/°C(4.28°C/W).The
case temperature is to be used for purposes of establishing
the applied power limit. The case temperature measurement
must be made with a thermocouple contacting the center of
the component mounted on the designed heat sink. Thermal
grease should be applied propperly.
(continued)


Similar Part No. - TDH35P150RJE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TDH35P150RJE OHMITE-TDH35P150RJE Datasheet
160Kb / 1P
   35 Watt DPAK Package Thick Film Power Surface Mount
More results

Similar Description - TDH35P150RJE

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
TO-252 CDIL-TO-252 Datasheet
240Kb / 5P
   TO-252 (DPAK) SMD Plastic Package
logo
KEC(Korea Electronics)
B3A45VD KEC-B3A45VD Datasheet
8Kb / 1P
   DPAK PACKAGE
KMB030N30D KEC-KMB030N30D Datasheet
368Kb / 1P
   DPAK PACKAGE
KF1N60I KEC-KF1N60I Datasheet
346Kb / 1P
   DPAK(1) PACKAGE
logo
Alpha & Omega Semicondu...
AOD5B65N1 AOSMD-AOD5B65N1 Datasheet
20Kb / 1P
   TO252(DPAK) PACKAGE MARKING DESCRIPTION
AOD522P AOSMD-AOD522P Datasheet
85Kb / 1P
   TO252(DPAK) PACKAGE MARKING DESCRIPTION
AOD4T60 AOSMD-AOD4T60 Datasheet
85Kb / 1P
   TO252(DPAK) PACKAGE MARKING DESCRIPTION
logo
Okaya Electric America,...
RE1601-001 OKAYA-RE1601-001 Datasheet
270Kb / 1P
   Duty ration : 1/16
logo
Alpha & Omega Semicondu...
AOD4158P AOSMD-AOD4158P Datasheet
87Kb / 1P
   TO252(DPAK) PACKAGE MARKING DESCRIPTION
AOD2544 AOSMD-AOD2544 Datasheet
84Kb / 1P
   TO252(DPAK) PACKAGE MARKING DESCRIPTION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com