Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEH70P150RJE Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # TEH70P150RJE
Description  Low thermal resistance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TEH70P150RJE Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  TEH70P150RJE Datasheet HTML 1Page - Ohmite Mfg. Co. TEH70P150RJE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
152
0.63"
(15.90mm)
0.83"
(21.08mm)
0.25"
(6.24mm)
ø0.15"
(ø3.84mm)
0.80"
(20.32mm)
0.08"
(2.03mm)
0.05"
(1.22mm)
Connected to
heatsink for
grounding
0.43"
(10.82mm)
0.20"
(5.08mm)
0.09"
(2.29mm)
0.21"
(5.41mm)
P style
(standard)
M style
(optional)
0.025"
(0.64mm)
������������
Series
Tolerance
J= 5%
Package Code
P = three terminals
M = two terminals
Ohms
R = Decimal
Example:
10R2 = 10.2 ohms
100R = 100 ohms
15K0 = 15,000 ohms
RoHS Compliant
Non-compliant
version unavailble
Standard Part Numbers
P-type
M-type
Ohms
3-terminal
2-terminal
2
TEH70P2R00JE
TEH70M2R00JE
3
TEH70P3R00JE
TEH70M3R00JE
4
TEH70P4R00JE
5
TEH70P5R00JE
TEH70M5R00JE
7.5
TEH70P7R50JE
TEH70M7R50JE
10
TEH70P10R0JE
TEH70M10R0JE
15
TEH70P15R0JE
TEH70M15R0JE
20
TEH70P20R0JE
24
TEH70P24R0JE
TEH70M24R0JE
33
TEH70M33R0JE
39
TEH70M39R0JE
47
TEH70P47R0JE
TEH70M47R0JE
68
TEH70P68R0JE
TEH70M68R0JE
75
TEH70M75R0JE
100
TEH70P100RJE
TEH70M100RJE
150
TEH70P150RJE
TEH70M150RJE
270
TEH70P270RJE
TEH70M270RJE
470
TEH70P470RJE
TEH70M470RJE
680
TEH70M680RJE
750
TEH70P750RJE
TEH70M750RJE
1000
TEH70P1K00JE
TEH70M1K00JE
1500
TEH70P1K50JE
TEH70M1K50JE
2000
TEH70P2K00JE
TEH70M2K00JE
3000
TEH70M3K00JE
5000
TEH70P5K00JE
TEH70M5K00JE
7500
TEH70P7K50JE
10000
TEH70M10K0JE
TEH70 Series
70 Watt TO247 Package
Thick Film Power
dim E n S ion S
(in./mm)
ord E ring in F ormaT ion


Similar Part No. - TEH70P150RJE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TEH70P150RJE OHMITE-TEH70P150RJE Datasheet
98Kb / 1P
   70 Watt TO247 Package Thick Film Power
More results

Similar Description - TEH70P150RJE

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
   Low thermal resistance
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
   Low thermal resistance
April 2017 Rev 3
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
   Low thermal resistance
June 2014 Rev 1
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
   Low thermal resistance
April 2014 Rev 4
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
   Low Thermal Resistance
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
   Low thermal resistance
logo
Integrated Technology F...
TCS080T ITF-TCS080T Datasheet
106Kb / 1P
   Low thermal resistance
logo
Vishay Siliconix
IRFIBC40GLC VISHAY-IRFIBC40GLC Datasheet
890Kb / 9P
   Low thermal resistance
Rev. B, 02-May-16
logo
STMicroelectronics
STTH8S12 STMICROELECTRONICS-STTH8S12 Datasheet
235Kb / 8P
   Low thermal resistance
September 2014 Rev 1
STGW80V60DF STMICROELECTRONICS-STGW80V60DF Datasheet
1Mb / 18P
   Low thermal resistance
January 2014 Rev 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com