Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSU111 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSU111
Description  Nanopower (900 nA), high accuracy (150 쨉V) 5 V CMOS operational amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSU111 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSU111 Datasheet HTML 2Page - STMicroelectronics TSU111 Datasheet HTML 3Page - STMicroelectronics TSU111 Datasheet HTML 4Page - STMicroelectronics TSU111 Datasheet HTML 5Page - STMicroelectronics TSU111 Datasheet HTML 6Page - STMicroelectronics TSU111 Datasheet HTML 7Page - STMicroelectronics TSU111 Datasheet HTML 8Page - STMicroelectronics TSU111 Datasheet HTML 9Page - STMicroelectronics TSU111 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Electrical characteristics
TSU111
6/30
DocID029790 Rev 2
Notes:
(1)Typical value is based on the Vio drift observed after 1000h at 85 °C extrapolated to 25 °C using the Arrhenius law and
assuming an activation energy of 0.7 eV. The operational amplifier is aged in follower mode configuration
(2)Guaranteed by design


Similar Part No. - TSU111

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSU111H STMICROELECTRONICS-TSU111H Datasheet
27Mb / 31P
   High temperature (150 °C) and long mission profile automotive grade, high accuracy (250 μV) 5 V CMOS operational amplifier
Rev 1 - December 2022
TSU111HYLT STMICROELECTRONICS-TSU111HYLT Datasheet
27Mb / 31P
   High temperature (150 °C) and long mission profile automotive grade, high accuracy (250 μV) 5 V CMOS operational amplifier
Rev 1 - December 2022
More results

Similar Description - TSU111

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSU112IY STMICROELECTRONICS-TSU112IY Datasheet
1Mb / 32P
   Automotive grade, nanopower (920 nA), high accuracy (150 關V) 5 V CMOS operational amplifier
Rev 1 - March 2021
logo
Texas Instruments
LPV521 TI1-LPV521_16 Datasheet
1Mb / 34P
[Old version datasheet]   NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
logo
STMicroelectronics
TSV731 STMICROELECTRONICS-TSV731 Datasheet
1Mb / 29P
   High accuracy (200 關V) micropower 60 關A, 900 kHz 5 V CMOS operational amplifiers
March 2013 Rev 2
logo
Texas Instruments
LPV521 TI-LPV521_15 Datasheet
1Mb / 33P
[Old version datasheet]   LPV521 NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
logo
STMicroelectronics
TSU111H STMICROELECTRONICS-TSU111H Datasheet
27Mb / 31P
   High temperature (150 °C) and long mission profile automotive grade, high accuracy (250 μV) 5 V CMOS operational amplifier
Rev 1 - December 2022
logo
Texas Instruments
TLV8544 TI1-TLV8544 Datasheet
307Kb / 18P
[Old version datasheet]   500 nA RRIO Nanopower Operational Amplifier for Cost-Optimized Systems
logo
National Semiconductor ...
LPV521 NSC-LPV521 Datasheet
1Mb / 22P
   Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
logo
Texas Instruments
LPV542 TI-LPV542 Datasheet
1Mb / 29P
[Old version datasheet]   LPV542 Dual Nanopower 1.8 V, 490nA, RRIO CMOS Operational Amplifier
LPV521MGX TI-LPV521MGX Datasheet
1Mb / 29P
[Old version datasheet]   LPV521 Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
TLV522 TI1-TLV522 Datasheet
1Mb / 22P
[Old version datasheet]   TLV522 Dual Nanopower, 500nA, RRIO CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com